Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

91MT140KPBF Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 91MT140KPBF
Description  Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

91MT140KPBF Datasheet(HTML) 7 Page - Vishay Siliconix

  91MT140KPBF Datasheet HTML 1Page - Vishay Siliconix 91MT140KPBF Datasheet HTML 2Page - Vishay Siliconix 91MT140KPBF Datasheet HTML 3Page - Vishay Siliconix 91MT140KPBF Datasheet HTML 4Page - Vishay Siliconix 91MT140KPBF Datasheet HTML 5Page - Vishay Siliconix 91MT140KPBF Datasheet HTML 6Page - Vishay Siliconix 91MT140KPBF Datasheet HTML 7Page - Vishay Siliconix 91MT140KPBF Datasheet HTML 8Page - Vishay Siliconix 91MT140KPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 94353
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 13-Aug-08
7
5.MT...KPbF, 9.MT...KPbF, 11.MT...KPbF Series
Three Phase Controlled Bridge
(Power Modules), 55 A to 110 A
Vishay High Power Products
Fig. 14 - Maximum Non-Repetitive Surge Current
Fig. 15 - Maximum Non-Repetitive Surge Current
Fig. 16 - Thermal Impedance ZthJC Characteristics
Fig. 17 - Gate Characteristics
Number of Equal Amplitude Half
Cycle Current Pulses (N)
10
100
1
At any rated load condition and with
rated V
RRM applied following surge.
94353_14
11.MT..K Series
Per junction
1000
400
700
500
800
600
900
Initial T
J = 125 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
Pulse Train Duration (s)
0.01
0.1
1.0
Initial T
J = 125 °C
No voltage reapplied
Rated V
RRM reapplied
Maximum non-repetitive surge current
versus pulse train duration. Control
of conduction may not be maintained.
11.MT..K Series
Per junction
1200
1000
400
94353_15
600
500
800
1100
700
900
0.001
0.01
0.1
1
10
0.001
94353_16
0.01
0.1
1
Square Wave Pulse Duration (s)
10
Per junction
5.MT..K Series
11.MT..K Series
9.MT..K Series
Steady state value
R
thJC = 1.07 K/W
R
thJC = 0.86 K/W
R
thJC = 0.70 K/W
(DC operation)
0.01
94353_17
0.1
1
10
0.001
0.01
0.1
1
Instantaneous Gate Current (A)
1000
100
10
(b)
(a)
(4)
(3)
(2)
(1)
V
GD
I
GD
Frequency Limited by P
G(AV)
5.MT...K, 9.MT...K, 11.MT...K Series
Rectangular gate pulse
a) Recommended load line for
rated dI/dt: 20 V, 30
Ω;
t
r = 0.5 μs, tp ≥ 6 μs
b) Recommended load line for
≤ 30 % rated dI/dt: 20 V, 65
Ω
t
r = 1 μs, tp ≥ 6 μs
(1) P
GM = 100 W, tp = 500 μs
(2) P
GM = 50 W, tp = 1 ms
(3) P
GM = 20 W, tp = 25 ms
(4) P
GM = 10 W, tp = 5 ms


Similar Part No. - 91MT140KPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
91MT140KB IRF-91MT140KB Datasheet
121Kb / 9P
   THREE PHASE CONTROLLED BRIDGE
91MT140KBS90 IRF-91MT140KBS90 Datasheet
121Kb / 9P
   THREE PHASE CONTROLLED BRIDGE
More results

Similar Description - 91MT140KPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-5.MT...KPBF VISHAY-VS-5.MT...KPBF Datasheet
226Kb / 10P
   Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
01-Jan-2022
VS-5MTKPBF VISHAY-VS-5MTKPBF Datasheet
228Kb / 10P
   Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
01-Jan-2019
VS-5.MT...KPBF VISHAY-VS-5.MT...KPBF_V01 Datasheet
233Kb / 10P
   Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
01-Jan-2023
VS-90-110MT.KPBF VISHAY-VS-90-110MT.KPBF_V01 Datasheet
213Kb / 8P
   Three Phase Bridge (Power Modules), 90 A/110 A
01-Jan-2022
VS-90-110MT.KPBF VISHAY-VS-90-110MT.KPBF_V02 Datasheet
212Kb / 8P
   Three Phase Bridge (Power Modules), 90 A/110 A
01-Jan-2023
90MT80KPBF VISHAY-90MT80KPBF Datasheet
132Kb / 6P
   Three Phase Bridge (Power Modules), 90/110 A
Revision: 29-Apr-08
90-110MT.KPBF VISHAY-90-110MT.KPBF Datasheet
171Kb / 8P
   Three Phase Bridge (Power Modules), 90/110 A
Revision: 29-Apr-08
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF Datasheet
157Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
Revision: 16-Jul-14
VS-26MT100 VISHAY-VS-26MT100 Datasheet
170Kb / 7P
   Three Phase Bridge (Power Modules), 25 A to 35 A
Revision: 22-Jan-14
VS-130-160MTKPBF VISHAY-VS-130-160MTKPBF_V01 Datasheet
176Kb / 8P
   Three Phase Bridge, 130 A to 160 A (Power Modules)
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com