Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R05-510A-330 Datasheet(PDF) 4 Page - Magnetrol International, Inc.

Part # R05-510A-330
Description  Pulse Burst Radar Level Transmitter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

R05-510A-330 Datasheet(HTML) 4 Page - Magnetrol International, Inc.

  R05-510A-330 Datasheet HTML 1Page - Magnetrol International, Inc. R05-510A-330 Datasheet HTML 2Page - Magnetrol International, Inc. R05-510A-330 Datasheet HTML 3Page - Magnetrol International, Inc. R05-510A-330 Datasheet HTML 4Page - Magnetrol International, Inc. R05-510A-330 Datasheet HTML 5Page - Magnetrol International, Inc. R05-510A-330 Datasheet HTML 6Page - Magnetrol International, Inc. R05-510A-330 Datasheet HTML 7Page - Magnetrol International, Inc. R05-510A-330 Datasheet HTML 8Page - Magnetrol International, Inc. R05-510A-330 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
4
58-601 Pulsar® Radar Transmitter
1.0
QuickStart Installation
The QuickStart Installation procedures provide the key
steps for mounting, wiring, and configuring the PULSAR
radar level transmitter. These procedures are intended for
experienced installers of electronic level measurement
instruments. See Complete Installation, Section 2.0, for
detailed installation instructions.
1.1
Getting Started
Before beginning the QuickStart Installation procedures,
have the right equipment, tools, and information available.
1.1.1 Equipment and Tools
No special tools are needed. The following items are
recommended:
• Threaded antenna and transmitter . . . . . . 2" (50 mm)
• Transmitter/antenna connection. . . . . . . . 134" (44 mm)
• Transmitter adjustment . . . . . . . . . . . . . . 118" (28 mm),
3
32" (2.5 mm) Hex
• Torque wrench . . . . . . . . . . . . . . . . . . . . . highly desirable
• Flat-blade screwdriver
• Digital multimeter or volt/ammeter . . . . . Optional
• 24 VDC (23 mA) power supply. . . . . . . . Optional


Similar Part No. - R05-510A-330

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R05-100B RECOM-R05-100B Datasheet
90Kb / 3P
   High Output Voltage DIP24 converter
logo
Ohmite Mfg. Co.
R05-1R OHMITE-R05-1R Datasheet
798Kb / 2P
   35 Watts TO-220 High Power Resistors
logo
List of Unclassifed Man...
R05-CR1 ETC-R05-CR1 Datasheet
1Mb / 8P
   Miniature Circular Connectors
R05-CR2 ETC-R05-CR2 Datasheet
1Mb / 8P
   Miniature Circular Connectors
R05-CR3 ETC-R05-CR3 Datasheet
1Mb / 8P
   Miniature Circular Connectors
More results

Similar Description - R05-510A-330

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
R82-510A-012 MAGNETROL-R82-510A-012 Datasheet
1Mb / 48P
   Pulse Burst Radar Level Transmitter
R95-510A-110 MAGNETROL-R95-510A-110 Datasheet
1Mb / 16P
   Pulse Burst Radar Level Transmitter
R82-510A-011 MAGNETROL-R82-510A-011 Datasheet
1Mb / 12P
   Model R82 Pulse Burst Radar Level Transmitter
705-5100-121 MAGNETROL-705-5100-121 Datasheet
1Mb / 56P
   GuidedWave Radar Level Transmitter
704-5010-130 MAGNETROL-704-5010-130 Datasheet
1Mb / 36P
   GuidedWave Radar Level Transmitter
logo
TEMEX
DSH01 TEMEX-DSH01 Datasheet
1,001Kb / 8P
   Pulse compression RADAR RF pulse expander FMCW RADAR
logo
Magnetrol International...
704-5010-131 MAGNETROL-704-5010-131 Datasheet
484Kb / 12P
   Horizon??Model 704 Guided Wave Radar Level Transmitter
705-5100-111 MAGNETROL-705-5100-111 Datasheet
1Mb / 28P
   Eclipse짰 Enhanced Model 705 Guided Wave Radar Level Transmitter
logo
Schneider Electric
LR65 SCHNEIDER-LR65 Datasheet
91Kb / 2P
   Non-contact radar level transmitter for powders and dusty atmospheres
Apr 26, 2022
LR74 SCHNEIDER-LR74 Datasheet
79Kb / 2P
   Non-contact radar level transmitter for agitated and corrosive liquids
Apr 26, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com