Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R95-510A-130 Datasheet(PDF) 6 Page - Magnetrol International, Inc.

Part # R95-510A-130
Description  Pulse Burst Radar Level Transmitter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

R95-510A-130 Datasheet(HTML) 6 Page - Magnetrol International, Inc.

Back Button R95-510A-130 Datasheet HTML 2Page - Magnetrol International, Inc. R95-510A-130 Datasheet HTML 3Page - Magnetrol International, Inc. R95-510A-130 Datasheet HTML 4Page - Magnetrol International, Inc. R95-510A-130 Datasheet HTML 5Page - Magnetrol International, Inc. R95-510A-130 Datasheet HTML 6Page - Magnetrol International, Inc. R95-510A-130 Datasheet HTML 7Page - Magnetrol International, Inc. R95-510A-130 Datasheet HTML 8Page - Magnetrol International, Inc. R95-510A-130 Datasheet HTML 9Page - Magnetrol International, Inc. R95-510A-130 Datasheet HTML 10Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
6
58-601 Pulsar® Radar Transmitter
1.2
QuickStart Mounting
NOTE: Confirm the configuration style and process connection (size
and type) of the PULSAR radar transmitter. Make sure it matches
the requirements of the installation before continuing with the
QuickStart installation.
ΠConfirm the model and serial numbers on the nameplates
of PULSAR electronics and antenna are identical.
1.2.1 Antenna
 Carefully place the antenna into the vessel. Mount in a
location equal to 12 the radius of tank top. Do not mount in
center of vessel nor closer than 18" (45 cm) of tank wall.
Ž Secure the antenna to the vessel.
 Leave the protective plastic cap in place until ready to
install the transmitter.
NOTE: Do not use sealing compound or TFE tape on antenna connec-
tion to transmitter. This connection is sealed by a Viton® O-ring.
1.2.2 Transmitter
1. Remove the protective plastic cap from the top of the
antenna and store for future use. Make sure the bottom of
the Universal connector (TFE)
 and inside of the antenna
are clean and dry. Clean with isopropyl alcohol and cotton
swabs if necessary.
2. Place the transmitter on the antenna.
3. Ensure the housing/launcher set screw is loose and the
housing can be turned. Align the antenna index mark so it
is at an angle of 45° to a line from the radar unit to the
nearest tank wall. Do not optimize the Quality (signal
strength) at one level in the vessel.
4. Rotate the transmitter so that it is in the most convenient
position for wiring, configuring, and viewing.
5. While keeping the housing and launcher aligned, tighten
both the housing/launcher set screw and large Universal
connector Hex nut. Tighten the universal connector to
30 ft./lbs of force. A torque wrench is highly desirable.
DO NOT LEAVE HAND TIGHT.
• Do not place insulating material around any part of the
Radar transmitter including the antenna flange.
1.3
QuickStart Wiring
WARNING! Explosion hazard. Do not remove covers unless power
has been switched off or the area is known to be non-
hazardous.
NOTE: Make sure the electrical wiring to the PULSAR radar transmitter
is complete and in compliance with all regulations and codes.

Œ
Ž

Œ

Set Screw
Universal
Connector
Index
Mark
1 dot: GP/IS
2 dots: XP


Similar Part No. - R95-510A-130

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
R95-510A-110 MAGNETROL-R95-510A-110 Datasheet
1Mb / 16P
   Pulse Burst Radar Level Transmitter
More results

Similar Description - R95-510A-130

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
R82-510A-012 MAGNETROL-R82-510A-012 Datasheet
1Mb / 48P
   Pulse Burst Radar Level Transmitter
R95-510A-110 MAGNETROL-R95-510A-110 Datasheet
1Mb / 16P
   Pulse Burst Radar Level Transmitter
R82-510A-011 MAGNETROL-R82-510A-011 Datasheet
1Mb / 12P
   Model R82 Pulse Burst Radar Level Transmitter
705-5100-121 MAGNETROL-705-5100-121 Datasheet
1Mb / 56P
   GuidedWave Radar Level Transmitter
704-5010-130 MAGNETROL-704-5010-130 Datasheet
1Mb / 36P
   GuidedWave Radar Level Transmitter
logo
TEMEX
DSH01 TEMEX-DSH01 Datasheet
1,001Kb / 8P
   Pulse compression RADAR RF pulse expander FMCW RADAR
logo
Magnetrol International...
704-5010-131 MAGNETROL-704-5010-131 Datasheet
484Kb / 12P
   Horizon??Model 704 Guided Wave Radar Level Transmitter
705-5100-111 MAGNETROL-705-5100-111 Datasheet
1Mb / 28P
   Eclipse짰 Enhanced Model 705 Guided Wave Radar Level Transmitter
logo
Schneider Electric
LR65 SCHNEIDER-LR65 Datasheet
91Kb / 2P
   Non-contact radar level transmitter for powders and dusty atmospheres
Apr 26, 2022
LR74 SCHNEIDER-LR74 Datasheet
79Kb / 2P
   Non-contact radar level transmitter for agitated and corrosive liquids
Apr 26, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com