Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

51MT140KPBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 51MT140KPBF
Description  Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

51MT140KPBF Datasheet(HTML) 2 Page - Vishay Siliconix

  51MT140KPBF Datasheet HTML 1Page - Vishay Siliconix 51MT140KPBF Datasheet HTML 2Page - Vishay Siliconix 51MT140KPBF Datasheet HTML 3Page - Vishay Siliconix 51MT140KPBF Datasheet HTML 4Page - Vishay Siliconix 51MT140KPBF Datasheet HTML 5Page - Vishay Siliconix 51MT140KPBF Datasheet HTML 6Page - Vishay Siliconix 51MT140KPBF Datasheet HTML 7Page - Vishay Siliconix 51MT140KPBF Datasheet HTML 8Page - Vishay Siliconix 51MT140KPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
For technical questions, contact: indmodules@vishay.com
Document Number: 94353
2
Revision: 13-Aug-08
5.MT...KPbF, 9.MT...KPbF, 11.MT...KPbF Series
Vishay High Power Products Three Phase Controlled Bridge
(Power Modules), 55 A to 110 A
ELECTRICAL SPECIFICATIONS
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM
REPETITIVE PEAK
REVERSE VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE PEAK
REVERSE VOLTAGE
V
VDRM, MAXIMUM REPETITIVE
PEAK OFF-STATE VOLTAGE,
GATE OPEN CIRCUIT
V
IRRM/IDRM,
MAXIMUM
AT TJ = 125 °C
mA
5.MT...K
80
800
900
800
10
100
1000
1100
1000
120
1200
1300
1200
140
1400
1500
1400
160
1600
1700
1600
9.MT...K
11.MT...K
80
800
900
800
20
100
1000
1100
1000
120
1200
1300
1200
140
1400
1500
1400
160
1600
1700
1600
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
5.MT...K
9.MT...K
11.MT...K
UNITS
Maximum DC output
current at case temperature
IO
120° rect. conduction angle
55
90
110
A
85
85
85
°C
Maximum peak, one-cycle
forward, non-repetitive
on state surge current
ITSM
t = 10 ms
No voltage
reapplied
Initial TJ = TJ maximum
390
950
1130
A
t = 8.3 ms
410
1000
1180
t = 10 ms
100 % VRRM
reapplied
330
800
950
t = 8.3 ms
345
840
1000
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
770
4525
6380
A2s
t = 8.3 ms
700
4130
5830
t = 10 ms
100 % VRRM
reapplied
540
3200
4510
t = 8.3 ms
500
2920
4120
Maximum I2
√t for fusing
I2
√t
t = 0.1 ms to 10 ms, no voltage reapplied
7700
45 250
63 800
A2
√s
Low level value of
threshold voltage
VT(TO)1
(16.7 % x
π x IT(AV) < I < π x IT(AV)), TJ maximum
1.17
1.09
1.04
V
High level value of
threshold voltage
VT(TO)2
(I >
π x IT(AV)), TJ maximum
1.45
1.27
1.27
Low level value on-state
slope resistance
rt1
(16.7 % x
π x IT(AV) < I < π x IT(AV)), TJ maximum
12.40
4.10
3.93
m
Ω
High level value on-state
slope resistance
rt2
(I >
π x IT(AV)), TJ maximum
11.04
3.59
3.37
Maximum on-state
voltage drop
VTM
Ipk = 150 A, TJ = 25 °C, tp = 400 μs single junction
2.68
1.65
1.57
V
Maximum non-repetitve
rate of rise of turned on
current
dI/dt
TJ = 25 °C, from 0.67 VDRM, ITM =
π x IT(AV),
Ig = 500 mA, tr < 0.5 μs, tp > 6 μs
150
A/μs
Maximum holding current
IH
TJ = 25 °C, anode supply = 6 V,
resistive load, gate open circuit
200
mA
Maximum latching current
IL
TJ = 25 °C, anode supply = 6 V, resistive load
400


Similar Part No. - 51MT140KPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
51MT140KB IRF-51MT140KB Datasheet
121Kb / 9P
   THREE PHASE CONTROLLED BRIDGE
51MT140KBS90 IRF-51MT140KBS90 Datasheet
121Kb / 9P
   THREE PHASE CONTROLLED BRIDGE
More results

Similar Description - 51MT140KPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-5.MT...KPBF VISHAY-VS-5.MT...KPBF Datasheet
226Kb / 10P
   Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
01-Jan-2022
VS-5MTKPBF VISHAY-VS-5MTKPBF Datasheet
228Kb / 10P
   Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
01-Jan-2019
VS-5.MT...KPBF VISHAY-VS-5.MT...KPBF_V01 Datasheet
233Kb / 10P
   Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
01-Jan-2023
VS-90-110MT.KPBF VISHAY-VS-90-110MT.KPBF_V01 Datasheet
213Kb / 8P
   Three Phase Bridge (Power Modules), 90 A/110 A
01-Jan-2022
VS-90-110MT.KPBF VISHAY-VS-90-110MT.KPBF_V02 Datasheet
212Kb / 8P
   Three Phase Bridge (Power Modules), 90 A/110 A
01-Jan-2023
90MT80KPBF VISHAY-90MT80KPBF Datasheet
132Kb / 6P
   Three Phase Bridge (Power Modules), 90/110 A
Revision: 29-Apr-08
90-110MT.KPBF VISHAY-90-110MT.KPBF Datasheet
171Kb / 8P
   Three Phase Bridge (Power Modules), 90/110 A
Revision: 29-Apr-08
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF Datasheet
157Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
Revision: 16-Jul-14
VS-26MT100 VISHAY-VS-26MT100 Datasheet
170Kb / 7P
   Three Phase Bridge (Power Modules), 25 A to 35 A
Revision: 22-Jan-14
VS-130-160MTKPBF VISHAY-VS-130-160MTKPBF_V01 Datasheet
176Kb / 8P
   Three Phase Bridge, 130 A to 160 A (Power Modules)
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com