Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R95-510A-110 Datasheet(PDF) 9 Page - Magnetrol International, Inc.

Part # R95-510A-110
Description  Pulse Burst Radar Level Transmitter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

R95-510A-110 Datasheet(HTML) 9 Page - Magnetrol International, Inc.

Back Button R95-510A-110 Datasheet HTML 5Page - Magnetrol International, Inc. R95-510A-110 Datasheet HTML 6Page - Magnetrol International, Inc. R95-510A-110 Datasheet HTML 7Page - Magnetrol International, Inc. R95-510A-110 Datasheet HTML 8Page - Magnetrol International, Inc. R95-510A-110 Datasheet HTML 9Page - Magnetrol International, Inc. R95-510A-110 Datasheet HTML 10Page - Magnetrol International, Inc. R95-510A-110 Datasheet HTML 11Page - Magnetrol International, Inc. R95-510A-110 Datasheet HTML 12Page - Magnetrol International, Inc. R95-510A-110 Datasheet HTML 13Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AGENCY
MODEL
PROTECTION METHOD
AREA CLASSIFICATION
A G E N C Y
A P P R O V A L S
9
FM
RX5-5X0A-1X0
Intrinsically Safe
Class
I, Div. 1; Groups A, B, C, & D
Class
II, Div. 1; Groups E, F, & G
Class
III, NEMA 4X, T4 @80°C
Entity
RX5-5X0A-3X0
Explosion Proof
Class
I, Div. 1; Groups B, C & D
Class
II, Div. 1; Groups E, F, & G
Class
III, NEMA 4X, T5 @80°C
RX5-5X0A-XX0
Non-Incendive
Œ
Class
I, Div. 2; Groups A, B, C, & D
Class
II, Div. 2; Groups F & G
Class
III, NEMA 4X
CSA
RX5-5X0A-1X0
Intrinsically Safe

Class
I, Div. 1; Groups A, B, C, & D
Class
II, Div. 1; Groups E, F & G
Class
III, Type 4X, T4 @80°C
Entity
RX5-5X0A-3X0
Explosion Proof

Class
I, Div. 1; Groups B, C & D
Class
II, Div. 1; Groups E, F, & G
Class
III, Type 4X, T5 @80°C
RX5-5X0A-XX0
Non-Incendive
Œ
Class
I, Div. 2; Groups A, B, C, & D
Class
II, Div. 2; Groups E, F, & G
Class
III, Type 4X, T4 @80°C
ATEX
R05-5X0A-AX0
Intrinsically Safe
Ž
ATEX
II 1G EEx ia IIC T4 @70°C
IEC Ex ia
IIC T4@70°C
R05-5X0A-CX0
Explosion Proof

ATEX
II 1/2G EEx d IIC T6 @70°C
These units have been tested to EN 61326: 1997+A1+A2
and are in compliance with the EMC Directive 2004/108/EC.
COMMUNICATIONS APPROVALS
ATEX/IEC Entity Parameters
Region
Agency
Frequency
US
FCC
6.3 Ghz
Canada
IC
6.3 Ghz
Europe
RTTE
5.8 Ghz
Vi
28.4VDC
li
120mA
Pi
0.84w
Ci
2.2nF
Li
430
µH
PULSAR
Model RX5
SIL
1 as 1oo1
Instrument Type
B
SFF
73.7%
PFDavg
9.72E-04
FITS
Annual
Fail Dangerous Undetected
222
1.94E-03
Fail Dangerous Detected
308
2.70E-03
Safe
314
2.75E-03
ΠMeasured media inside vessel must be non-flammable only.
 The antenna complies with Canadian Electrical Code requirements
of ANSI/ISA 12.27.01-2003 as a single seal device.
Special conditions for safe use:
Ž Ex ia
When an insulated probe is used in a potentially explosive atmosphere
caused by gas, damp or a non-conducting liquid, precautions must
be taken to avoid ignition due to hazardous electrostatic charges.
 Ex d
When the transmitter enclosure that is made of aluminum alloy is
installed in a potentially explosive atmosphere, requiring the use of
apparatus of equipment category 1G, it shall be installed so that in
the event of rare incidents, an ignition source due to impact or friction
between the enclosure and iron/steel is excluded.
The transmitter’s antenna shall be installed so that electrostatic
discharges are prevented.
SIL


Similar Part No. - R95-510A-110

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
R95-510A-130 MAGNETROL-R95-510A-130 Datasheet
1Mb / 48P
   Pulse Burst Radar Level Transmitter
More results

Similar Description - R95-510A-110

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
R95-510A-130 MAGNETROL-R95-510A-130 Datasheet
1Mb / 48P
   Pulse Burst Radar Level Transmitter
R82-510A-012 MAGNETROL-R82-510A-012 Datasheet
1Mb / 48P
   Pulse Burst Radar Level Transmitter
R82-510A-011 MAGNETROL-R82-510A-011 Datasheet
1Mb / 12P
   Model R82 Pulse Burst Radar Level Transmitter
705-5100-121 MAGNETROL-705-5100-121 Datasheet
1Mb / 56P
   GuidedWave Radar Level Transmitter
704-5010-130 MAGNETROL-704-5010-130 Datasheet
1Mb / 36P
   GuidedWave Radar Level Transmitter
logo
TEMEX
DSH01 TEMEX-DSH01 Datasheet
1,001Kb / 8P
   Pulse compression RADAR RF pulse expander FMCW RADAR
logo
Magnetrol International...
704-5010-131 MAGNETROL-704-5010-131 Datasheet
484Kb / 12P
   Horizon??Model 704 Guided Wave Radar Level Transmitter
705-5100-111 MAGNETROL-705-5100-111 Datasheet
1Mb / 28P
   Eclipse짰 Enhanced Model 705 Guided Wave Radar Level Transmitter
logo
Schneider Electric
LR65 SCHNEIDER-LR65 Datasheet
91Kb / 2P
   Non-contact radar level transmitter for powders and dusty atmospheres
Apr 26, 2022
LR74 SCHNEIDER-LR74 Datasheet
79Kb / 2P
   Non-contact radar level transmitter for agitated and corrosive liquids
Apr 26, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com