Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80EPF04 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 80EPF04
Description  Fast Soft Recovery Rectifier Diode, 80 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

80EPF04 Datasheet(HTML) 6 Page - Vishay Siliconix

  80EPF04 Datasheet HTML 1Page - Vishay Siliconix 80EPF04 Datasheet HTML 2Page - Vishay Siliconix 80EPF04 Datasheet HTML 3Page - Vishay Siliconix 80EPF04 Datasheet HTML 4Page - Vishay Siliconix 80EPF04 Datasheet HTML 5Page - Vishay Siliconix 80EPF04 Datasheet HTML 6Page - Vishay Siliconix 80EPF04 Datasheet HTML 7Page - Vishay Siliconix 80EPF04 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94106
6
Revision: 05-Jun-08
80EPF..PbF Soft Recovery Series
Vishay High Power Products
Fast Soft Recovery
Rectifier Diode, 80 A
ORDERING INFORMATION TABLE
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95223
Part marking information
http://www.vishay.com/doc?95226
1
-
Current rating (80 = 80 A)
2
-
Circuit configuration:
E = Single diode
3
-
Package:
P = TO-247AC
4
-
Type of silicon:
F = Fast diode
5
-
Voltage code x 100 = VRRM
6
-
None = Standard production
PbF = Lead (Pb)-free
02 = 200 V
04 = 400 V
06 = 600 V
Device code
5
13
24
6
80
E
P
F
06
PbF


Similar Part No. - 80EPF04

ManufacturerPart #DatasheetDescription
logo
International Rectifier
80EPF04 IRF-80EPF04 Datasheet
144Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
More results

Similar Description - 80EPF04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
80EPF10PBF VISHAY-80EPF10PBF Datasheet
209Kb / 8P
   Fast Soft Recovery Rectifier Diode, 80 A
Revision: 05-Jun-08
VS-80APF1-M3 VISHAY-VS-80APF1-M3 Datasheet
216Kb / 8P
   Fast Soft Recovery Rectifier Diode, 80 A
01-Jan-2022
VS-80APF0PBF VISHAY-VS-80APF0PBF Datasheet
241Kb / 8P
   Fast Soft Recovery Rectifier Diode, 80 A
Revision: 11-Feb-16
VS-80APF1PBF VISHAY-VS-80APF1PBF Datasheet
206Kb / 8P
   Fast Soft Recovery Rectifier Diode, 80 A
Revision: 06-Feb-14
VS-80APF0-M3 VISHAY-VS-80APF0-M3 Datasheet
247Kb / 8P
   Fast Soft Recovery Rectifier Diode, 80 A
01-Jan-2022
VS-20ETF0PBF VISHAY-VS-20ETF0PBF Datasheet
337Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 11-Feb-16
VS-60.PF0.PBF VISHAY-VS-60.PF0.PBF Datasheet
264Kb / 9P
   Fast Soft Recovery Rectifier Diode, 60 A
Revision: 11-Feb-16
VS-10ETF0PBF VISHAY-VS-10ETF0PBF Datasheet
252Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 11-Feb-16
VS-20ETFFPPBF VISHAY-VS-20ETFFPPBF Datasheet
222Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 11-Feb-16
VS-10ETF1PBF VISHAY-VS-10ETF1PBF Datasheet
251Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 11-Feb-16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com