Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6-11G3A-PAA Datasheet(PDF) 10 Page - Magnetrol International, Inc.

Part # P6-11G3A-PAA
Description  Liquid Level Control
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

P6-11G3A-PAA Datasheet(HTML) 10 Page - Magnetrol International, Inc.

Back Button P6-11G3A-PAA Datasheet HTML 6Page - Magnetrol International, Inc. P6-11G3A-PAA Datasheet HTML 7Page - Magnetrol International, Inc. P6-11G3A-PAA Datasheet HTML 8Page - Magnetrol International, Inc. P6-11G3A-PAA Datasheet HTML 9Page - Magnetrol International, Inc. P6-11G3A-PAA Datasheet HTML 10Page - Magnetrol International, Inc. P6-11G3A-PAA Datasheet HTML 11Page - Magnetrol International, Inc. P6-11G3A-PAA Datasheet HTML 12Page - Magnetrol International, Inc. P6-11G3A-PAA Datasheet HTML 13Page - Magnetrol International, Inc. P6-11G3A-PAA Datasheet HTML 14Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
10
48-620 Modulevel Pneumatic Liquid Level Control
2.2
Mounting
Before assembling control to vessel, check with spirit level
to ensure that the mounting flange is horizontal. Proper
operation of the control depends on the Modulevel con-
troller being within 3° of vertical in all directions. The
head assembly with sensing components is installed first,
then the controller is placed carefully over the enclosing
tube, rotated to desired position, and then locked in place
by securely tightening the locking screw. Check to be cer-
tain the controller magnet can move smoothly throughout
its actuating stroke without binding against the enclosing
tube. If binding occurs, loosen the slot-head screw, reposi-
tion magnet and tighten screw.
Caution: The spring and stem assembly that protrudes below
the mounting flange on a top mounted Modulevel is very
fragile. DO NOT handle this assembly or place control so
that any amount of force is exerted on the spring and stem
assembly. Proper operation of the control requires that
this assembly is not damaged or bent.
Caution: Displacer spring and stem are fragile. Do not drop displac-
ers into tank. Hand feed cable into position to avoid bend-
ing stem.
Caution: All Modulevel units are shipped from the factory with the
enclosing tube tightened and the controller head set
screw locked to the enclosing tube (see figure 2, page 7).
Failure to loosen the set screw prior to repositioning the
supply and output connections may cause the enclosing
tube to loosen, resulting in the possible leakage of the
process liquid or vapor.
NOTE: Since controller is rotatable through 360°, it is important to
make certain controller locking screw is tight before installing
air or gas connections.
The supply and output air or gas connections provided on
the Modulevel are 14" NPT. These connections are clearly
indicated on the side of the controller. The filter-regulator
(if furnished) is to be set to deliver a 20 psig supply
pressure to a 3–15 psig output controller or a 35 psig sup-
ply pressure to a 6–30 psig output controller. The main
supply pressure to the regulator should be between 25 and
250 psig (or 40 and 250 psig) and connected to the inlet
side of the regulator. In order to protect the instrument
from contaminants, clean, dry air or gas must be used as
a supply medium.
Caution: Do not overtighten fittings in supply and output connec-
tions. Overtightening may crack the housing outlets.


Similar Part No. - P6-11G3A-PAA

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
P6-10R-E PANDUIT-P6-10R-E Datasheet
452Kb / 1P
   PHYSICAL INFRASTRUCTURE SYSTEMS
P6-12R-E PANDUIT-P6-12R-E Datasheet
452Kb / 1P
   PHYSICAL INFRASTRUCTURE SYSTEMS
P6-14R-E PANDUIT-P6-14R-E Datasheet
452Kb / 1P
   PHYSICAL INFRASTRUCTURE SYSTEMS
More results

Similar Description - P6-11G3A-PAA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PC-XXX-LLC-CZ LITTELFUSE-PC-XXX-LLC-CZ Datasheet
265Kb / 2P
   Liquid level control
2019 Rev: 2-B-043019
logo
Analog Technologies, In...
ALLCS500MA45-21 ANALOGTECHNOLOGIES-ALLCS500MA45-21 Datasheet
226Kb / 4P
   Liquid Level Control Switch
3/18/2021
logo
List of Unclassifed Man...
NNR110A ETC2-NNR110A Datasheet
916Kb / 4P
   LIQUID LEVEL CONTROL PUMP UP OR DOWN SWITCH SELECTABLE
logo
Magnetrol International...
B40-1F30-FKB MAGNETROL-B40-1F30-FKB Datasheet
457Kb / 20P
   Liquid Level Switches
T20-1B2A-9DR MAGNETROL-T20-1B2A-9DR Datasheet
316Kb / 24P
   Liquid Level Switches
logo
Littelfuse
LLC5 LITTELFUSE-LLC5 Datasheet
428Kb / 2P
   Liquid Level Controls
2016 Rev: 1-A-062116
logo
Coto Technology
LSH COTO-LSH Datasheet
131Kb / 2P
   Liquid Level Sensor
logo
List of Unclassifed Man...
VCS-02 ETC2-VCS-02 Datasheet
226Kb / 2P
   LIQUID LEVEL SENSOR
logo
STMicroelectronics
L4620 STMICROELECTRONICS-L4620 Datasheet
61Kb / 9P
   LIQUID LEVEL ALARM
logo
Magnetrol International...
B35-1B20-JGH MAGNETROL-B35-1B20-JGH Datasheet
1Mb / 36P
   Liquid Level Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com