Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F10-1D22-BKK Datasheet(PDF) 9 Page - Magnetrol International, Inc.

Part # F10-1D22-BKK
Description  Flow Switches
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

F10-1D22-BKK Datasheet(HTML) 9 Page - Magnetrol International, Inc.

Back Button F10-1D22-BKK Datasheet HTML 5Page - Magnetrol International, Inc. F10-1D22-BKK Datasheet HTML 6Page - Magnetrol International, Inc. F10-1D22-BKK Datasheet HTML 7Page - Magnetrol International, Inc. F10-1D22-BKK Datasheet HTML 8Page - Magnetrol International, Inc. F10-1D22-BKK Datasheet HTML 9Page - Magnetrol International, Inc. F10-1D22-BKK Datasheet HTML 10Page - Magnetrol International, Inc. F10-1D22-BKK Datasheet HTML 11Page - Magnetrol International, Inc. F10-1D22-BKK Datasheet HTML 12Page - Magnetrol International, Inc. F10-1D22-BKK Datasheet HTML 13Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
47-602 F10 and F50 Flow Switches
9
1. On high temperature applications, above +250° F
(+121° C), high temperature wire should be used between
the control and first junction box located in a cooler area.
2. Remove switch housing to gain access to switch
mechanism.
NOTE: For supply connections in installations with ambient tempera-
ture up to +70° C, use wire with a minimum rating of +75° C
as required by the process conditions,. Installations with
ambient temperatures up to +80° C require wire with a mini-
mum rating of +85° C as required by the process conditions.
Use a minimum of 14 AWG wire for power and ground field
wires.
3. Pull in supply wires (conductors), wrap them around
enclosing tube beneath the baffle plate, and connect to
proper terminals. Ensure excess wire does not interfere
with actuation of the switch, and that adequate clearance
exists for replacement of switch housing cover.
4. Connect power supply to control and test switch actuation
by varying flow rate within pipeline.
NOTE: If switch mechanism fails to function properly, check vertical
alignment of control housing. Refer to installation bulletin of
mechanism furnished, as listed in the switch mechanism chart
on page 21.
5. Replace switch housing cover.
NOTE: NEMA 4X/7/9 housings must be sealed at the conduit outlet
with suitable compound to prevent entrance of air. Check
cover to base fit to be certain gasketed joint is tight. A positive
seal is necessary to prevent infiltration of moisture laden air or
corrosive gases into switch housing.
6. Place flow switch into service.
2.4.1 Model F10 Switch Actuation Adjustment
The F10 flow switch is factory set to actuate at the mini-
mum flow rate. Actuation flow rate can be increased while
the unit is in service, under pressure, by removing the 14"
NPT plug to gain access to the O-ring sealed adjusting
screw. Each clockwise turn of the adjusting screw increases
the actuating flow rate approximately 10% of the range of
the specific flow vane being used. See pages 16–18 for flow
rate adjustability.
Caution: The safety retainer above the adjusting screw is placed
there to help prevent the accidental removal of the adjust-
ing screw. Do not defeat its purpose by forcefully backing
out the adjustment screw. Be sure to replace the 14" NPT
plug and tighten it firmly.
Set
Screw
Screw
Screw
Figure 10


Similar Part No. - F10-1D22-BKK

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
F10-1D22-BKB MAGNETROL-F10-1D22-BKB Datasheet
313Kb / 12P
   F10 & F50 Flow Switches
More results

Similar Description - F10-1D22-BKK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS7-4 ETC-FS7-4 Datasheet
38Kb / 2P
   Flow Switches - Liquid
logo
TT Electronics.
DS1402 TTELEC-DS1402 Datasheet
452Kb / 1P
   Paddle Flow Switches
logo
Magnetrol International...
F10-1D22-BKB MAGNETROL-F10-1D22-BKB Datasheet
313Kb / 12P
   F10 & F50 Flow Switches
logo
List of Unclassifed Man...
F61 ETC-F61 Datasheet
153Kb / 1P
   Flow Switches for Liquid
M-61-T ETC1-M-61-T Datasheet
110Kb / 4P
   Non-Adjustable Flow Switches
logo
Schneider Electric
IMT25 SCHNEIDER-IMT25 Datasheet
155Kb / 2P
   Magnetic flow transmitters, Flow, Hart
Apr 26, 2022
IMT96 SCHNEIDER-IMT96 Datasheet
125Kb / 1P
   Magnetic flow Transmitters, Flow, Hart
Apr 26, 2022
logo
List of Unclassifed Man...
M-201-T ETC-M-201-T Datasheet
203Kb / 4P
   High flow,adjustable flow switch with right-angle flow
logo
SICK AG
FFUC10-1G1IO SICK-FFUC10-1G1IO Datasheet
415Kb / 5P
   FLOW SENSORS
FFUS10-1C1IO SICK-FFUS10-1C1IO Datasheet
421Kb / 5P
   FLOW SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com