Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C29-1N30-JDG Datasheet(PDF) 6 Page - Magnetrol International, Inc.

Part # C29-1N30-JDG
Description  Float Actuated Liquid Level Switches
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

C29-1N30-JDG Datasheet(HTML) 6 Page - Magnetrol International, Inc.

Back Button C29-1N30-JDG Datasheet HTML 2Page - Magnetrol International, Inc. C29-1N30-JDG Datasheet HTML 3Page - Magnetrol International, Inc. C29-1N30-JDG Datasheet HTML 4Page - Magnetrol International, Inc. C29-1N30-JDG Datasheet HTML 5Page - Magnetrol International, Inc. C29-1N30-JDG Datasheet HTML 6Page - Magnetrol International, Inc. C29-1N30-JDG Datasheet HTML 7Page - Magnetrol International, Inc. C29-1N30-JDG Datasheet HTML 8Page - Magnetrol International, Inc. C29-1N30-JDG Datasheet HTML 9Page - Magnetrol International, Inc. C29-1N30-JDG Datasheet HTML 10Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
46-605 Flanged External Cage Float Actuated Liquid Level Switches
InternalCircuit
(Right)Switch
1
2
3
Load
Load
Line
4
5
6
InternalCircuit
(Left)Switch
Load
Load
Closeonhighlevel
Closeonhighlevel
Common
Common
Closeonlowlevel
Closeonlowlevel
Line
Figure 2
Terminal Connections
DPDT Switch Mechanism
Series A, B, C, D, and E
4. Unscrew and remove switch housing cover. The threads
have been lubricated to facilitate removal.
NOTE: For supply connections, use wire with a minimum rating of
+167° F (+75° C) as required by process conditions. Use a
minimum of 14 AWG wire for power and ground field wires.
NOTE: Housing must be grounded via protective ground screw in the
base of the housing.
NOTE: On high temperature applications (above +250° F [+121° C] in
float chamber), high temperature wire should be used
between control and first junction box located in a cooler area.
On non-hazardous applications, flexible conduit may be used
between the control and the first junction box.
5. The switch terminals are located next to the conduit outlet
to facilitate wiring. Bring supply wires through conduit
outlet. Route extra wire around enclosing tube under the
baffle plate and connect them to the proper terminals.
Refer to Figure 2 or your switch bulletin for this informa-
tion. See Switch and Housing Reference, Section 6.2.2.
6. Dress wiring to ensure no interference or contact with
movement of switch, or replacement of switch housing
cover.
NOTE: It is the responsibility of the customer to comply with applica-
ble installation codes and practices. Class I, Division 1
locations may contain explosive gas mixtures. Appropriate
precautions must be taken. Installation should be performed
by qualified personnel.
7. Replace housing cover.
8. If control has been furnished with an explosion proof or
moisture proof switch housing, it must be sealed at the
conduit outlet with a suitable compound or non-hardening
sealant to prevent entrance of air.
9. Test switch action by varying liquid level in float chamber.
NOTE: If switch mechanism fails to function properly, check vertical
alignment of control housing and consult installation bulletin
for additional wiring information on switch mechanism
furnished. See Switch and Housing Reference, Section 6.2.2.
10. Check cover to base fit to be certain gasketed joint
is tight. A positive seal is necessary to prevent infiltration
of moisture-laden air or corrosive gasses into switch
housings.
Caution: In hazardous areas, do not power the unit until the conduit
is sealed and the enclosure cover is screwed down
securely.


Similar Part No. - C29-1N30-JDG

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
C29-1B2D-JDE MAGNETROL-C29-1B2D-JDE Datasheet
251Kb / 8P
   Flanged External Cage Float Actuated Liquid Level Switches
More results

Similar Description - C29-1N30-JDG

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
B24-1B10-JEG MAGNETROL-B24-1B10-JEG Datasheet
499Kb / 36P
   External Cage Float Actuated Liquid Level Switches
C29-1B2D-JDE MAGNETROL-C29-1B2D-JDE Datasheet
251Kb / 8P
   Flanged External Cage Float Actuated Liquid Level Switches
B74-1B20-BKQ MAGNETROL-B74-1B20-BKQ Datasheet
418Kb / 16P
   External Cage Displacer Actuated Liquid Level Switches
logo
List of Unclassifed Man...
LS-541 ETC2-LS-541 Datasheet
93Kb / 2P
   Liquid level float switch
logo
Fuji Electric
EDS7-3I FUJI-EDS7-3I Datasheet
103Kb / 4P
   LIQUID LEVEL TRANSMITTER (FLOAT TYPE)
logo
Magnetrol International...
TK1-001N-BRC MAGNETROL-TK1-001N-BRC Datasheet
233Kb / 12P
   Side Mounted Liquid Level Float Switch
B35-1B20-JGH MAGNETROL-B35-1B20-JGH Datasheet
1Mb / 36P
   Liquid Level Switches
B40-1F30-FKB MAGNETROL-B40-1F30-FKB Datasheet
457Kb / 20P
   Liquid Level Switches
B74-1B20-8KQ MAGNETROL-B74-1B20-8KQ Datasheet
329Kb / 28P
   Liquid Level Switches
T20-1B2A-9DR MAGNETROL-T20-1B2A-9DR Datasheet
316Kb / 24P
   Liquid Level Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com