Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80CPH03-F3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 80CPH03-F3
Description  Hyperfast Rectifier, 2 x 40 A FRED Pt
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

80CPH03-F3 Datasheet(HTML) 2 Page - Vishay Siliconix

  80CPH03-F3 Datasheet HTML 1Page - Vishay Siliconix 80CPH03-F3 Datasheet HTML 2Page - Vishay Siliconix 80CPH03-F3 Datasheet HTML 3Page - Vishay Siliconix 80CPH03-F3 Datasheet HTML 4Page - Vishay Siliconix 80CPH03-F3 Datasheet HTML 5Page - Vishay Siliconix 80CPH03-F3 Datasheet HTML 6Page - Vishay Siliconix 80CPH03-F3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 93270
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 05-Oct-10
VS-80CPH03-F3
Vishay Semiconductors
Hyperfast Rectifier,
2 x 40 A FRED Pt®
DYNAMIC RECOVERY CHARACTERISTICS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Reverse recovery time
trr
IF = 1.0 A, dIF/dt = 100 A/μs, VR = 30 V
-
34
-
ns
IF = 1.0 A, dIF/dt = 50 A/μs, VR = 30 V
-
-
35
TJ = 25 °C
IF = 40 A
dIF/dt = - 200 A/μs
VR = 200 V
-41-
TJ = 125 °C
-
62
-
Peak recovery current
IRRM
TJ = 25 °C
-
3.3
-
A
TJ = 125 °C
-
8.5
-
Reverse recovery charge
Qrr
TJ = 25 °C
-
68
-
nC
TJ = 125 °C
-
265
-
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Maximum junction and storage
temperature range
TJ, TStg
- 65
-
175
°C
Thermal resistance,
junction to case per leg
RthJC
-
0.47
0.80
°C/W
Thermal resistance,
junction to ambient per leg
RthJA
Typical socket mount
-
-
40
Thermal resistance,
case to heatsink
RthCS
Mounting surface, flat, smooth and greased
-
0.4
-
Weight
-6.0
-
g
-0.22
-
oz.
Mounting torque
6.0
(5.0)
-
12
(10)
kgf
 cm
(lbf
in)
Marking device
Case style TO-247AC
80CPH03


Similar Part No. - 80CPH03-F3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
80CPQ020 IRF-80CPQ020 Datasheet
51Kb / 5P
   SCHOTTKY RECTIFIER
logo
Microsemi Corporation
80CPQ020 MICROSEMI-80CPQ020 Datasheet
141Kb / 2P
   80 AMP SCHOTTKY RECTIFIER
logo
Vishay Siliconix
80CPQ020 VISHAY-80CPQ020 Datasheet
120Kb / 6P
   Schottky Rectifier, 2 x 40 A
Revision: 16-Oct-08
80CPQ020-N3 VISHAY-80CPQ020-N3 Datasheet
165Kb / 7P
   Schottky Rectifier, 2 x 40 A
Revision: 31-Aug-11
logo
International Rectifier
80CPQ020PBF IRF-80CPQ020PBF Datasheet
210Kb / 7P
   SCHOTTKY RECTIFIER 80 Amp
More results

Similar Description - 80CPH03-F3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
80CPU02-F3 VISHAY-80CPU02-F3 Datasheet
125Kb / 7P
   Hyperfast Rectifier, 2 x 40 A FRED Pt
Revision: 19-Nov-10
VS-80CPH03-N3 VISHAY-VS-80CPH03-N3_V01 Datasheet
152Kb / 7P
   Hyperfast Rectifier, 2 x 40 A FRED Pt®
01-Jan-2022
VS-80CPH03-F3 VISHAY-VS-80CPH03-F3 Datasheet
147Kb / 7P
   Hyperfast Rectifier, 2 x 40 A FRED Pt®
Revision: 07-Jul-15
VS-8CSH01HM3 VISHAY-VS-8CSH01HM3 Datasheet
125Kb / 6P
   Hyperfast Rectifier, 2 x 4 A FRED Pt
Revision: 28-Mar-17
20CTH03SPBF VISHAY-20CTH03SPBF_10 Datasheet
177Kb / 9P
   Hyperfast Rectifier, 2 x 10 A FRED Pt
Revision: 11-Mar-10
20CTH03PBF VISHAY-20CTH03PBF_11 Datasheet
189Kb / 9P
   Hyperfast Rectifier, 2 x 10 A FRED Pt
Revision: 28-Apr-11
VS-60CPH03PBF VISHAY-VS-60CPH03PBF Datasheet
157Kb / 8P
   Hyperfast Rectifier, 2 x 30 A FRED Pt
Revision: 10-Jul-15
VS-20CTH03 VISHAY-VS-20CTH03 Datasheet
176Kb / 9P
   Hyperfast Rectifier, 2 x 10 A FRED Pt
Revision: 11-Mar-10
30CTH02PBF VISHAY-30CTH02PBF_11 Datasheet
188Kb / 9P
   Hyperfast Rectifier, 2 x 10 A FRED Pt
Revision: 28-Apr-11
30CTH02SPBF VISHAY-30CTH02SPBF_10 Datasheet
173Kb / 9P
   Hyperfast Rectifier, 2 x 15 A FRED Pt
Revision: 11-Mar-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com