Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70CRU02PBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 70CRU02PBF
Description  Ultrafast Rectifier, 2 x 35 A FRED Pt
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

70CRU02PBF Datasheet(HTML) 2 Page - Vishay Siliconix

  70CRU02PBF_11 Datasheet HTML 1Page - Vishay Siliconix 70CRU02PBF_11 Datasheet HTML 2Page - Vishay Siliconix 70CRU02PBF_11 Datasheet HTML 3Page - Vishay Siliconix 70CRU02PBF_11 Datasheet HTML 4Page - Vishay Siliconix 70CRU02PBF_11 Datasheet HTML 5Page - Vishay Siliconix 70CRU02PBF_11 Datasheet HTML 6Page - Vishay Siliconix 70CRU02PBF_11 Datasheet HTML 7Page - Vishay Siliconix 70CRU02PBF_11 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94509
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 09-Feb-11
VS-70CRU02PbF
Vishay Semiconductors Ultrafast Rectifier, 2 x 35 A FRED Pt®
DYNAMIC RECOVERY CHARACTERISTICS PER DIODE (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Reverse recovery time
trr
TJ = 25 °C
IF = 1 A
VR = 30 V
dIF/dt = 200 A/μs
--
28
ns
TJ = 125 °C
-
34
-
TJ = 25 °C
IF = 35 A
VR = 100 V
dIF/dt = 200 A/μs
-26-
TJ = 125 °C
-
49
-
Peak recovery current
IRRM
TJ = 25 °C
-
3.7
-
A
TJ = 125 °C
-
8.2
-
Reverse recovery charge
Qrr
TJ = 25 °C
-
48.7
-
μC
TJ = 125 °C
-
202
-
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Thermal resistance,
junction to case
per diode
RthJC
-0.8
0.9
K/W
both legs
-
-
0.45
Thermal resistance,
case to heatsink
RthCS
Mounting surface, flat, smooth and greased
-
0.2
-
Weight
-5.5
-
g
-0.2
-
oz.
Mounting torque
1.2
(10)
-
2.4
(20)
N
m
(lbf
in)
Marking device
Case style TO-218
70CRU02


Similar Part No. - 70CRU02PBF_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
70CRU02PBF VISHAY-70CRU02PBF Datasheet
119Kb / 7P
   Ultrafast Rectifier, 2 x 35 A FRED PtTM
Revision: 21-Jul-08
More results

Similar Description - 70CRU02PBF_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
70CRU04PBF VISHAY-70CRU04PBF_11 Datasheet
128Kb / 7P
   Ultrafast Rectifier, 2 x 35 A FRED Pt
Revision: 09-Feb-11
VS-16CTU04 VISHAY-VS-16CTU04 Datasheet
176Kb / 9P
   Ultrafast Rectifier, 2 x 8 A FRED Pt
Revision: 11-Mar-10
60CPU04-F3 VISHAY-60CPU04-F3 Datasheet
163Kb / 8P
   Ultrafast Rectifier, 2 x 30 A FRED Pt
Revision: 17-Sep-10
VS-MURB2020CTTRLP VISHAY-VS-MURB2020CTTRLP Datasheet
173Kb / 9P
   Ultrafast Rectifier, 2 x 10 A FRED Pt
Revision: 08-Apr-10
30CPU04PBF VISHAY-30CPU04PBF_11 Datasheet
158Kb / 8P
   Ultrafast Rectifier, 2 x 15 A FRED Pt
Revision: 17-Feb-11
MUR1620CTPBF VISHAY-MUR1620CTPBF_11 Datasheet
151Kb / 8P
   Ultrafast Rectifier, 2 x 8 A FRED Pt
Revision: 28-Apr-11
MUR2020CTPBF VISHAY-MUR2020CTPBF_11 Datasheet
158Kb / 8P
   Ultrafast Rectifier, 2 x 10 A FRED Pt
Revision: 28-Apr-11
MURB1020CTPBF VISHAY-MURB1020CTPBF_10 Datasheet
166Kb / 9P
   Ultrafast Rectifier, 2 x 5 A FRED Pt
Revision: 11-Mar-10
30CPH03PBF VISHAY-30CPH03PBF_11 Datasheet
160Kb / 8P
   Ultrafast Rectifier, 2 x 15 A FRED Pt
Revision: 17-Feb-11
16CTU04SPBF VISHAY-16CTU04SPBF_10 Datasheet
177Kb / 9P
   Ultrafast Rectifier, 2 x 8 A FRED Pt
Revision: 11-Mar-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com