Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60EPS08PBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 60EPS08PBF
Description  High Voltage Input Rectifier Diode, 60 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

60EPS08PBF Datasheet(HTML) 2 Page - Vishay Siliconix

  60EPS08PBF Datasheet HTML 1Page - Vishay Siliconix 60EPS08PBF Datasheet HTML 2Page - Vishay Siliconix 60EPS08PBF Datasheet HTML 3Page - Vishay Siliconix 60EPS08PBF Datasheet HTML 4Page - Vishay Siliconix 60EPS08PBF Datasheet HTML 5Page - Vishay Siliconix 60EPS08PBF Datasheet HTML 6Page - Vishay Siliconix 60EPS08PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VS-60EPS..PbF
www.vishay.com
Vishay Semiconductors
Revision: 18-Aug-11
2
Document Number: 94345
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop
VFM
30 A, TJ = 25 °C
1.0
V
60 A, TJ = 25 °C
1.09
V
Forward slope resistance
rt
TJ = 150 °C
3.96
m
Threshold voltage
VF(TO)
0.74
V
Maximum reverse leakage current
IRM
TJ = 25 °C
VR = Rated VRRM
0.1
mA
TJ = 150 °C
1.0
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ, TStg
- 40 to 150
°C
Maximum thermal resistance,
unction to case
RthJC
DC operation
0.35
°C/W
Maximum thermal resistance,
junction to ambient
RthJA
40
Typical thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
0.2
Approximate weight
6g
0.21
oz.
Mounting torque
minimum
6 (5)
kgf · cm
(lbf · in)
maximum
12 (10)
Marking device
Case style TO-247AC modified (JEDEC)
60EPS08
60EPS12


Similar Part No. - 60EPS08PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
60EPS08 IRF-60EPS08 Datasheet
68Kb / 5P
   INPUT RECTIFIER DIODE
logo
List of Unclassifed Man...
60EPS08 ETC2-60EPS08 Datasheet
119Kb / 3P
   RECTIFIER DIODE
More results

Similar Description - 60EPS08PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-60EPSPBF VISHAY-VS-60EPSPBF Datasheet
158Kb / 7P
   High Voltage Input Rectifier Diode, 60 A
Revision: 12-Feb-16
VS-60EPS16-M3 VISHAY-VS-60EPS16-M3_V01 Datasheet
214Kb / 7P
   High Voltage Input Rectifier Diode, 60 A
01-Jan-2022
VS-60EPS-M3 VISHAY-VS-60EPS-M3_V01 Datasheet
191Kb / 8P
   High Voltage Input Rectifier Diode, 60 A
01-Jan-2022
VS-60EPS16PBF VISHAY-VS-60EPS16PBF Datasheet
218Kb / 8P
   High Voltage Input Rectifier Diode, 60 A
Revision: 12-Feb-16
60EPS16PBF VISHAY-60EPS16PBF Datasheet
186Kb / 7P
   High Voltage Input Rectifier Diode, 60 A
Revision: 18-Aug-11
VS-60EPS-M3 VISHAY-VS-60EPS-M3 Datasheet
129Kb / 6P
   High Voltage Input Rectifier Diode, 60 A
Revision: 09-Feb-2021
VS-40EPS16PBF VISHAY-VS-40EPS16PBF Datasheet
186Kb / 7P
   High Voltage, Input Rectifier Diode, 40 A
Revision: 12-Feb-16
VS-45EPS16L-M3 VISHAY-VS-45EPS16L-M3_V01 Datasheet
194Kb / 7P
   High Voltage Input Rectifier Diode, 45 A
01-Jan-2022
VS-45EPS16LHM3 VISHAY-VS-45EPS16LHM3_V01 Datasheet
209Kb / 7P
   High Voltage Input Rectifier Diode, 45 A
01-Jan-2022
VS-65EPS12LHM3 VISHAY-VS-65EPS12LHM3_V01 Datasheet
204Kb / 7P
   High Voltage Input Rectifier Diode, 65 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com