Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60EPF12PBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 60EPF12PBF
Description  Fast Soft Recovery Rectifier Diode, 60 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

60EPF12PBF Datasheet(HTML) 3 Page - Vishay Siliconix

  60EPF12PBF Datasheet HTML 1Page - Vishay Siliconix 60EPF12PBF Datasheet HTML 2Page - Vishay Siliconix 60EPF12PBF Datasheet HTML 3Page - Vishay Siliconix 60EPF12PBF Datasheet HTML 4Page - Vishay Siliconix 60EPF12PBF Datasheet HTML 5Page - Vishay Siliconix 60EPF12PBF Datasheet HTML 6Page - Vishay Siliconix 60EPF12PBF Datasheet HTML 7Page - Vishay Siliconix 60EPF12PBF Datasheet HTML 8Page - Vishay Siliconix 60EPF12PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
VS-60EPF1.PbF, VS-60CPF1.PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 18-Aug-11
3
Document Number: 94105
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
0
30
Average Forward Current (A)
20
10
40
50
60
70
90
100
110
120
130
140
150
60.PF.. Series
R
thJC (DC) = 0.4 °C/W
Conduction angle
60°
30°
90°
180°
120°
Ø
0
Average Forward Current (A)
20
40
60
80
100
DC
90
100
110
120
130
140
150
60.PF.. Series
R
thJC (DC) = 0.4 °C/W
Ø
Conduction period
30°
60°
90°
120°
180°
Average Forward Current (A)
0
10
20
30
40
50
60
70
80
90
100
RMS limit
180°
120°
90°
60°
30°
Conduction angle
60.PF.. Series
T
J = 150 °C
0
30
20
10
40
50
60
70
Ø
Average Forward Current (A)
0
20
40
60
80
100
0
20
40
60
80
100
120
140
RMS limit
Ø
Conduction period
60.PF.. Series
T
J = 150 °C
DC
180°
120°
90°
60°
30°
1
10
100
Number of Equal Amplitude Half Cycle
Current Pulses (N)
300
400
500
600
700
800
60.PF.. Series
Initial T
J = 150 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
At any rated load condition and with
rated V
RRM applied following surge.
0.01
0.1
1
Pulse Train Duration (s)
300
400
500
600
700
800
900
60.PF.. Series
Initial T
J = 150 °C
No voltage reapplied
Rated V
RRM reapplied
Maximum non-repetitive surge current
versus pulse train duration.


Similar Part No. - 60EPF12PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
60EPF12PBF VISHAY-60EPF12PBF Datasheet
197Kb / 7P
   Fast Soft Recovery Rectifier Diode, 60 A
Revision: 20-Oct-11
More results

Similar Description - 60EPF12PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-60.PF0.PBF VISHAY-VS-60.PF0.PBF Datasheet
264Kb / 9P
   Fast Soft Recovery Rectifier Diode, 60 A
Revision: 11-Feb-16
60EPF10PBF VISHAY-60EPF10PBF_13 Datasheet
197Kb / 7P
   Fast Soft Recovery Rectifier Diode, 60 A
Revision: 20-Oct-11
VS-60PF0-M3 VISHAY-VS-60PF0-M3 Datasheet
215Kb / 7P
   Fast Soft Recovery Rectifier Diode, 60 A
01-Jan-2022
VS-60EPF0.PBF VISHAY-VS-60EPF0.PBF Datasheet
271Kb / 9P
   Fast Soft Recovery Rectifier Diode, 60 A
Revision: 18-Aug-11
60EPF02PBF VISHAY-60EPF02PBF Datasheet
271Kb / 9P
   Fast Soft Recovery Rectifier Diode, 60 A
Revision: 18-Aug-11
VS-60EPF0PBF VISHAY-VS-60EPF0PBF Datasheet
271Kb / 9P
   Fast Soft Recovery Rectifier Diode, 60 A
Revision: 18-Aug-11
60EPF60CPF VISHAY-60EPF60CPF Datasheet
194Kb / 7P
   Fast Soft Recovery Rectifier Diode, 60 A
18-Jul-08
VS-60PF1-M3 VISHAY-VS-60PF1-M3 Datasheet
220Kb / 7P
   Fast Soft Recovery Rectifier Diode, 60 A
01-Jan-2022
VS-20ETF0PBF VISHAY-VS-20ETF0PBF Datasheet
337Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 11-Feb-16
VS-10ETF0PBF VISHAY-VS-10ETF0PBF Datasheet
252Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 11-Feb-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com