Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50WQ04FNPBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 50WQ04FNPBF
Description  Schottky Rectifier, 5.5 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

50WQ04FNPBF Datasheet(HTML) 6 Page - Vishay Siliconix

  50WQ04FNPBF Datasheet HTML 1Page - Vishay Siliconix 50WQ04FNPBF Datasheet HTML 2Page - Vishay Siliconix 50WQ04FNPBF Datasheet HTML 3Page - Vishay Siliconix 50WQ04FNPBF Datasheet HTML 4Page - Vishay Siliconix 50WQ04FNPBF Datasheet HTML 5Page - Vishay Siliconix 50WQ04FNPBF Datasheet HTML 6Page - Vishay Siliconix 50WQ04FNPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Document Number: 95016
For technical questions concerning discrete products, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 04-Nov-08
For technical questions concerning module products, contact: ind-modules@vishay.com
1
D-PAK (TO-252AA)
Outline Dimensions
Vishay High Power Products
Notes
(1) Dimensioning and tolerancing as per ASME Y14.5M-1994
(2) Lead dimension uncontrolled in L5
(3) Dimension D1, E1, L3 and b3 establish a minimum mounting surface for thermal pad
(4) Section C - C dimension apply to the flat section of the lead between 0.13 and 0.25 mm (0.005 and 0.10") from the lead tip
(5) Dimension D, and E do not include mold flash. Mold flash shall not exceed 0.127 mm (0.005") per side. These dimensions are measured at
the outermost extremes of the plastic body
(6) Dimension b1 and c1 applied to base metal only
(7) Datum A and B to be determined at datum plane H
(8) Outline conforms to JEDEC outline TO-252AA
DIMENSIONS in millimeters and inches
SYMBOL
MILLIMETERS
INCHES
NOTES
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
2.18
2.39
0.086
0.094
e
2.29 BSC
0.090 BSC
A1
-
0.13
-
0.005
H
9.40
10.41
0.370
0.410
b
0.64
0.89
0.025
0.035
L
1.40
1.78
0.055
0.070
b2
0.76
1.14
0.030
0.045
L1
2.74 BSC
0.108 REF.
b3
4.95
5.46
0.195
0.215
3
L2
0.51 BSC
0.020 BSC
c
0.46
0.61
0.018
0.024
L3
0.89
1.27
0.035
0.050
3
c2
0.46
0.89
0.018
0.035
L4
-
1.02
-
0.040
D
5.97
6.22
0.235
0.245
5
L5
1.14
1.52
0.045
0.060
2
D1
5.21
-
0.205
-
3
Ø
10°
10°
E
6.35
6.73
0.250
0.265
5
Ø1
15°
15°
E1
4.32
-
0.170
-
3
Ø2
25°
35°
25°
35°
Ø 1
E
(5)
b3
(3)
0.010
CA B
L3 (3)
B
A
C
H
C
L2
D (5)
L4
b
2x e
b2
(2) L5
1
2
3
4
Ø 2
A
c2
A
A
H
Seating
plane
c
Detail “C”
(7)
Seating
plane
A1
Detail “C”
Rotated 90 °CW
Scale: 20:1
(L1)
C
C
L
Ø
Gauge
plane
Lead tip
M
0.010
CA B
M
32
4
1
E1
D1
MIN.
0.265
(6.74)
MIN.
0.245
(6.23)
MIN.
0.089
(2.28)
MIN.
0.06
(1.524)
0.488 (12.40)
0.409 (10.40)
0.093 (2.38)
0.085 (2.18)
Pad layout


Similar Part No. - 50WQ04FNPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
50WQ04FNPBF IRF-50WQ04FNPBF Datasheet
187Kb / 7P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
50WQ04FNPBF VISHAY-50WQ04FNPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
More results

Similar Description - 50WQ04FNPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-50WQ10FNHM3 VISHAY-VS-50WQ10FNHM3 Datasheet
120Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Aug-13
50WQ10FNPBF VISHAY-50WQ10FNPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
50WQ03FNPBF VISHAY-50WQ03FNPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
VS-50WQ03FN-M3 VISHAY-VS-50WQ03FN-M3_15 Datasheet
130Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 03-Nov-10
50WQ04FNPBF VISHAY-50WQ04FNPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
VS-50WQ10FNPBF VISHAY-VS-50WQ10FNPBF Datasheet
116Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 29-May-13
50WQ06FNPBF VISHAY-50WQ06FNPBF_13 Datasheet
138Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 14-Jan-11
VS-50WQ04FNHM3 VISHAY-VS-50WQ04FNHM3 Datasheet
112Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Aug-13
VS50WQ10FN VISHAY-VS50WQ10FN Datasheet
146Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 21-Aug-13
VS-50WQ10FNHM3 VISHAY-VS-50WQ10FNHM3_V01 Datasheet
146Kb / 7P
   Schottky Rectifier, 5.5 A
01-Jan-2022
50WQ06FNPBF VISHAY-50WQ06FNPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com