Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50MT060WHTAPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 50MT060WHTAPBF
Description  Half Bridge IGBT MTP (Warp Speed IGBT), 114 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

50MT060WHTAPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  50MT060WHTAPBF Datasheet HTML 1Page - Vishay Siliconix 50MT060WHTAPBF Datasheet HTML 2Page - Vishay Siliconix 50MT060WHTAPBF Datasheet HTML 3Page - Vishay Siliconix 50MT060WHTAPBF Datasheet HTML 4Page - Vishay Siliconix 50MT060WHTAPBF Datasheet HTML 5Page - Vishay Siliconix 50MT060WHTAPBF Datasheet HTML 6Page - Vishay Siliconix 50MT060WHTAPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 94468
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 01-Mar-10
1
"Half Bridge" IGBT MTP (Warp Speed IGBT), 114 A
50MT060WHTAPbF
Vishay High Power Products
FEATURES
• Generation 4 warp speed IGBT technology
•HEXFRED® antiparallel diodes with ultrasoft
reverse recovery
• Very low conduction and switching losses
• Optional SMD thermistor (NTC)
• Very low junction to case thermal resistance
• UL approved file E78996
• Speed 60 kHz to 100 kHz
• Compliant to RoHS directive 2002/95/EC
• Designed and qualified for industrial level
BENEFITS
• Optimized for welding, UPS and SMPS applications
• Low EMI, requires less snubbing
• Direct mounting to heatsink
• PCB solderable terminals
• Very low stray inductance design for high speed operation
PRODUCT SUMMARY
VCES
600 V
VCE(on) typical at VGE = 15 V
2.3 V
IC at TC = 25 °C
114 A
MTP
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
MAX.
UNITS
Collector to emitter voltage
VCES
600
V
Continuous collector current
IC
TC = 25 °C
114
A
TC = 109 °C
50
Pulsed collector current
ICM
350
Peak switching current
ILM
350
Diode continuous forward current
IF
TC = 109 °C
34
Peak diode forward current
IFM
200
Gate to emitter voltage
VGE
± 20
V
RMS isolation voltage
VISOL
Any terminal to case, t = 1 minute
2500
Maximum power dissipation
PD
TC = 25 °C
658
W
TC = 100 °C
263


Similar Part No. - 50MT060WHTAPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
50MT060WHTA IRF-50MT060WHTA Datasheet
144Kb / 7P
   HALF-BRIDGE IGBT MTP
More results

Similar Description - 50MT060WHTAPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-50MT060WHTAPBF VISHAY-VS-50MT060WHTAPBF Datasheet
154Kb / 6P
   Half Bridge IGBT MTP (Warp Speed IGBT), 114 A
Revision: 10-Jun-15
VS-70MT060WHTAPBF VISHAY-VS-70MT060WHTAPBF_V01 Datasheet
210Kb / 9P
   "Half Bridge" IGBT MTP (Warp 2 Speed IGBT), 70 A
08-Feb-17
70MT060WHTAPBF VISHAY-70MT060WHTAPBF Datasheet
154Kb / 9P
   Half Bridge IGBT MTP (Warp 2 Speed IGBT), 70 A
Revision: 05-Jul-11
VS-70MT060WHTAPBF VISHAY-VS-70MT060WHTAPBF Datasheet
187Kb / 9P
   Half Bridge IGBT MTP (Warp 2 Speed IGBT), 70 A
Revision: 10-Jun-15
25MT060WFAPBF VISHAY-25MT060WFAPBF Datasheet
329Kb / 9P
   "Full Bridge" IGBT MTP (Warp Speed IGBT), 50 A
Revision: 01-Mar-09
VS-50MT060PHTAPBF VISHAY-VS-50MT060PHTAPBF_V01 Datasheet
199Kb / 9P
   “Half Bridge” IGBT MTP, 121 A
01-Jan-2023
logo
International Rectifier
50MT060WHA IRF-50MT060WHA Datasheet
144Kb / 7P
   HALF-BRIDGE IGBT MTP
50MT060WH IRF-50MT060WH Datasheet
71Kb / 7P
   HALF-BRIDGE IGBT MTP
logo
Vishay Siliconix
40MT120UHAPBF VISHAY-40MT120UHAPBF Datasheet
330Kb / 12P
   Half Bridge IGBT MTP (Ultrafast NPT IGBT), 80 A
Revision: 01-Mar-10
40MT120UHAPBF VISHAY-40MT120UHAPBF_13 Datasheet
329Kb / 12P
   Half Bridge IGBT MTP (Ultrafast NPT IGBT), 80 A
Revision: 01-Mar-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com