Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43CTQ100STRRPBF Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 43CTQ100STRRPBF
Description  Schottky Rectifier, 2 x 20 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

43CTQ100STRRPBF Datasheet(HTML) 7 Page - Vishay Siliconix

  43CTQ100STRRPBF Datasheet HTML 1Page - Vishay Siliconix 43CTQ100STRRPBF Datasheet HTML 2Page - Vishay Siliconix 43CTQ100STRRPBF Datasheet HTML 3Page - Vishay Siliconix 43CTQ100STRRPBF Datasheet HTML 4Page - Vishay Siliconix 43CTQ100STRRPBF Datasheet HTML 5Page - Vishay Siliconix 43CTQ100STRRPBF Datasheet HTML 6Page - Vishay Siliconix 43CTQ100STRRPBF Datasheet HTML 7Page - Vishay Siliconix 43CTQ100STRRPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.vishay.com
For technical questions concerning discrete products, contact: diodes-tech@vishay.com
Document Number: 95014
2
For technical questions concerning module products, contact: ind-modules@vishay.com
Revision: 31-Mar-09
Outline Dimensions
Vishay High Power Products
D2PAK, TO-262
DIMENSIONS FOR TO-262 in millimeters and inches
Notes
(1) Dimensioning and tolerancing as per ASME Y14.5M-1994
(2) Dimension D and E do not include mold flash. Mold flash shall not
exceed 0.127 mm (0.005") per side. These dimensions are
measured at the outmost extremes of the plastic body
(3) Thermal pad contour optional within dimension E, L1, D1 and E1
(4) Dimension b1 and c1 apply to base metal only
(5) Controlling dimension: inches
(6) Outline conform to JEDEC TO-262 except A1 (maximum), b
(minimum) and D1 (minimum) where dimensions derived the
actual package outline
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
A
4.06
4.83
0.160
0.190
A1
2.03
3.02
0.080
0.119
b
0.51
0.99
0.020
0.039
b1
0.51
0.89
0.020
0.035
4
b2
1.14
1.78
0.045
0.070
b3
1.14
1.73
0.045
0.068
4
c
0.38
0.74
0.015
0.029
c1
0.38
0.58
0.015
0.023
4
c2
1.14
1.65
0.045
0.065
D
8.51
9.65
0.335
0.380
2
D1
6.86
8.00
0.270
0.315
3
E
9.65
10.67
0.380
0.420
2, 3
E1
7.90
8.80
0.311
0.346
3
e
2.54 BSC
0.100 BSC
L
13.46
14.10
0.530
0.555
L1
-
1.65
-
0.065
3
L2
3.56
3.71
0.140
0.146
(4)
(4)
Base
metal
Plating
b1, b3
(b, b2)
c1
c
Section B - B and C - C
Scale: None
Section A - A
(3)
E1
(3)
D1
E
B
A
A
A
c2
c
A1
Seating
plane
Lead tip
(3)
(2) (3)
(2)
A
E
(Datum A)
L1
L2
B
B
C
C
3
2
1
L
D
2 x e
3 x b2
3 x b
0.010
A
B
MM
Modified JEDEC outline TO-262
Lead assignments
Diodes
1. - Anode (two die)/open (one die)
2., 4. - Cathode
3. - Anode


Similar Part No. - 43CTQ100STRRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
43CTQ100S IRF-43CTQ100S Datasheet
170Kb / 7P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
43CTQ100S VISHAY-43CTQ100S Datasheet
129Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 21-Aug-08
logo
Inchange Semiconductor ...
43CTQ100S ISC-43CTQ100S Datasheet
293Kb / 2P
   Schottky Rectifier
logo
Vishay Siliconix
43CTQ100SPBF VISHAY-43CTQ100SPBF Datasheet
131Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 29-Jul-08
logo
International Rectifier
43CTQ100SPBF IRF-43CTQ100SPBF Datasheet
712Kb / 7P
   SCHOTTKY RECTIFIER
More results

Similar Description - 43CTQ100STRRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40CPQ035PBF VISHAY-40CPQ035PBF Datasheet
122Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 13-Aug-08
40CPQ080G VISHAY-40CPQ080G Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 21-Aug-08
40CTQ045PBF VISHAY-40CTQ045PBF Datasheet
118Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 13-Aug-08
MBRB4045CTPBF VISHAY-MBRB4045CTPBF Datasheet
123Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 14-Aug-08
STPS40L15CWPBF VISHAY-STPS40L15CWPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 14-Aug-08
MBR40L15CWPBF VISHAY-MBR40L15CWPBF Datasheet
117Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 14-Aug-08
40CTQ045PBF VISHAY-40CTQ045PBF_12 Datasheet
165Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 26-Aug-11
40CTQ150PBF VISHAY-40CTQ150PBF_12 Datasheet
154Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 26-Aug-11
40L4.CWPBF VISHAY-40L4.CWPBF Datasheet
585Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 11-Oct-11
MBR4060WTPBF VISHAY-MBR4060WTPBF_12 Datasheet
170Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 30-Aug-11
VS-40CPQ100PBF VISHAY-VS-40CPQ100PBF Datasheet
704Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 11-Oct-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com