Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43CTQ100GSTRLPBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 43CTQ100GSTRLPBF
Description  Schottky Rectifier, 2 x 20 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

43CTQ100GSTRLPBF Datasheet(HTML) 5 Page - Vishay Siliconix

  43CTQ100GSTRLPBF Datasheet HTML 1Page - Vishay Siliconix 43CTQ100GSTRLPBF Datasheet HTML 2Page - Vishay Siliconix 43CTQ100GSTRLPBF Datasheet HTML 3Page - Vishay Siliconix 43CTQ100GSTRLPBF Datasheet HTML 4Page - Vishay Siliconix 43CTQ100GSTRLPBF Datasheet HTML 5Page - Vishay Siliconix 43CTQ100GSTRLPBF Datasheet HTML 6Page - Vishay Siliconix 43CTQ100GSTRLPBF Datasheet HTML 7Page - Vishay Siliconix 43CTQ100GSTRLPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 94222
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 23-Mar-10
5
VS-43CTQ...GSPbF, VS-43CTQ...G-1PbF Series
Schottky Rectifier, 2 x 20 A Vishay High Power Products
ORDERING INFORMATION TABLE
080 = 80 V
100 = 100 V
2
-
Current rating (40 = 40 A)
3
-
C = Common cathode
4
-
T = TO-220, TO-262, D2PAK
5
-
Q = Schottky “Q” series
6
-
Voltage ratings
7
-
G = Schottky generation
8
-
None = TO-220
-1 = TO-262
S = D2PAK
9
-
None = Tube (50 pieces)
TRL = Tape and reel (left oriented - for D2PAK only)
TRR = Tape and reel (right oriented - for D2PAK only)
-
10
P = Lead (Pb)-free (for D2PAK TRL and TRR)
PbF = Lead (Pb)-free (for D2PAK tube and TO-262)
1
-
HPP product suffix
Device code
5
1
3
24
67
8
9
10
VS-
43
C
T
Q
100
G
S
TRL PbF
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95014
Part marking information
www.vishay.com/doc?95057
Packaging information
www.vishay.com/doc?95032
SPICE model
www.vishay.com/doc?95065


Similar Part No. - 43CTQ100GSTRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
43CTQ100GS IRF-43CTQ100GS Datasheet
227Kb / 7P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
43CTQ100GS VISHAY-43CTQ100GS Datasheet
131Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 21-Aug-08
43CTQ100GSPBF VISHAY-43CTQ100GSPBF Datasheet
133Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 13-Aug-08
More results

Similar Description - 43CTQ100GSTRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40CPQ035PBF VISHAY-40CPQ035PBF Datasheet
122Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 13-Aug-08
40CPQ080G VISHAY-40CPQ080G Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 21-Aug-08
40CTQ045PBF VISHAY-40CTQ045PBF Datasheet
118Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 13-Aug-08
MBRB4045CTPBF VISHAY-MBRB4045CTPBF Datasheet
123Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 14-Aug-08
STPS40L15CWPBF VISHAY-STPS40L15CWPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 14-Aug-08
MBR40L15CWPBF VISHAY-MBR40L15CWPBF Datasheet
117Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 14-Aug-08
40CTQ045PBF VISHAY-40CTQ045PBF_12 Datasheet
165Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 26-Aug-11
40CTQ150PBF VISHAY-40CTQ150PBF_12 Datasheet
154Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 26-Aug-11
40L4.CWPBF VISHAY-40L4.CWPBF Datasheet
585Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 11-Oct-11
MBR4060WTPBF VISHAY-MBR4060WTPBF_12 Datasheet
170Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 30-Aug-11
VS-40CPQ100PBF VISHAY-VS-40CPQ100PBF Datasheet
704Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 11-Oct-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com