Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70MT160APBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 70MT160APBF
Description  Three Phase Bridge (Power Module), 45 A to 100 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

70MT160APBF Datasheet(HTML) 3 Page - Vishay Siliconix

  70MT160APBF Datasheet HTML 1Page - Vishay Siliconix 70MT160APBF Datasheet HTML 2Page - Vishay Siliconix 70MT160APBF Datasheet HTML 3Page - Vishay Siliconix 70MT160APBF Datasheet HTML 4Page - Vishay Siliconix 70MT160APBF Datasheet HTML 5Page - Vishay Siliconix 70MT160APBF Datasheet HTML 6Page - Vishay Siliconix 70MT160APBF Datasheet HTML 7Page - Vishay Siliconix 70MT160APBF Datasheet HTML 8Page - Vishay Siliconix 70MT160APBF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 94538
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 10-Mar-10
3
40MT1.0P.PbF, 70MT1.0P.PbF, 100MT1.0P.PbF Series
Three Phase Bridge
(Power Module), 45 A to 100 A
Vishay High Power Products
Fig. 1 - Current Rating Characteristics
Fig. 2 - On-State Voltage Drop Chracteristics
Fig. 3 - Maximum Non-Repetitive Surge Current
Fig. 4 - Maximum Non-Repetitive Surge Current
CLEARANCE AND CREEPAGE DISTANCES
PARAMETER
TEST CONDITIONS
MT...PA
MT...PB
UNITS
Clearance
External shortest distances in air between terminals
which are not internally short circuited together
10.9
12.3
mm
Creepage distance
Shortest distance along external surface of the insulating material
between terminals which are not internally short circuited together
Total Output Current (A)
80
90
100
110
120
130
140
150
160
010
20
30
40
50
120˚
(Rect)
40MT...P
R
(DC) = 0.27 K/W
Per Module
thJC
Instantaneous On-state Voltage (V)
1
10
100
1000
0123456
Tj = 150˚C
Tj = 25˚C
40MT...P
Number Of Equal Amplitude Half Cycle Current Pulses (N)
50
100
150
200
250
110
100
At Any Rated Load Condition And With
Rated Vrrm Applied Following Surge.
Initial Tj = 150˚C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
40MT...P
Per Junction
Pulse Train Duration(s)
50
100
150
200
250
300
0.01
0.1
1
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
Initial T j = 150˚C
No Voltage Reapplied
Rated V rrm Reapplied
40MT...P
Per Junction


Similar Part No. - 70MT160APBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
70MT160KB IRF-70MT160KB Datasheet
95Kb / 7P
   THREE PHASE BRIDGE
logo
Vishay Siliconix
70MT160KPBF VISHAY-70MT160KPBF Datasheet
132Kb / 6P
   Three Phase Bridge (Power Modules), 60/70 A
Revision: 29-Apr-08
70MT160P VISHAY-70MT160P Datasheet
199Kb / 10P
   Three Phase Bridge (Power Module), 45 A to 100 A
02-Oct-12
logo
International Rectifier
70MT160PA IRF-70MT160PA Datasheet
121Kb / 8P
   THREE PHASE BRIDGE
70MT160PA IRF-70MT160PA Datasheet
129Kb / 8P
   THREE PHASE BRIDGE
More results

Similar Description - 70MT160APBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MTP3 VISHAY-MTP3 Datasheet
145Kb / 8P
   Three Phase Bridge (Power Module) 45 A to 100 A
Revision: 13-Aug-08
100MT1.0P.PBF VISHAY-100MT1.0P.PBF Datasheet
191Kb / 10P
   Three Phase Bridge (Power Module), 45 A to 100 A
Revision: 10-Mar-10
100MT1.0P.PBF VISHAY-100MT1.0P.PBF_V01 Datasheet
199Kb / 10P
   Three Phase Bridge (Power Module), 45 A to 100 A
02-Oct-12
VS-40MT160P-P VISHAY-VS-40MT160P-P_V01 Datasheet
240Kb / 9P
   MTP PressFit Power Module Three Phase Bridge, 45 A to 100 A
01-Jan-2022
VS-40MT160P-P VISHAY-VS-40MT160P-P_V02 Datasheet
240Kb / 9P
   MTP PressFit Power Module Three Phase Bridge, 45 A to 100 A
01-Jan-2023
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF Datasheet
157Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
Revision: 16-Jul-14
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF_V01 Datasheet
172Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
01-Jan-2022
VS-70MT160PBPBF VISHAY-VS-70MT160PBPBF Datasheet
1Mb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
Revision: 30-Oct-13
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF_V02 Datasheet
171Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
01-Jan-2023
200MT40KPBF VISHAY-200MT40KPBF Datasheet
111Kb / 5P
   Three Phase Bridge (Power Module), 200 A
Revision: 29-Apr-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com