Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40MT120UHAPBF Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 40MT120UHAPBF
Description  Half Bridge IGBT MTP (Ultrafast NPT IGBT), 80 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

40MT120UHAPBF Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button 40MT120UHAPBF Datasheet HTML 3Page - Vishay Siliconix 40MT120UHAPBF Datasheet HTML 4Page - Vishay Siliconix 40MT120UHAPBF Datasheet HTML 5Page - Vishay Siliconix 40MT120UHAPBF Datasheet HTML 6Page - Vishay Siliconix 40MT120UHAPBF Datasheet HTML 7Page - Vishay Siliconix 40MT120UHAPBF Datasheet HTML 8Page - Vishay Siliconix 40MT120UHAPBF Datasheet HTML 9Page - Vishay Siliconix 40MT120UHAPBF Datasheet HTML 10Page - Vishay Siliconix 40MT120UHAPBF Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Document Number: 94507
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 01-Mar-10
7
40MT120UHAPbF, 40MT120UHTAPbF
"Half Bridge" IGBT MTP
(Ultrafast NPT IGBT), 80 A
Vishay High Power Products
Fig. 19 - Typical Diode Irr vs. dIF/dt
VCC = 600 V; VGE = 15 V; ICE = 40 A; TJ = 125 °C
Fig. 20 - Typical Diode Qrr vs. dIF/dt
VCC = 600 V; VGE = 15 V; TJ = 125 °C
Fig. 21 - Typical Capacitance vs. VCE
VGE = 0 V; f = 1 MHz
Fig. 22 - Typical Gate Charge vs. VGE
ICE = 5.0 A; L = 600 μH
Fig. 23 - Maximum Transient Thermal Impedance, Junction to Case (IGBT)
0
200
400
600
800
1000
dIF /dt (A/μs)
10
15
20
25
30
35
40
45
50
0
200
400
600
800
1000
1200
dIF /dt (A/μs)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.0Ω
30Ω
10 Ω
50Ω
60A
40A
20A
0
20
40
60
80
100
VCE (V)
10
100
1000
10000
Cies
Coes
Cres
0
100
200
300
400
500
Q G, Total Gate Charge (nC)
0
2
4
6
8
10
12
14
16
600V
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
t1 , Rectangular Pulse Duration (sec)
1E-005
0.0001
0.001
0.01
0.1
1
0.20
0.10
D = 0.50
0.01
0.02
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
Ri (°C/W) τi (sec)
0.123
1.1977
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
τ
3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
τ
τ
C
Ci= i/Ri
Ci= τi/Ri
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
t1 , Rectangular Pulse Duration (sec)
1E-005
0.0001
0.001
0.01
0.1
1
0.20
0.10
D = 0.50
0.01
0.02
0.05
SINGLE PULSE
( THERMAL RESPONSE)
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
Ri (°C/W)
τi (sec)
0.043
0.001214
0.105
0.044929
0.123
1.1977
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
τ
3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
τ
τ
C
Ci= i/Ri
Ci=
τi/Ri


Similar Part No. - 40MT120UHAPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40MT120UHAPBF VISHAY-40MT120UHAPBF Datasheet
329Kb / 12P
   Half Bridge IGBT MTP (Ultrafast NPT IGBT), 80 A
Revision: 01-Mar-10
40MT120UHAPBF VISHAY-40MT120UHAPBF_13 Datasheet
329Kb / 12P
   Half Bridge IGBT MTP (Ultrafast NPT IGBT), 80 A
Revision: 01-Mar-10
More results

Similar Description - 40MT120UHAPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40MT120UHAPBF VISHAY-40MT120UHAPBF_13 Datasheet
329Kb / 12P
   Half Bridge IGBT MTP (Ultrafast NPT IGBT), 80 A
Revision: 01-Mar-10
logo
International Rectifier
40MT120UH IRF-40MT120UH Datasheet
678Kb / 13P
   HALF-BRIDGE IGBT MTP UltraFast NPT IGBT
logo
Vishay Siliconix
20MT120UFAPBF VISHAY-20MT120UFAPBF Datasheet
222Kb / 11P
   "Full Bridge" IGBT MTP (Ultrafast NPT IGBT), 20 A
Revision: 03-Aug-10
20MT120UFP VISHAY-20MT120UFP Datasheet
317Kb / 11P
   "Full Bridge" IGBT MTP (Ultrafast NPT IGBT), 40 A
Revision: 01-Mar-10
VS-20MT120UFAPBF VISHAY-VS-20MT120UFAPBF Datasheet
230Kb / 11P
   “Full Bridge” IGBT MTP (Ultrafast NPT IGBT), 20 A
Revision: 10-Jun-15
VS-50MT060PHTAPBF VISHAY-VS-50MT060PHTAPBF_V01 Datasheet
199Kb / 9P
   “Half Bridge” IGBT MTP, 121 A
01-Jan-2023
logo
International Rectifier
50MT060WHA IRF-50MT060WHA Datasheet
144Kb / 7P
   HALF-BRIDGE IGBT MTP
50MT060WH IRF-50MT060WH Datasheet
71Kb / 7P
   HALF-BRIDGE IGBT MTP
logo
Vishay Siliconix
VS-50MT060WHTAPBF VISHAY-VS-50MT060WHTAPBF Datasheet
154Kb / 6P
   Half Bridge IGBT MTP (Warp Speed IGBT), 114 A
Revision: 10-Jun-15
50MT060WHTAPBF VISHAY-50MT060WHTAPBF Datasheet
138Kb / 7P
   Half Bridge IGBT MTP (Warp Speed IGBT), 114 A
Revision: 01-Mar-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com