Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40EPS16PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 40EPS16PBF
Description  Input Rectifier Diode, 40 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

40EPS16PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  40EPS16PBF Datasheet HTML 1Page - Vishay Siliconix 40EPS16PBF Datasheet HTML 2Page - Vishay Siliconix 40EPS16PBF Datasheet HTML 3Page - Vishay Siliconix 40EPS16PBF Datasheet HTML 4Page - Vishay Siliconix 40EPS16PBF Datasheet HTML 5Page - Vishay Siliconix 40EPS16PBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 94344
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 23-Apr-08
1
Input Rectifier Diode, 40 A
40EPS16PbF High Voltage Series
Vishay High Power Products
DESCRIPTION/FEATURES
The 40EPS16PbF rectifier High Voltage Series
has
been
optimized
for
very
low
forward
voltage
drop,
with
moderate
leakage.
The
glass passivation technology used has reliable
operation up to 150° C junction temperature.
Typical applications are in input rectification and these
products
are designed
to be used
with
Vishay HPP
switches and output rectifiers which are available in identical
package outlines.
This product has been designed and qualified for industrial
level and lead (Pb)-free.
PRODUCT SUMMARY
VF at 20 A
1 V
IFSM
475 A
VRRM
1600 V
TO-247AC modified
Base
cathode
2
1
3
Anode
Cathode
Available
Pb-free
RoHS*
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Sinusoidal waveform
40
A
VRRM
1600
V
IFSM
475
A
VF
20 A, TJ = 25 °C
1.0
V
TJ
- 40 to 150
°C
VOLTAGE RATINGS
PART NUMBER
VRRM, MAXIMUM
PEAK REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM
AT 150 °C
mA
40EPS16PbF
1600
1700
1
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
IF(AV)
TC = 105 °C, 180° conduction half sine wave
40
A
Maximum peak one cycle
non-repetitive surge current
IFSM
10 ms sine pulse, rated VRRM applied
400
10 ms sine pulse, no voltage reapplied
475
Maximum I2t for fusing
I2t
10 ms sine pulse, rated VRRM applied
800
A2s
10 ms sine pulse, no voltage reapplied
1131
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
11 310
A2
√s
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - 40EPS16PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
40EPS16PBF IRF-40EPS16PBF Datasheet
141Kb / 5P
   INPUT RECTIFIER DIODE Lead-Free
More results

Similar Description - 40EPS16PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40EPS08PBF VISHAY-40EPS08PBF Datasheet
154Kb / 6P
   Input Rectifier Diode, 40 A
Revision: 06-Jun-08
VS-40EPS16PBF VISHAY-VS-40EPS16PBF Datasheet
186Kb / 7P
   High Voltage, Input Rectifier Diode, 40 A
Revision: 12-Feb-16
VS-40EPS-M3 VISHAY-VS-40EPS-M3 Datasheet
127Kb / 5P
   High Voltage, Input Rectifier Diode, 40 A
Revision: 09-Feb-2021
VS-40EPS16-M3 VISHAY-VS-40EPS16-M3_V01 Datasheet
229Kb / 8P
   High Voltage, Input Rectifier Diode, 40 A
01-Jan-2022
VS-40EPS-M3 VISHAY-VS-40EPS-M3_V01 Datasheet
189Kb / 7P
   High Voltage, Input Rectifier Diode, 40 A
01-Jan-2022
10ETS08SPBF VISHAY-10ETS08SPBF Datasheet
168Kb / 7P
   Input Rectifier Diode, 10 A
Revision: 08-Apr-10
80EPS08PBF VISHAY-80EPS08PBF Datasheet
170Kb / 7P
   Input Rectifier Diode, 80 A
Revision: 07-Jul-09
25ETS08SPBF VISHAY-25ETS08SPBF Datasheet
157Kb / 7P
   Input Rectifier Diode, 25 A
Revision: 09-Apr-10
80EPS16PBF VISHAY-80EPS16PBF Datasheet
169Kb / 6P
   Input Rectifier Diode, 80 A
Revision: 20-Apr-11
20ETS08FPPBF VISHAY-20ETS08FPPBF Datasheet
134Kb / 7P
   Input Rectifier Diode, 20 A
Revision: 04-Aug-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com