Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40EPF10 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 40EPF10
Description  Fast Soft Recovery Rectifier Diode, 40 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

40EPF10 Datasheet(HTML) 8 Page - Vishay Siliconix

  40EPF10 Datasheet HTML 1Page - Vishay Siliconix 40EPF10 Datasheet HTML 2Page - Vishay Siliconix 40EPF10 Datasheet HTML 3Page - Vishay Siliconix 40EPF10 Datasheet HTML 4Page - Vishay Siliconix 40EPF10 Datasheet HTML 5Page - Vishay Siliconix 40EPF10 Datasheet HTML 6Page - Vishay Siliconix 40EPF10 Datasheet HTML 7Page - Vishay Siliconix 40EPF10 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Document Number: 91000
www.vishay.com
Revision: 11-Mar-11
1
Disclaimer
Legal Disclaimer Notice
Vishay
ALL PRODUCT, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE WITHOUT NOTICE TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN OR OTHERWISE.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively,
“Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any other
disclosure relating to any product.
Vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or
the continuing production of any product. To the maximum extent permitted by applicable law, Vishay disclaims (i) any and all
liability arising out of the application or use of any product, (ii) any and all liability, including without limitation special,
consequential or incidental damages, and (iii) any and all implied warranties, including warranties of fitness for particular
purpose, non-infringement and merchantability.
Statements regarding the suitability of products for certain types of applications are based on Vishay’s knowledge of typical
requirements that are often placed on Vishay products in generic applications. Such statements are not binding statements
about the suitability of products for a particular application. It is the customer’s responsibility to validate that a particular
product with the properties described in the product specification is suitable for use in a particular application. Parameters
provided in datasheets and/or specifications may vary in different applications and performance may vary over time. All
operating parameters, including typical parameters, must be validated for each customer application by the customer’s
technical experts. Product specifications do not expand or otherwise modify Vishay’s terms and conditions of purchase,
including but not limited to the warranty expressed therein.
Except as expressly indicated in writing, Vishay products are not designed for use in medical, life-saving, or life-sustaining
applications or for any other application in which the failure of the Vishay product could result in personal injury or death.
Customers using or selling Vishay products not expressly indicated for use in such applications do so at their own risk and agree
to fully indemnify and hold Vishay and its distributors harmless from and against any and all claims, liabilities, expenses and
damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that Vishay
or its distributor was negligent regarding the design or manufacture of the part. Please contact authorized Vishay personnel to
obtain written terms and conditions regarding products designed for such applications.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by
any conduct of Vishay. Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - 40EPF10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
40EPF10 IRF-40EPF10 Datasheet
210Kb / 6P
   FAST SOFT RECOVERY RECTIFIER DIODE
logo
Inchange Semiconductor ...
40EPF10 ISC-40EPF10 Datasheet
283Kb / 2P
   Fast Recovery Rectifier Diode
logo
International Rectifier
40EPF10HV IRF-40EPF10HV Datasheet
210Kb / 6P
   FAST SOFT RECOVERY RECTIFIER DIODE
More results

Similar Description - 40EPF10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-40EPF0-M3 VISHAY-VS-40EPF0-M3_V01 Datasheet
212Kb / 7P
   Fast Soft Recovery Rectifier Diode, 40 A
01-Jan-2022
VS-40EPF0.PBF VISHAY-VS-40EPF0.PBF Datasheet
310Kb / 10P
   Fast Soft Recovery Rectifier Diode, 40 A
Revision: 11-Feb-16
VS-40EPF0-M3 VISHAY-VS-40EPF0-M3 Datasheet
212Kb / 7P
   Fast Soft Recovery Rectifier Diode, 40 A
Revision: 29-Nov-2019
VS-40EPF1-M3 VISHAY-VS-40EPF1-M3_V01 Datasheet
262Kb / 9P
   Fast Soft Recovery Rectifier Diode, 40 A
01-Jan-2022
40EPF02PBF VISHAY-40EPF02PBF Datasheet
204Kb / 7P
   Fast Soft Recovery Rectifier Diode, 40 A
Revision: 04-Dec-09
VS-40EPF06PBF VISHAY-VS-40EPF06PBF Datasheet
284Kb / 9P
   Fast Soft Recovery Rectifier Diode, 40 A
Revision: 18-Jun-13
VS-40EPF1.PBF VISHAY-VS-40EPF1.PBF Datasheet
266Kb / 9P
   Fast Soft Recovery Rectifier Diode, 40 A
Revision: 11-Feb-16
VS-40EPF-M3 VISHAY-VS-40EPF-M3 Datasheet
200Kb / 7P
   Fast Soft Recovery Rectifier Diode, 40 A
Revision: 09-Feb-2021
VS-20ETF0PBF VISHAY-VS-20ETF0PBF Datasheet
337Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 11-Feb-16
VS-60.PF0.PBF VISHAY-VS-60.PF0.PBF Datasheet
264Kb / 9P
   Fast Soft Recovery Rectifier Diode, 60 A
Revision: 11-Feb-16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com