Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C24-1B10-JEE Datasheet(PDF) 7 Page - Magnetrol International, Inc.

Part # C24-1B10-JEE
Description  C24, C25, Boiler and Water Column Liquid Level Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

C24-1B10-JEE Datasheet(HTML) 7 Page - Magnetrol International, Inc.

  C24-1B10-JEE Datasheet HTML 1Page - Magnetrol International, Inc. C24-1B10-JEE Datasheet HTML 2Page - Magnetrol International, Inc. C24-1B10-JEE Datasheet HTML 3Page - Magnetrol International, Inc. C24-1B10-JEE Datasheet HTML 4Page - Magnetrol International, Inc. C24-1B10-JEE Datasheet HTML 5Page - Magnetrol International, Inc. C24-1B10-JEE Datasheet HTML 6Page - Magnetrol International, Inc. C24-1B10-JEE Datasheet HTML 7Page - Magnetrol International, Inc. C24-1B10-JEE Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
ELECTRIC SWITCH MECHANISM AND ENCLOSURE
Switch

Description
Process

Temperature
Range
°F (°C)
Contacts
Set
Points
All models except
B24, C24 and C25-2B10
Model C25-2B10 only
TYPE 4X/7/9 Aluminum Enclosure
Class I, Div 1
Groups C&D
Class I, Div 1
Group B
ATEX
Ex II 2 G EEx
d IIC T6
Class I, Div 1
Groups C&D
Class I, Div 1
Group B
ATEX
Ex II 2 G EEx
d IIC T6
Series B
Snap Switch
-40 to +250
(-40 to +121)
SPDT
1
BKA
BKJ
BCC
BKB
BKK
BC9
2
BLA
BLJ
BDC
BLB
BLK
BD9
3
BMA
BMJ
BEC
BMB
BMK
BE9
DPDT
1
BNA
BNJ
BFC
BNB
BNK
BF9
2
BOA
BOJ
BGC
BOB
BOK
BG9
Series C
Snap Switch
-40 to +450
(-40 to +232)
SPDT
1
CKA
CKJ
CCC
CKB
CKK
CC9
2
CLA
CLJ
CDC
CLB
CLK
CD9
3
CMA
CMJ
CEC
CMB
CMK
CE9
DPDT
1
CNA
CNJ
CFC
CNB
CNK
CF9
2
COA
COJ
CGC
COB
COK
CG9
Series D DC Current
Snap Switch
-40 to +250
(-40 to +121)
SPDT
1
N/A
DKB
DKK
DC9
2
DLB
DLK
DD9
3
DMB
DMK
DE9
DPDT
1
DNB
DNK
DF9
2
DOB
DOK
DG9
Series F
Hermetically Sealed
Snap Switch
-50 to +750
(-46 to +399)
SPDT
1
FKA
FKJ
FCC
FKB
FKK
FC9
2
FLA
FLJ
FDC
FLB
FLK
FD9
DPDT
1
FNA
FNJ
FFC
FNB
FNK
FF9
2
FOA
FOJ
FGC
FOB
FOK
FG9
Series HS
Hermetically Sealed
5-amp Snap Switch
with Wiring Leads
-50 to +550
(-46 to +288)
SPDT
1
N/A
HMJ
HMK
N/A
2
HMN
HMP
DPDT
1
HMS
HMT
2
HMY
HMZ
Series HS
Hermetically Sealed
5-amp Snap Switch
with Terminal Block
-50 to +550
(-46 to +288)
SPDT
1
N/A
HM3
HM4
HA9
DPDT
1
HM7
HM8
HB9
Series H1
Hermetically Sealed
1-amp Snap Switch
with Wiring Leads
-50 to +750
(-46 to +399)
SPDT
1
N/A
HKJ
HKK
N/A
DPDT
2
HKN
HKP
Series R
High Temperature
Snap Switch
-40 to +750
(-40 to +399)
SPDT
1
N/A
RKB
RKK
RC9
2
RLB
RLK
RD9
DPDT
1
RNB
RNK
RF9
2
ROB
ROK
RG9
Series 8
Hermetically Sealed
Snap Switch
-50 to +750
(-46 to +399)
SPDT
1
8KA
8KJ
8CC
8KB
8KK
8C9
2
8LA
8LJ
8DC
8LB
8LK
8D9
3
8MA
8MJ
8EC
8MB
8MK
8E9
DPDT
1
8NA
8NJ
8FC
8NB
8NK
8F9
2
8OA
8OJ
8GC
8OB
8OK
8G9
Series 9
High Temperature
Hermetically Sealed
Snap Switch
-50 to +750
(-46 to +399)
SPDT
1
9KA
9KJ
9CC
9KB
9KK
9C9
2
9LA
9LJ
9DC
9LB
9LK
9D9
3
9MA
9MJ
9EC
9MB
9MK
9E9
DPDT
1
9NA
9NJ
9FC
9NB
9NK
9F9
2
9OA
9OJ
9GC
9OB
9OK
9G9
Switch

Description
Process

Temp. Range
°F (°C)
Contacts
Set
Points
CS/Aluminum
Cast Iron
CS/Aluminum
Cast Iron
NEMA 4X
Class I, Div 1
Groups C&D
Class I, Div 1
Group B
NEMA 4X
Class I, Div 1
Groups C&D
Class I, Div 1
Group B
Series R
High Temperature
Snap Switch
-40 to +1000
(-40 to +538)
SPDT
1
N/A
R1M
RKM
RKW
2
R3M
RLM
RLW
DPDT
1
RDM
RNM
RNW
2
REM
ROM
ROW
Series 9
High Temperature
Hermetically Sealed
Snap Switch
-50 to +1000
(-46 to +538)
SPDT
1
9AD
9KD
9KV
9AM
9KM
9KW
2
9BD
9LD
9LV
9BM
9LM
9LW
3
9CD
9MD
9MV
9CM
9MM
9MW
DPDT
1
9DD
9ND
9NV
9DM
9NM
9NW
2
9ED
9OD
9OV
9EM
9OM
9OW


Similar Part No. - C24-1B10-JEE

ManufacturerPart #DatasheetDescription
logo
Surge Components
C24 SURGE-C24 Datasheet
5Mb / 16P
   High dv/dt ability
logo
Vectron International, ...
C2400 VECTRON-C2400 Datasheet
105Kb / 5P
   PCS Base Stations
C2400 VECTRON-C2400 Datasheet
211Kb / 6P
   TCXO EFC Standard Hermetic Wide Frequency Range
logo
Dubilier
C2400 DUBILIER-C2400 Datasheet
95Kb / 1P
   ALKALINE
logo
Vectron International, ...
C2400 VECTRON-C2400_06 Datasheet
105Kb / 5P
   PCS Base Stations
More results

Similar Description - C24-1B10-JEE

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
B35-1B20-JGH MAGNETROL-B35-1B20-JGH Datasheet
1Mb / 36P
   Liquid Level Switches
B40-1F30-FKB MAGNETROL-B40-1F30-FKB Datasheet
457Kb / 20P
   Liquid Level Switches
B74-1B20-8KQ MAGNETROL-B74-1B20-8KQ Datasheet
329Kb / 28P
   Liquid Level Switches
T20-1B2A-9DR MAGNETROL-T20-1B2A-9DR Datasheet
316Kb / 24P
   Liquid Level Switches
A10-1E2D-HM7 MAGNETROL-A10-1E2D-HM7 Datasheet
829Kb / 40P
   Liquid Level and Proof-er짰 Switches
logo
TE Connectivity Ltd
VS TEC-VS_V01 Datasheet
210Kb / 6P
   VERTICAL LIQUID LEVEL SWITCHES
logo
Sensortechnics GmbH
OLP25X0L3 SENSORTECHNICS-OLP25X0L3 Datasheet
70Kb / 4P
   Polysulphone optical liquid level switches
logo
Magnetrol International...
A15-1E2P-BKQ MAGNETROL-A15-1E2P-BKQ Datasheet
666Kb / 28P
   Displacer Type Liquid Level Switches
T52-1E2A-BKP MAGNETROL-T52-1E2A-BKP Datasheet
267Kb / 8P
   Side Mounting Liquid Level Switches
logo
Sensortechnics GmbH
OLT25X0L3 SENSORTECHNICS-OLT25X0L3 Datasheet
62Kb / 4P
   Trogamid optical liquid level switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com