Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C24-1B10-JEE Datasheet(PDF) 3 Page - Magnetrol International, Inc.

Part # C24-1B10-JEE
Description  C24, C25, Boiler and Water Column Liquid Level Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

C24-1B10-JEE Datasheet(HTML) 3 Page - Magnetrol International, Inc.

  C24-1B10-JEE Datasheet HTML 1Page - Magnetrol International, Inc. C24-1B10-JEE Datasheet HTML 2Page - Magnetrol International, Inc. C24-1B10-JEE Datasheet HTML 3Page - Magnetrol International, Inc. C24-1B10-JEE Datasheet HTML 4Page - Magnetrol International, Inc. C24-1B10-JEE Datasheet HTML 5Page - Magnetrol International, Inc. C24-1B10-JEE Datasheet HTML 6Page - Magnetrol International, Inc. C24-1B10-JEE Datasheet HTML 7Page - Magnetrol International, Inc. C24-1B10-JEE Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
SWITCH ENCLOSURES
TYPE 4X/7/9 aluminum enclosures
Designed to meet Class I, Div. 1,
Groups C & D and Class I, Div. 1
Group B
Optional housing heaters and drains
available for some enclosures
Pneumatic switch mechanisms
available with a NEMA 1 enclosure
SERIES F, HS, H1, 8 & 9 HERMETICALLY SEALED SWITCHES
Ideal for use in salt and other
corrosive atmospheres
Positively pressurized capsules for
entire mechanism and contacts
Process temperatures
to +1000° F (+538° C)
SERIES J & K PNEUMATIC SWITCHES
Suited for applications where
electrical power is not available
Bleed and non-bleed designs
Process temperatures
to +400° F (+204° C)
SERIES B, C & D DRY CONTACT SWITCHES
Dry contact for applications where
mercury must be avoided
Designs for AC and DC
current applications
Process temperatures
to +450° F (+232° C)
S P E C I F I C A T I O N S
S W I T C H M E C H A N I S M S A N D E N C L O S U R E S
BASIC ELECTRICAL RATINGS
Voltage
Switch Series and Non-Inductive Ampere Rating
B
C
D
F
HS
H1
R
8
9
120 VAC
15.00
15.00
10.00
2.50
5.00
1.00
1.00
1.00
240 VAC
15.00
15.00
5.00
1.00
1.00
24 VDC
6.00
10.00
10.00
4.00
5.00
1.00
1.00
3.00
0.50
120 VDC
0.50
1.00
10.00
0.30
0.50
0.40
0.40
240 VDC
0.25
0.50
3.00
0.25


Similar Part No. - C24-1B10-JEE

ManufacturerPart #DatasheetDescription
logo
Surge Components
C24 SURGE-C24 Datasheet
5Mb / 16P
   High dv/dt ability
logo
Vectron International, ...
C2400 VECTRON-C2400 Datasheet
105Kb / 5P
   PCS Base Stations
C2400 VECTRON-C2400 Datasheet
211Kb / 6P
   TCXO EFC Standard Hermetic Wide Frequency Range
logo
Dubilier
C2400 DUBILIER-C2400 Datasheet
95Kb / 1P
   ALKALINE
logo
Vectron International, ...
C2400 VECTRON-C2400_06 Datasheet
105Kb / 5P
   PCS Base Stations
More results

Similar Description - C24-1B10-JEE

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
B35-1B20-JGH MAGNETROL-B35-1B20-JGH Datasheet
1Mb / 36P
   Liquid Level Switches
B40-1F30-FKB MAGNETROL-B40-1F30-FKB Datasheet
457Kb / 20P
   Liquid Level Switches
B74-1B20-8KQ MAGNETROL-B74-1B20-8KQ Datasheet
329Kb / 28P
   Liquid Level Switches
T20-1B2A-9DR MAGNETROL-T20-1B2A-9DR Datasheet
316Kb / 24P
   Liquid Level Switches
A10-1E2D-HM7 MAGNETROL-A10-1E2D-HM7 Datasheet
829Kb / 40P
   Liquid Level and Proof-er짰 Switches
logo
TE Connectivity Ltd
VS TEC-VS_V01 Datasheet
210Kb / 6P
   VERTICAL LIQUID LEVEL SWITCHES
logo
Sensortechnics GmbH
OLP25X0L3 SENSORTECHNICS-OLP25X0L3 Datasheet
70Kb / 4P
   Polysulphone optical liquid level switches
logo
Magnetrol International...
A15-1E2P-BKQ MAGNETROL-A15-1E2P-BKQ Datasheet
666Kb / 28P
   Displacer Type Liquid Level Switches
T52-1E2A-BKP MAGNETROL-T52-1E2A-BKP Datasheet
267Kb / 8P
   Side Mounting Liquid Level Switches
logo
Sensortechnics GmbH
OLT25X0L3 SENSORTECHNICS-OLT25X0L3 Datasheet
62Kb / 4P
   Trogamid optical liquid level switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com