Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A15-2E2R-HM7 Datasheet(PDF) 4 Page - Magnetrol International, Inc.

Part # A15-2E2R-HM7
Description  Liquid Level and Proof-er짰 Switches
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

A15-2E2R-HM7 Datasheet(HTML) 4 Page - Magnetrol International, Inc.

  A15-2E2R-HM7 Datasheet HTML 1Page - Magnetrol International, Inc. A15-2E2R-HM7 Datasheet HTML 2Page - Magnetrol International, Inc. A15-2E2R-HM7 Datasheet HTML 3Page - Magnetrol International, Inc. A15-2E2R-HM7 Datasheet HTML 4Page - Magnetrol International, Inc. A15-2E2R-HM7 Datasheet HTML 5Page - Magnetrol International, Inc. A15-2E2R-HM7 Datasheet HTML 6Page - Magnetrol International, Inc. A15-2E2R-HM7 Datasheet HTML 7Page - Magnetrol International, Inc. A15-2E2R-HM7 Datasheet HTML 8Page - Magnetrol International, Inc. A15-2E2R-HM7 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
4
45-610 Displacer Type Liquid Level Switches and Proof-er® Switches
1
5
2
3
4
32
1
Figure 1
Switch position
on rising level
1
5
2
3
4
32
1
Figure 2
Switch position
on falling level
1.0 Introduction
Displacement type level switches offer the industrial user a wide
choice of alarm and control configurations. These units utilize
simple buoyancy principle and are well suited for simple or
complex applications.
1.1
Principle of Operation
1.1.1 Displacer Controls
The design of displacer operated level switches is based upon
the principle that a magnetic field will not be affected by non-
magnetic materials such as 316 stainless steel. In this case, the
displacer moves a magnetic attraction sleeve within a non-mag-
netic enclosing tube and actuates a magnetic switch mechanism.
The enclosing tube provides a pressure seal to the chamber and,
therefore, to the process.
1.2
Operating Cycle
A spring is loaded with a weighted displacer
Πwhich is heavier
than the liquid. Immersion of the displacers caused by rising
liquid level imparts buoyancy forces on the displacer allowing the
spring to compress. The attraction sleeve
 attached to the spring,
moves upward into the field of a permanent magnet
Ž. The
movement of the magnet toward the sleeve causes the switch
 to
actuate. A non-magnetic barrier tube
 provides a static pressure
boundary between the switch mechanism and the displacer assem-
bly. As the liquid level falls, the displacer lowers, causing the spring
to extend, and moving the attraction sleeve out of the magnetic
field of the switch mechanism. This allows the switch to again
change position and to break or make. See Figures 1 and 2.
1.3
Floating Roof Detection
The spring is loaded with a displacer weight suspended from a
stainless steel cable. As the floating roof rises, the weight is lifted
by the roof allowing the spring to compress, the attraction
sleeve to move upward into the field of the switch magnet and
the switch to actuate. As the roof lowers, the weight again hangs
free causing the spring to extend, the sleeve to move downward
and the switch to reset. The displacers are usually fabricated
from ductile metals, such as brass, to prevent sparking when the
displacer makes contact with the roof.
1.4
Operating Cycle — Proof-er Control Option
The purpose of the Proof-er is to check the operation of a
displacer control without having to raise the level in the tank.
This is accomplished by pulling downward on the Proof-er
cable. This causes the spring loaded lever arm to lift the switch
actuator, simulating a high or high–high level condition.
When the cable is released, the Proof-er returns the actuator to
its original position resuming normal operation.


Similar Part No. - A15-2E2R-HM7

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
A15-2E2B-BKB MAGNETROL-A15-2E2B-BKB Datasheet
666Kb / 28P
   Displacer Type Liquid Level Switches
More results

Similar Description - A15-2E2R-HM7

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
B35-1B20-JGH MAGNETROL-B35-1B20-JGH Datasheet
1Mb / 36P
   Liquid Level Switches
B40-1F30-FKB MAGNETROL-B40-1F30-FKB Datasheet
457Kb / 20P
   Liquid Level Switches
B74-1B20-8KQ MAGNETROL-B74-1B20-8KQ Datasheet
329Kb / 28P
   Liquid Level Switches
T20-1B2A-9DR MAGNETROL-T20-1B2A-9DR Datasheet
316Kb / 24P
   Liquid Level Switches
logo
TE Connectivity Ltd
VS TEC-VS_V01 Datasheet
210Kb / 6P
   VERTICAL LIQUID LEVEL SWITCHES
logo
Sensortechnics GmbH
OLP25X0L3 SENSORTECHNICS-OLP25X0L3 Datasheet
70Kb / 4P
   Polysulphone optical liquid level switches
logo
Magnetrol International...
A15-1E2P-BKQ MAGNETROL-A15-1E2P-BKQ Datasheet
666Kb / 28P
   Displacer Type Liquid Level Switches
T52-1E2A-BKP MAGNETROL-T52-1E2A-BKP Datasheet
267Kb / 8P
   Side Mounting Liquid Level Switches
logo
Sensortechnics GmbH
OLT25X0L3 SENSORTECHNICS-OLT25X0L3 Datasheet
62Kb / 4P
   Trogamid optical liquid level switches
logo
Magnetrol International...
C29-1N30-JDG MAGNETROL-C29-1N30-JDG Datasheet
309Kb / 24P
   Float Actuated Liquid Level Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com