Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20WT04FNTR Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 20WT04FNTR
Description  High Performance Schottky Generation 5.0, 20 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20WT04FNTR Datasheet(HTML) 6 Page - Vishay Siliconix

  20WT04FNTR Datasheet HTML 1Page - Vishay Siliconix 20WT04FNTR Datasheet HTML 2Page - Vishay Siliconix 20WT04FNTR Datasheet HTML 3Page - Vishay Siliconix 20WT04FNTR Datasheet HTML 4Page - Vishay Siliconix 20WT04FNTR Datasheet HTML 5Page - Vishay Siliconix 20WT04FNTR Datasheet HTML 6Page - Vishay Siliconix 20WT04FNTR Datasheet HTML 7Page - Vishay Siliconix 20WT04FNTR Datasheet HTML 8Page - Vishay Siliconix 20WT04FNTR Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94573
6
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 04-Jan-11
VS-20UT04, VS-20WT04FN
Vishay Semiconductors
High Performance Schottky
Generation 5.0, 20 A
ORDERING INFORMATION TABLE
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95024
Part marking information
www.vishay.com/doc?95025
Packaging information
www.vishay.com/doc?95033
SPICE model
www.vishay.com/doc?95027
1
-
Vishay Semiconductors product
2
-
Current rating (20 A)
3
-
Package:
U = I-PAK
W = D-PAK
4
-
T = Trench
5
-
Voltage code (45 V)
7
-
D-PAK, I-PAK:
None = Tube (75 pieces)
D-PAK only:
TR = Tape and reel
TRL = Tape and reel (left oriented)
TRR = Tape and reel (right oriented)
6
-
TO-252AA (D-PAK)
Device code
5
1
3
2
4
6
7
VS-
20
U
T
04
FN
TRL


Similar Part No. - 20WT04FNTR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20WT04FNTR VISHAY-20WT04FNTR Datasheet
135Kb / 8P
   High Performance Schottky Generation 5.0, 20 A
Revision: 03-Nov-11
20WT04FNTRL VISHAY-20WT04FNTRL Datasheet
135Kb / 8P
   High Performance Schottky Generation 5.0, 20 A
Revision: 03-Nov-11
20WT04FNTRR VISHAY-20WT04FNTRR Datasheet
135Kb / 8P
   High Performance Schottky Generation 5.0, 20 A
Revision: 03-Nov-11
More results

Similar Description - 20WT04FNTR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-20WT04FN VISHAY-VS-20WT04FN Datasheet
123Kb / 7P
   High Performance Schottky Generation 5.0, 20 A
Revision: 20-Jan-09
21TT100 VISHAY-21TT100_12 Datasheet
164Kb / 8P
   High Performance Schottky Generation 5.0, 20 A
Revision: 05-Sep-08
20TT100 VISHAY-20TT100_08 Datasheet
111Kb / 7P
   High Performance Schottky Generation 5.0, 20 A
Revision: 05-Sep-08
20TT100 VISHAY-20TT100_V01 Datasheet
151Kb / 8P
   High Performance Schottky Generation 5.0, 20 A
02-Oct-12
20TT100 VISHAY-20TT100_12 Datasheet
143Kb / 8P
   High Performance Schottky Generation 5.0, 20 A
Revision: 05-Sep-08
20UT04 VISHAY-20UT04_12 Datasheet
135Kb / 8P
   High Performance Schottky Generation 5.0, 20 A
Revision: 03-Nov-11
21TT100 VISHAY-21TT100 Datasheet
130Kb / 7P
   High Performance Schottky Generation 5.0, 20 A
Revision: 05-Sep-08
20TT100 VISHAY-20TT100 Datasheet
92Kb / 7P
   High Performance Schottky Generation 5.0, 20 A
Revision: 05-Sep-08
40CPT100-F VISHAY-40CPT100-F Datasheet
147Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 20 A
Revision: 29-Jul-09
43CTT100 VISHAY-43CTT100_08 Datasheet
128Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 20 A
Revision: 08-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com