Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20ETS08PBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 20ETS08PBF
Description  High Voltage Input Rectifier Diode, 20 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20ETS08PBF Datasheet(HTML) 2 Page - Vishay Siliconix

  20ETS08PBF Datasheet HTML 1Page - Vishay Siliconix 20ETS08PBF Datasheet HTML 2Page - Vishay Siliconix 20ETS08PBF Datasheet HTML 3Page - Vishay Siliconix 20ETS08PBF Datasheet HTML 4Page - Vishay Siliconix 20ETS08PBF Datasheet HTML 5Page - Vishay Siliconix 20ETS08PBF Datasheet HTML 6Page - Vishay Siliconix 20ETS08PBF Datasheet HTML 7Page - Vishay Siliconix 20ETS08PBF Datasheet HTML 8Page - Vishay Siliconix 20ETS08PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
VS-20ETS..PbF, VS-20ATS..PbF
www.vishay.com
Vishay Semiconductors
Revision: 18-Aug-11
2
Document Number: 94341
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
IF(AV)
TC = 105 °C, 180° conduction half sine wave
20
A
Maximum peak one cycle
non-repetitive surge current
IFSM
10 ms sine pulse, rated VRRM applied
250
10 ms sine pulse, no voltage reapplied
300
Maximum I2t for fusing
I2t
10 ms sine pulse, rated VRRM applied
316
A2s
10 ms sine pulse, no voltage reapplied
442
Maximum I2
t for fusing
I2
t
t = 0.1 ms to 10 ms, no voltage reapplied
4420
A2
s
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop
VFM
20 A, TJ = 25 °C
1.1
V
Forward slope resistance
rt
TJ = 150 °C
10.4
m
Threshold voltage
VF(TO)
0.85
V
Maximum reverse leakage current
IRM
TJ = 25 °C
VR = Rated VRRM
0.1
mA
TJ = 150 °C
1.0
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ, TStg
- 40 to 150
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation
1.3
°C/W
Typical thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
0.5
Approximate weight
2
g
0.07
oz.
Mounting torque
minimum
6 (5)
kgf · cm
(lbf · in)
maximum
12 (10)
Marking device
Case style TO-220AC
20ETS08
20ETS12
Case style TO-220AB
20ATS08
20ATS12


Similar Part No. - 20ETS08PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20ETS08 IRF-20ETS08 Datasheet
256Kb / 6P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE
20ETS08 IRF-20ETS08 Datasheet
179Kb / 7P
   INPUT RECTIFIER DIODE
logo
Inchange Semiconductor ...
20ETS08 ISC-20ETS08 Datasheet
238Kb / 2P
   Input Rectifier Diode
logo
International Rectifier
20ETS08FP IRF-20ETS08FP Datasheet
256Kb / 6P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE
logo
Vishay Siliconix
20ETS08FP VISHAY-20ETS08FP Datasheet
134Kb / 7P
   Input Rectifier Diode, 20 A
Revision: 04-Aug-08
More results

Similar Description - 20ETS08PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-20ETS-M3 VISHAY-VS-20ETS-M3 Datasheet
219Kb / 7P
   High Voltage, Input Rectifier Diode, 20 A
01-Jan-2022
VS-20ETSFPPBF VISHAY-VS-20ETSFPPBF Datasheet
147Kb / 7P
   High Voltage, Input Rectifier Diode, 20 A
Revision: 12-Feb-16
VS-20ETS16THM3 VISHAY-VS-20ETS16THM3 Datasheet
164Kb / 6P
   High Voltage, Input Rectifier Diode, 20 A
Revision: 27-Mar-2019
VS-20ETS12THM3 VISHAY-VS-20ETS12THM3 Datasheet
212Kb / 8P
   High Voltage, Input Rectifier Diode, 20 A
Revision: 27-Mar-2019
VS-20ETS16-M3 VISHAY-VS-20ETS16-M3 Datasheet
162Kb / 6P
   High Voltage, Input Rectifier Diode, 20 A
Revision: 16-Oct-17
VS-20ETSFPPBF VISHAY-VS-20ETSFPPBF_V01 Datasheet
122Kb / 7P
   High Voltage, Input Rectifier Diode, 20 A
08-Feb-17
VS-20ETS08FP-M3 VISHAY-VS-20ETS08FP-M3_V01 Datasheet
153Kb / 7P
   High Voltage, Input Rectifier Diode, 20 A
01-Jan-2022
VS-20ETS16PBF VISHAY-VS-20ETS16PBF Datasheet
164Kb / 6P
   High Voltage, Input Rectifier Diode, 20 A
Revision: 11-Feb-16
VS-20ETS16-M3 VISHAY-VS-20ETS16-M3_V01 Datasheet
172Kb / 6P
   High Voltage, Input Rectifier Diode, 20 A
01-Jan-2022
VS-20ETS16THM3 VISHAY-VS-20ETS16THM3_V01 Datasheet
161Kb / 6P
   High Voltage, Input Rectifier Diode, 20 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com