Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20ETS08FP Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 20ETS08FP
Description  Input Rectifier Diode, 20 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20ETS08FP Datasheet(HTML) 5 Page - Vishay Siliconix

  20ETS08FP Datasheet HTML 1Page - Vishay Siliconix 20ETS08FP Datasheet HTML 2Page - Vishay Siliconix 20ETS08FP Datasheet HTML 3Page - Vishay Siliconix 20ETS08FP Datasheet HTML 4Page - Vishay Siliconix 20ETS08FP Datasheet HTML 5Page - Vishay Siliconix 20ETS08FP Datasheet HTML 6Page - Vishay Siliconix 20ETS08FP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 94339
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 04-Aug-08
5
20ETS..FPPbF High Voltage Series
Input Rectifier Diode, 20 A Vishay High Power Products
ORDERING INFORMATION TABLE
1
-
Current rating (20 = 20 A)
2
-
Circuit configuration:
3
-
Package:
T = TO-220
FULL-PAK
4
-
Type of silicon:
S = Standard recovery rectifier
5
-
Voltage ratings
6
-
7
-
None = Standard production
PbF = Lead (Pb)-free
E = Single diode
08 = 800 V
12 = 1200 V
Device code
5
13
24
67
20
E
T
S
12
FP
PbF
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95005
Part marking information
http://www.vishay.com/doc?95009


Similar Part No. - 20ETS08FP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20ETS08FP IRF-20ETS08FP Datasheet
256Kb / 6P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE
logo
Inchange Semiconductor ...
20ETS08FP ISC-20ETS08FP Datasheet
263Kb / 2P
   Input Rectifier Diode
More results

Similar Description - 20ETS08FP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20ETS08SPBF VISHAY-20ETS08SPBF Datasheet
170Kb / 7P
   Input Rectifier Diode, 20 A
Revision: 28-Jul-10
20ETS16PBF VISHAY-20ETS16PBF Datasheet
167Kb / 6P
   Input Rectifier Diode, 20 A
Revision: 02-Nov-10
20ETSS VISHAY-20ETSS Datasheet
107Kb / 6P
   Input Rectifier Diode, 20 A
Revision: 28-Jul-08
VS-20ETS-M3 VISHAY-VS-20ETS-M3 Datasheet
219Kb / 7P
   High Voltage, Input Rectifier Diode, 20 A
01-Jan-2022
VS-20ETSFPPBF VISHAY-VS-20ETSFPPBF Datasheet
147Kb / 7P
   High Voltage, Input Rectifier Diode, 20 A
Revision: 12-Feb-16
VS-20ETS16THM3 VISHAY-VS-20ETS16THM3 Datasheet
164Kb / 6P
   High Voltage, Input Rectifier Diode, 20 A
Revision: 27-Mar-2019
20ETS08PBF VISHAY-20ETS08PBF Datasheet
228Kb / 9P
   High Voltage Input Rectifier Diode, 20 A
Revision: 18-Aug-11
VS-20ETS12THM3 VISHAY-VS-20ETS12THM3 Datasheet
212Kb / 8P
   High Voltage, Input Rectifier Diode, 20 A
Revision: 27-Mar-2019
VS-20ETS16-M3 VISHAY-VS-20ETS16-M3 Datasheet
162Kb / 6P
   High Voltage, Input Rectifier Diode, 20 A
Revision: 16-Oct-17
VS-20ETSFPPBF VISHAY-VS-20ETSFPPBF_V01 Datasheet
122Kb / 7P
   High Voltage, Input Rectifier Diode, 20 A
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com