Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145472FE Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC145472FE
Description  LOW-VOLTAGE CMOS 16-BIT TRANSPARENT LATCH
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145472FE Datasheet(HTML) 4 Page - Motorola, Inc

  MC145472FE Datasheet HTML 1Page - Motorola, Inc MC145472FE Datasheet HTML 2Page - Motorola, Inc MC145472FE Datasheet HTML 3Page - Motorola, Inc MC145472FE Datasheet HTML 4Page - Motorola, Inc MC145472FE Datasheet HTML 5Page - Motorola, Inc MC145472FE Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74LCX16373
MOTOROLA
LCX DATA
BR1339 — REV 3
4
DC ELECTRICAL CHARACTERISTICS (continued)
TA = –40°C to +85°C
Symbol
Characteristic
Condition
Min
Max
Unit
II
Input Leakage Current
2.7V
≤ VCC ≤ 3.6V; 0V ≤ VI ≤ 5.5V
±5.0
µA
IOZ
3–State Output Current
2.7
≤ VCC ≤ 3.6V; 0V ≤ VO ≤ 5.5V;
VI = VIH or V IL
±5.0
µA
IOFF
Power–Off Leakage Current
VCC = 0V; VI or VO = 5.5V
10
µA
ICC
Quiescent Supply Current
2.7
≤ VCC ≤ 3.6V; VI = GND or VCC
20
µA
2.7
≤ VCC ≤ 3.6V; 3.6 ≤ VI or VO ≤ 5.5V
±20
µA
∆ICC
Increase in ICC per Input
2.7
≤ VCC ≤ 3.6V; VIH = VCC – 0.6V
500
µA
AC CHARACTERISTICS (tR = tF = 2.5ns; CL = 50pF; RL = 500Ω)
Limits
TA = –40°C to +85°C
VCC = 3.0V to 3.6V
VCC = 2.7V
Symbol
Parameter
Waveform
Min
Max
Min
Max
Unit
tPLH
tPHL
Propagation Delay
Dn to On
1
1.5
1.5
5.4
5.4
1.5
1.5
5.9
5.9
ns
tPLH
tPHL
Propagation Delay
LE to On
3
1.5
1.5
5.5
5.5
1.5
1.5
6.4
6.4
ns
tPZH
tPZL
Output Enable Time to HIGH and
LOW Level
2
1.5
1.5
6.1
6.1
1.5
1.5
6.5
6.5
ns
tPHZ
tPLZ
Output Disable Time from HIGH and
LOW Level
2
1.5
1.5
6.0
6.0
1.5
1.5
6.3
6.3
ns
ts
Setup TIme, HIGH or LOW Dn to LE
3
2.5
2.5
ns
th
Hold TIme, HIGH or LOW Dn to LE
3
1.5
1.5
ns
tw
LE Pulse Width, HIGH
3
3.0
3.0
ns
tOSHL
tOSLH
Output–to–Output Skew
(Note 3.)
1.0
1.0
ns
3. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH–to–LOW (tOSHL) or LOW–to–HIGH (tOSLH); parameter
guaranteed by design.
DYNAMIC SWITCHING CHARACTERISTICS
TA = +25°C
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
VOLP
Dynamic LOW Peak Voltage (Note 4.)
VCC = 3.3V, CL = 50pF, VIH = 3.3V, VIL = 0V
0.8
V
VOLV
Dynamic LOW Valley Voltage (Note 4.)
VCC = 3.3V, CL = 50pF, VIH = 3.3V, VIL = 0V
0.8
V
4. Number of outputs defined as “n”. Measured with “n–1” outputs switching from HIGH–to–LOW or LOW–to–HIGH. The remaining output is
measured in the LOW state.
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
VCC = 3.3V, VI = 0V or VCC
7
pF
COUT
Output Capacitance
VCC = 3.3V, VI = 0V or VCC
8
pF
CPD
Power Dissipation Capacitance
10MHz, VCC = 3.3V, VI = 0V or VCC
20
pF


Similar Part No. - MC145472FE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145474 MOTOROLA-MC145474 Datasheet
460Kb / 111P
   ISDN S/T Interface Transceiver
logo
Pulse A Technitrol Comp...
MC145474 PULSE-MC145474 Datasheet
1Mb / 7P
   ISDN S-Interface Transformers
logo
Motorola, Inc
MC145475 MOTOROLA-MC145475 Datasheet
460Kb / 111P
   ISDN S/T Interface Transceiver
MC14547B MOTOROLA-MC14547B Datasheet
201Kb / 7P
   HIGH CURRENT BCD-TO-SEVEN SEGMENT DECODER/DRIVER
MC14547BCL MOTOROLA-MC14547BCL Datasheet
201Kb / 7P
   HIGH CURRENT BCD-TO-SEVEN SEGMENT DECODER/DRIVER
More results

Similar Description - MC145472FE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX16373DTRG ONSEMI-MC74LCX16373DTRG Datasheet
142Kb / 7P
   Low-Voltage CMOS 16-Bit Transparent Latch
July, 2010 ??Rev. 8
74LCX162373 ONSEMI-74LCX162373 Datasheet
239Kb / 12P
   Low Voltage 16-Bit Transparent Latch
Revised May 2005
74VCX16373 ONSEMI-74VCX16373_18 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch
Revised June 2005
74VCX162373 ONSEMI-74VCX162373 Datasheet
262Kb / 10P
   Low Voltage 16-Bit Transparent Latch
Revised June 2005
logo
Integrated Device Techn...
IDT74FCT163373 IDT-IDT74FCT163373 Datasheet
100Kb / 7P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
logo
Renesas Technology Corp
IDT74FCT163373A RENESAS-IDT74FCT163373A Datasheet
239Kb / 8P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT16373AT IDT-IDT74FCT16373AT_17 Datasheet
92Kb / 7P
   FAST CMOS 16-BIT TRANSPARENT LATCH
logo
Renesas Technology Corp
IDT74FCT162373AT RENESAS-IDT74FCT162373AT Datasheet
286Kb / 8P
   FAST CMOS 16-BIT TRANSPARENT LATCH
MARCH 2015
logo
Integrated Device Techn...
74FCT163373PV IDT-74FCT163373PV Datasheet
353Kb / 7P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
IDT74FCT162373AT IDT-IDT74FCT162373AT_06 Datasheet
74Kb / 7P
   FAST CMOS 16-BIT TRANSPARENT LATCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com