Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5062 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 1N5062
Description  Standard Avalanche Sinterglass Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N5062 Datasheet(HTML) 2 Page - Vishay Siliconix

  1N5062 Datasheet HTML 1Page - Vishay Siliconix 1N5062 Datasheet HTML 2Page - Vishay Siliconix 1N5062 Datasheet HTML 3Page - Vishay Siliconix 1N5062 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1N5059, 1N5060, 1N5061,1N5062
Standard Avalanche Sinterglass
Diode
Vishay Semiconductors
Document Number: 86000
For technical questions within your region, please contact one of the following:
www.vishay.com
Rev. 1.6, 25-Aug-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
139
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Max. Reverse Power Dissipation vs. Junction Temperature
Fig. 2 - Max. Reverse Current vs. Junction Temperature
Fig. 3 - Max. Average Forward Current vs. Ambient Temperature
Fig. 4 - Max. Forward Current vs. Forward Voltage
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX
UNIT
Forward voltage
IF = 1 A
VF
--
1
V
IF = 2.5 A
VF
-
-
1.15
V
Reverse current
VR = VRRM
IR
--
1
μA
VR = VRRM, Tj = 100 °C
IR
-
-
10
μA
VR = VRRM, Tj = 150 °C
IR
-
-
100
μA
Breakdown voltage
IR = 100 μA
1N5059
V(BR)R
225
-
1600
V
1N5060
V(BR)R
450
-
1600
V
1N5061
V(BR)R
650
-
1600
V
1N5062
V(BR)R
900
-
1600
V
Diode capacitance
VR = 0 V, f = 1 MHz
CD
-40
-
pF
Reverse recovery time
IF = 0.5 A, IR = 1 A, iR = 0.25 A
trr
--
4
μs
0
40
80
120
160
200
25
50
75
100
125
150
175
Tj - Junction Temperature (
°C)
15764
VR =VRRM
160 K/W
100 K/W
45 K/W
RthJA =
1N5062
1N5061
1N5060
1N5059
0.1
1
10
100
1000
15765
VR =VRRM
25
50
75
100
125
150
175
Tj - Junction Temperature (
°C)
15763_1
VR =VRRM
half sinewave
RthJA=45 K/W
l =10 mm
RthJA= 100 K/W
PCB:d=25mm
020406080 100 120 140 160 180
Tamb - Ambient Temperature (°C)
0.0
1.0
1.5
2.0
2.5
3.0
0.5
0
0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0
VF - Forward Voltage(V)
15762
Tj =25
°C
Tj =175
°C
0.01
0.1
1
10
100
0.001


Similar Part No. - 1N5062

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
1N5062 POWEREX-1N5062 Datasheet
204Kb / 4P
   Passivated Rectifier
logo
Digitron Semiconductors
1N5062 DIGITRON-1N5062 Datasheet
90Kb / 2P
   STANDARD AVALANCHE SINTERGLASS DIODE
logo
Vishay Siliconix
1N5062 VISHAY-1N5062 Datasheet
43Kb / 4P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
logo
Diotec Semiconductor
1N5062 DIOTEC-1N5062 Datasheet
96Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
logo
General Semiconductor
1N5062 GE-1N5062 Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
More results

Similar Description - 1N5062

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYT51A VISHAY-BYT51A_10 Datasheet
113Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.8, 25-Aug-10
BYW82 VISHAY-BYW82_10 Datasheet
108Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
logo
Shenzhen Luguang Electr...
BY228 LUGUANG-BY228 Datasheet
211Kb / 3P
   Standard Avalanche Sinterglass Diode
logo
Vishay Siliconix
1348380 VISHAY-1348380 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BY527 VISHAY-BY527_V01 Datasheet
139Kb / 4P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
BYT62 VISHAY-BYT62_V01 Datasheet
155Kb / 5P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
1N5059 VISHAY-1N5059_15 Datasheet
130Kb / 5P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 12-Sep-12
BY527 VISHAY-BY527_10 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
S330D VISHAY-S330D_10 Datasheet
114Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.6, 25-Aug-10
BY228TAP VISHAY-BY228TAP Datasheet
111Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.8, 12-Sep-12
BY228 VISHAY-BY228_10 Datasheet
102Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 09-Aug-10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com