Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4002GP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 1N4002GP
Description  Glass Passivated Junction Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N4002GP Datasheet(HTML) 1 Page - Vishay Siliconix

  1N4002GP Datasheet HTML 1Page - Vishay Siliconix 1N4002GP Datasheet HTML 2Page - Vishay Siliconix 1N4002GP Datasheet HTML 3Page - Vishay Siliconix 1N4002GP Datasheet HTML 4Page - Vishay Siliconix 1N4002GP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 88504
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 15-Mar-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Glass Passivated Junction Rectifier
1N4001GP thru 1N4007GP
Vishay General Semiconductor
TYPICAL APPLICATIONS
For use in general purpose rectification of power supplies,
inverters, converters and freewheeling diodes for both
consumer and automotive applications.
FEATURES
• Superectifier
structure
for
high
reliability
application
• Cavity-free glass-passivated junction
• Low forward voltage drop
• Low leakage current, typical IR less than 0.1 μA
• High forward surge capability
• Meets environmental standard MIL-S-19500
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• AEC-Q101 qualified
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case: DO-204AL, molded epoxy over glass body
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS compliant, commercial grade
Base P/NHE3 - RoHS compliant, AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix
meets JESD 201 class 2 whisker test
Polarity: Color band denotes cathode end
Notes
(1) JEDEC registered values
(2) For device using on bridge rectifier application
PRIMARY CHARACTERISTICS
IF(AV)
1.0 A
VRRM
50 V to 1000 V
IFSM (8.3 ms sine-wave)
30 A
IFSM (square wave tp = 1 ms)
45 A
IR
5.0 μA
VF
1.1 V
TJ max.
175 °C
DO-204AL (DO-41)
SUPERECTIFIER
®
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL 1N4001GP 1N4002GP 1N4003GP 1N4004GP 1N4005GP 1N4006GP 1N4007GP UNIT
Maximum repetitive peak
reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS (1)
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC (1)
50
100
200
400
600
800
1000
V
Maximum average forward rectified
current 0.375" (9.5 mm) lead length
at TA = 75 °C
IF(AV) (1)
1.0
A
Non-repetitive peak
forward surge current
square waveform
TA = 25 °C (fig. 3)
tp = 1 ms
IFSM (1)
45
A
tp = 2 ms
35
tp = 5 ms
30
Maximum full load reverse current,
full cycle average 0.375" (9.5 mm)
lead length TA = 75 °C
IR(AV) (1)
30
μA
Rating for fusing (t < 8.3 ms)
I2t (2)
3.7
A2s
Operating junction and
storage temperature range
TJ, TSTG (1)
- 65 to + 175
°C


Similar Part No. - 1N4002GP

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N4002GP GE-1N4002GP Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Diotec Semiconductor
1N4002GP DIOTEC-1N4002GP Datasheet
154Kb / 2P
   Standard Recovery Rectifier Diodes
logo
Micro Commercial Compon...
1N4002GP MCC-1N4002GP Datasheet
79Kb / 3P
   1 Amp Glass PassivatedRectifier 50 - 1000 Volts
1N4002GP MCC-1N4002GP Datasheet
560Kb / 4P
   1 Amp Glass PassivatedRectifier 50 - 1000 Volts
logo
Taiwan Semiconductor Co...
1N4002GP TSC-1N4002GP Datasheet
55Kb / 2P
   1.0 AMP. Glass Passivated Junction Plastic Rectifiers
More results

Similar Description - 1N4002GP

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RL251G GOOD-ARK-RL251G Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
RL151G GOOD-ARK-RL151G Datasheet
45Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
G2A GE-G2A Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
1N5624GP GE-1N5624GP Datasheet
59Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
New Jersey Semi-Conduct...
G3A NJSEMI-G3A Datasheet
89Kb / 1P
   Glass Passivated Junction Rectifier
logo
Shenzhen Taychipst Elec...
GP15A TAYCHIPST-GP15A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
GP20A TAYCHIPST-GP20A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
6A05G GOOD-ARK-6A05G Datasheet
164Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
1N4245GP GE-1N4245GP Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
1N5059 GE-1N5059 Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GPP20A VISHAY-GPP20A_09 Datasheet
66Kb / 4P
   Glass Passivated Junction Rectifier
Revision: 03-Nov-09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com