Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM9938W Datasheet(PDF) 10 Page - Touchstone Semiconductor Inc

Part # TSM9938W
Description  A 1uA, SOT23 Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TSM9938W Datasheet(HTML) 10 Page - Touchstone Semiconductor Inc

Back Button TSM9938W Datasheet HTML 3Page - Touchstone Semiconductor Inc TSM9938W Datasheet HTML 4Page - Touchstone Semiconductor Inc TSM9938W Datasheet HTML 5Page - Touchstone Semiconductor Inc TSM9938W Datasheet HTML 6Page - Touchstone Semiconductor Inc TSM9938W Datasheet HTML 7Page - Touchstone Semiconductor Inc TSM9938W Datasheet HTML 8Page - Touchstone Semiconductor Inc TSM9938W Datasheet HTML 9Page - Touchstone Semiconductor Inc TSM9938W Datasheet HTML 10Page - Touchstone Semiconductor Inc TSM9938W Datasheet HTML 11Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TSM9938
Page 10
TSM9938DS r1p0
RTFDS
RS+/RS- input pair of TSM9938 #2 is wired opposite
in polarity with respect to the RS+/RS- connections
of TSM9938 #1. Current-sense amplifier #1
therefore measures the discharge current and
current-sense amplifier #2 measures the charge
current. Note that both output voltages are
measured with respect to GND. When the discharge
current is being measured, VOUT1 is active and VOUT2
is zero; for the case where charge current is being
measured, VOUT1 is zero, and VOUT2 is active.
PC Board Layout and Power-Supply Bypassing
For optimal circuit performance, the TSM9938
should be in very close proximity to the external
current-sense resistor and the pcb tracks from
RSENSE to the RS+ and the RS- input terminals of
the TSM9938 should be short and symmetric. Also
recommended are a ground plane and surface
mount resistors and capacitors.


Similar Part No. - TSM9938W

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
   SOT23 Precision Current-Sense Amplifier
TSM9938FEUKT SILABS-TSM9938FEUKT Datasheet
1Mb / 12P
   SOT23 Precision Current-Sense Amplifier
More results

Similar Description - TSM9938W

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX9938 MAXIM-MAX9938_11 Datasheet
523Kb / 14P
   1uA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 6; 1/11
logo
Silicon Laboratories
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
   SOT23 Precision Current-Sense Amplifier
logo
Touchstone Semiconducto...
TS1101 TOUCHSTONE-TS1101 Datasheet
1Mb / 11P
   A 1uA, 2V to 25V Bidirectional Precision Current-Sense Amplifier
TS1102 TOUCHSTONE-TS1102 Datasheet
787Kb / 11P
   A 1關A, 200關VOS SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX9938_0910 MAXIM-MAX9938_0910 Datasheet
519Kb / 14P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 3; 10/09
MAX9938 MAXIM-MAX9938 Datasheet
176Kb / 9P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 0; 4/08
MAX9938 MAXIM-MAX9938_09 Datasheet
310Kb / 13P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX9634 MAXIM-MAX9634 Datasheet
283Kb / 11P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 1; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com