Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM9634F Datasheet(PDF) 11 Page - Touchstone Semiconductor Inc

Part # TSM9634F
Description  A 1uA, SOT23 Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TSM9634F Datasheet(HTML) 11 Page - Touchstone Semiconductor Inc

Back Button TSM9634F Datasheet HTML 3Page - Touchstone Semiconductor Inc TSM9634F Datasheet HTML 4Page - Touchstone Semiconductor Inc TSM9634F Datasheet HTML 5Page - Touchstone Semiconductor Inc TSM9634F Datasheet HTML 6Page - Touchstone Semiconductor Inc TSM9634F Datasheet HTML 7Page - Touchstone Semiconductor Inc TSM9634F Datasheet HTML 8Page - Touchstone Semiconductor Inc TSM9634F Datasheet HTML 9Page - Touchstone Semiconductor Inc TSM9634F Datasheet HTML 10Page - Touchstone Semiconductor Inc TSM9634F Datasheet HTML 11Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
TSM9634
Touchstone Semiconductor, Inc.
Page 11
630 Alder Drive, Milpitas, CA 95035
TSM9634DS r1p0
+1 (408) 215 - 1220
www.touchstonesemi.com
RTFDS
PACKAGE OUTLINE DRAWING
5-Pin SOT23 Package Outline Drawing
(N.B., Drawings are not to scale)
Information furnished by Touchstone Semiconductor is believed to be accurate and reliable. However, Touchstone Semiconductor does not
assume any responsibility for its use nor for any infringements of patents or other rights of third parties that may result from its use, and all
information provided by Touchstone Semiconductor and its suppliers is provided on an AS IS basis, WITHOUT WARRANTY OF ANY KIND.
Touchstone Semiconductor reserves the right to change product specifications and product descriptions at any time without any advance
notice. No license is granted by implication or otherwise under any patent or patent rights of Touchstone Semiconductor. Touchstone
Semiconductor assumes no liability for applications assistance or customer product design. Customers are responsible for their products and
applications using Touchstone Semiconductor components. To minimize the risk associated with customer products and applications,
customers should provide adequate design and operating safeguards. Trademarks and registered trademarks are the property of their
respective owners.
NOTES:
1. Dimensions and tolerances are as per ANSI Y14.5M, 1982.
2. Package surface to be matte finish VDI 11~13.
3. Die is facing up mold and facing down for trim/form,
ie, reverse trim/form.
4. The foot length measuring is based on the gauge plane method.
5. Dimensions are exclusive of mold flash and gate burr.
6. Dimensions are exclusive of solder plating.
7. All dimensions are in mm.
8. This part is compliant with EIAJ spec. and JEDEC MO-178 AA
9. Lead span/stand off height/coplanarity are considered as special
characteristic.
5.
2.80 - 3.00
0.95 0.950
TYP
5
0.30 - 0.50
0.00 - 0.15
10º TYP
10º TYP
10º TYP
0.09 - 0.20
5
10º TYP
0º- 8º
0.30 - 0.55
0.25
Gauge Plane
1.90 Max
0.10 Max
0.09
– 1.45
0.50
– 0.70
1.50
– 1.75
0.50 Max
0.30 Min
0.20 Max
0.09 Min
0.90 - 1.30
0.60
– 0.80
TYP


Similar Part No. - TSM9634F

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
   Precision Current-Sense Amplifier
TSM9634FEUKT SILABS-TSM9634FEUKT Datasheet
1Mb / 12P
   Precision Current-Sense Amplifier
More results

Similar Description - TSM9634F

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX9938 MAXIM-MAX9938_11 Datasheet
523Kb / 14P
   1uA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 6; 1/11
logo
Silicon Laboratories
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
   SOT23 Precision Current-Sense Amplifier
logo
Touchstone Semiconducto...
TS1101 TOUCHSTONE-TS1101 Datasheet
1Mb / 11P
   A 1uA, 2V to 25V Bidirectional Precision Current-Sense Amplifier
TS1102 TOUCHSTONE-TS1102 Datasheet
787Kb / 11P
   A 1關A, 200關VOS SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX9938_0910 MAXIM-MAX9938_0910 Datasheet
519Kb / 14P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 3; 10/09
MAX9938 MAXIM-MAX9938 Datasheet
176Kb / 9P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 0; 4/08
MAX9938 MAXIM-MAX9938_09 Datasheet
310Kb / 13P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX9634 MAXIM-MAX9634 Datasheet
283Kb / 11P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 1; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com