Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TSM9938 Datasheet(PDF) 6 Page - Touchstone Semiconductor Inc

Part # TSM9938
Description  A 1uA, SOT23 Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TSM9938 Datasheet(HTML) 6 Page - Touchstone Semiconductor Inc

Back Button TSM9938 Datasheet HTML 2Page - Touchstone Semiconductor Inc TSM9938 Datasheet HTML 3Page - Touchstone Semiconductor Inc TSM9938 Datasheet HTML 4Page - Touchstone Semiconductor Inc TSM9938 Datasheet HTML 5Page - Touchstone Semiconductor Inc TSM9938 Datasheet HTML 6Page - Touchstone Semiconductor Inc TSM9938 Datasheet HTML 7Page - Touchstone Semiconductor Inc TSM9938 Datasheet HTML 8Page - Touchstone Semiconductor Inc TSM9938 Datasheet HTML 9Page - Touchstone Semiconductor Inc TSM9938 Datasheet HTML 10Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TSM9938
Page 6
TSM9938DS r1p0
RTFDS
200µs/DIV
Large-Signal Pulse Response, Gain = 25
TYPICAL PERFORMANCE CHARACTERISTICS
VRS+ = VRS- = 3.6V; TA = +25
°C, unless otherwise noted.
200µs/DIV
Small-Signal Pulse Response, Gain = 50
200µs/DIV
Large-Signal Pulse Response, Gain = 50
200µs/DIV
Small-Signal Pulse Response, Gain = 25
200µs/DIV
Small-Signal Pulse Response, Gain = 100
200µs/DIV
Large-Signal Pulse Response, Gain = 100


Similar Part No. - TSM9938

ManufacturerPart #DatasheetDescription
Silicon Laboratories
Silicon Laboratories
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
   SOT23 Precision Current-Sense Amplifier
TSM9938FEUKT SILABS-TSM9938FEUKT Datasheet
1Mb / 12P
   SOT23 Precision Current-Sense Amplifier
More results

Similar Description - TSM9938

ManufacturerPart #DatasheetDescription
Touchstone Semiconductor Inc
Touchstone Semiconducto...
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
Maxim Integrated Products
Maxim Integrated Produc...
MAX9938 MAXIM-MAX9938_11 Datasheet
523Kb / 14P
   1uA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 6; 1/11
Silicon Laboratories
Silicon Laboratories
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
   SOT23 Precision Current-Sense Amplifier
Touchstone Semiconductor Inc
Touchstone Semiconducto...
TS1101 TOUCHSTONE-TS1101 Datasheet
1Mb / 11P
   A 1uA, 2V to 25V Bidirectional Precision Current-Sense Amplifier
TS1102 TOUCHSTONE-TS1102 Datasheet
787Kb / 11P
   A 1關A, 200關VOS SOT23 Precision Current-Sense Amplifier
Maxim Integrated Products
Maxim Integrated Produc...
MAX9938 MAXIM-MAX9938 Datasheet
176Kb / 9P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 0; 4/08
MAX9938_0910 MAXIM-MAX9938_0910 Datasheet
519Kb / 14P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 3; 10/09
MAX9938 MAXIM-MAX9938_09 Datasheet
310Kb / 13P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX9634 MAXIM-MAX9634 Datasheet
283Kb / 11P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 1; 2/10
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com