Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TSM9938 Datasheet(PDF) 4 Page - Touchstone Semiconductor Inc

Part No. TSM9938
Description  A 1uA, SOT23 Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOUCHSTONE [Touchstone Semiconductor Inc]
Homepage  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TSM9938 Datasheet(HTML) 4 Page - Touchstone Semiconductor Inc

  TSM9938 Datasheet HTML 1Page - Touchstone Semiconductor Inc TSM9938 Datasheet HTML 2Page - Touchstone Semiconductor Inc TSM9938 Datasheet HTML 3Page - Touchstone Semiconductor Inc TSM9938 Datasheet HTML 4Page - Touchstone Semiconductor Inc TSM9938 Datasheet HTML 5Page - Touchstone Semiconductor Inc TSM9938 Datasheet HTML 6Page - Touchstone Semiconductor Inc TSM9938 Datasheet HTML 7Page - Touchstone Semiconductor Inc TSM9938 Datasheet HTML 8Page - Touchstone Semiconductor Inc TSM9938 Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TSM9938
Page 4
TSM9938DS r1p0
RTFDS
Input Offset Voltage vs Common-Mode Voltage
Supply Current vs Common-Mode Voltage
Input Offset Voltage vs Temperature
Supply Current vs Temperature
INPUT OFFSET VOLTAGE - µV
GAIN ERROR - %
TEMPERATURE -
°C
TEMPERATURE -
°C
SUPPLY VOLTAGE - Volt
0
10
25
35
10
30
0
40
1.8V
28V
3.6V
SUPPLY VOLTAGE - Volt
TYPICAL PERFORMANCE CHARACTERISTICS
VRS+ = VRS- = 3.6V; TA = +25
°C, unless otherwise noted.
-40
-15
10
35
85
60
0
10
15
20
30
25
15
20
0.2
0.6
0
0.4
1
0.8
40
35
30
25
0
40
-20
20
80
60
0.2
0.6
0.8
0
0.4
1
20
Input Offset Voltage Histogram
Gain Error Histogram
5
20
30
50
5
-40
-15
10
35
85
60
0
10
15
20
30
25
5
25
20
15
0
10
5
30
-0.2
0.2
-0.4
0.4
0


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn