Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS1100-100 Datasheet(PDF) 5 Page - Touchstone Semiconductor Inc

Part # TS1100-100
Description  A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1100-100 Datasheet(HTML) 5 Page - Touchstone Semiconductor Inc

  TS1100-100 Datasheet HTML 1Page - Touchstone Semiconductor Inc TS1100-100 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS1100-100 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1100-100 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1100-100 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1100-100 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1100-100 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1100-100 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1100-100 Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TS1100
TS1100DS r1p0
Page 5
RTFDS
Small-Signal Gain vs Frequency
0.001
0.1
1
10
1000
5
-5
-15
-35
-25
FREQUENCY - kHz
0
-10
-20
-30
100
TYPICAL PERFORMANCE CHARACTERISTICS
VRS+ = VRS- = 3.6V; TA = +25
°C, unless otherwise noted.
0.01
Gain Error vs. Temperature
TEMPERATURE -
°C
0
0.1
0.4
0.5
-0.1
0.2
0.3
Gain Error vs Common-Mode Voltage
SUPPLY VOLTAGE - Volt
0.2
0.3
0.1
0
10
15
20
30
25
5
0
VSENSE- mV
VOUT vs VSENSE @ Supply = 3.6V
0
150
100
50
0
0.5
2.5
3
3.5
4
1.5
2
1
0
100
60
20
VSENSE- mV
VOUT vs VSENSE @ Supply = 2V
40
80
0.4
1.6
0.8
1.2
0
1.4
1.0
0.6
0.2
Common-Mode Rejection vs Frequency
0
-40
-80
-20
-60
-100
-140
-120
FREQUENCY - kHz
0.001
0.1
1
10
1000
100
0.01
G = 25
G = 50
G = 100
1.8
2
G = 25
G = 50
G = 100
G = 25
G = 50
G = 100
G = 25
G = 50, 100
-40
-15
10
35
85
60
110


Similar Part No. - TS1100-100

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS1100-100-EG6 SILABS-TS1100-100-EG6 Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
TS1100-100-EG6T SILABS-TS1100-100-EG6T Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
TS1100-100EG5 SILABS-TS1100-100EG5 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
More results

Similar Description - TS1100-100

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS1101 TOUCHSTONE-TS1101 Datasheet
1Mb / 11P
   A 1uA, 2V to 25V Bidirectional Precision Current-Sense Amplifier
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX9938 MAXIM-MAX9938_11 Datasheet
523Kb / 14P
   1uA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 6; 1/11
logo
Silicon Laboratories
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
   SOT23 Precision Current-Sense Amplifier
logo
Touchstone Semiconducto...
TS1102 TOUCHSTONE-TS1102 Datasheet
787Kb / 11P
   A 1關A, 200關VOS SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX9938_0910 MAXIM-MAX9938_0910 Datasheet
519Kb / 14P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 3; 10/09
MAX9938 MAXIM-MAX9938 Datasheet
176Kb / 9P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 0; 4/08
MAX9938 MAXIM-MAX9938_09 Datasheet
310Kb / 13P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX9634 MAXIM-MAX9634 Datasheet
283Kb / 11P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 1; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com