Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM6025 Datasheet(PDF) 4 Page - Touchstone Semiconductor Inc

Part # TSM6025
Description  A 2.5V, Low-Power/Low-Dropout Precision Voltage Reference
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TSM6025 Datasheet(HTML) 4 Page - Touchstone Semiconductor Inc

  TSM6025 Datasheet HTML 1Page - Touchstone Semiconductor Inc TSM6025 Datasheet HTML 2Page - Touchstone Semiconductor Inc TSM6025 Datasheet HTML 3Page - Touchstone Semiconductor Inc TSM6025 Datasheet HTML 4Page - Touchstone Semiconductor Inc TSM6025 Datasheet HTML 5Page - Touchstone Semiconductor Inc TSM6025 Datasheet HTML 6Page - Touchstone Semiconductor Inc TSM6025 Datasheet HTML 7Page - Touchstone Semiconductor Inc TSM6025 Datasheet HTML 8Page - Touchstone Semiconductor Inc TSM6025 Datasheet HTML 9Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TSM6025
Page 4
TSM6025DS r1p0
RTFDS
Line Regulation
– ΔVOUT/ΔVIN
SUPPLY VOLTAGE - Volt
-100
0
200
300
TA = -40°C
TA = +85°C
100
TEMPERATURE DRIFT-
°C
LOAD CURRENT- µA
TA = +85
°C
Load Regulation
– ΔVOUT/ΔILOAD
-500
500
250
-250
-0.4
-0.2
0.4
0
0.2
SOURCE CURRENT- µA
Dropout Voltage vs Source Current
400
800
0
1000
600
200
0
0.1
0.4
0.2
0.3
Power Supply Rejection vs Frequency
FREQUENCY - Hz
VCC =+5.5V±0.25V
1
10
0.01
100
100
1k
10k
1M
100k
TIME - Hours
0
TA = +25°C
TA = +85°C
TA = -40°C
8
12
2
14
10
4
6
TA = -40°C
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = +5V; IOUT = 0mA; TA = +25
°C, unless otherwise noted.
TA = +25°C
TA = +25
°C
THREE TYPICAL DEVICES
DEVICE #1
0
42
84
168
126
2.498
2.500
2.499
2.502
2.501
DEVICE #2
DEVICE #3
Long-Term Output Voltage Drift
-40
-15
10
35
85
60
2.4995
2.4985
THREE TYPICAL DEVICES
DEVICE #1
DEVICE #2
DEVICE #3
2.5025
2.5015
2.5005
2.5035
Output Voltage Temperature Drift
0.1


Similar Part No. - TSM6025

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TSM6025 SILABS-TSM6025 Datasheet
1Mb / 10P
   A 2.5V, Low-Power/Low-Dropout Precision Voltage Reference
TSM6025AEUR SILABS-TSM6025AEUR Datasheet
1Mb / 10P
   A 2.5V, Low-Power/Low-Dropout Precision Voltage Reference
TSM6025AEURT SILABS-TSM6025AEURT Datasheet
1Mb / 10P
   A 2.5V, Low-Power/Low-Dropout Precision Voltage Reference
TSM6025BEUR SILABS-TSM6025BEUR Datasheet
1Mb / 10P
   A 2.5V, Low-Power/Low-Dropout Precision Voltage Reference
TSM6025BEURT SILABS-TSM6025BEURT Datasheet
1Mb / 10P
   A 2.5V, Low-Power/Low-Dropout Precision Voltage Reference
More results

Similar Description - TSM6025

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TSM6025 SILABS-TSM6025 Datasheet
1Mb / 10P
   A 2.5V, Low-Power/Low-Dropout Precision Voltage Reference
logo
Analog Devices
REF-43 AD-REF-43 Datasheet
498Kb / 12P
   2.5V Low Power Precision Voltage Reference
REV. C
logo
Maxim Integrated Produc...
MAX6023 MAXIM-MAX6023 Datasheet
279Kb / 13P
   Precision, Low-Power, Low-Dropout, UCSP Voltage Reference
Rev 2; 12/02
logo
Texas Instruments
LM4132 TI1-LM4132 Datasheet
1Mb / 41P
[Old version datasheet]   Precision Low Dropout Voltage Reference
logo
Zetex Semiconductors
ZRT025 ZETEX-ZRT025 Datasheet
162Kb / 4P
   2.5V LOW POWER PRECISION REFERENCE SOURCE
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com