Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-PT2613 Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-PT2613
Description  6-CH. PHASED ARRAY OPTO ENCODER (26-1250)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PT2613 Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-PT2613 Datasheet HTML 1Page - IC-Haus GmbH IC-PT2613 Datasheet HTML 2Page - IC-Haus GmbH IC-PT2613 Datasheet HTML 3Page - IC-Haus GmbH IC-PT2613 Datasheet HTML 4Page - IC-Haus GmbH IC-PT2613 Datasheet HTML 5Page - IC-Haus GmbH IC-PT2613 Datasheet HTML 6Page - IC-Haus GmbH IC-PT2613 Datasheet HTML 7Page - IC-Haus GmbH IC-PT2613 Datasheet HTML 8Page - IC-Haus GmbH IC-PT2613 Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
preliminary
preliminary
iC-PT 2613
6-CH. PHASED ARRAY OPTO ENCODER (26-1250)
Rev A3, Page 3/10
PACKAGES
PAD LAYOUT
Chip size 2.88 mm x 3.37 mm
PAD FUNCTIONS
No. Name Function
See pin configuration.
PIN CONFIGURATION
oQFN32-5x5 (5 mm x 5 mm)
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
PIN FUNCTIONS
No.
Name Function
1 VCC
+3.5..5.5 V Supply Voltage
2 LED
LED Controller, High-Side Current
Source Output
3 PA
Push-Pull Output A+ / Test Sig. Sin+
4 NA
Push-Pull Output A- / Test Sig. Sin-
5 PB
Push-Pull Output B+ / Test Sig. Cos+
6 NB
Push-Pull Output B- / Test Sig. Cos-
7 PZ
Push-Pull Output Z+ / Test Signal Z+
8 NZ
Push-Pull Output Z- / Test Signal Z-
9..16 n.c.
17 SEL
Op. Mode Selection Input:
lo = digital
hi = x2 interpolated
open = analog (alignment aid)
18 W
Push-Pull Output W / Test Signal W
19 TIN
Negative Test Current Input
20 V
Push-Pull Output V / Test Signal V
21 TIP
Positive Test Current Input
22 U
Push-Pull Output U / Test Signal U
23 n.c.
24 GND
Ground
25..32 n.c.
BP
Backside Paddle
Pin numbers marked n.c. are not in use. The backside paddle is not intended as an electrical connection point;
when used as shield a single link to GND is permissible. The test pins TIP and TIN may remain unconnected.
Capacitive pin loads must be avoided when using the analog test signals for alignment purposes.


Similar Part No. - IC-PT2613

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PT2610 ICHAUS-IC-PT2610 Datasheet
900Kb / 11P
   6-CH. PHASED ARRAY OPTO ENCODER (26-1000)
More results

Similar Description - IC-PT2613

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PT3313 ICHAUS-IC-PT3313 Datasheet
727Kb / 12P
   6-CH. PHASED ARRAY OPTO ENCODER (33-1250)
IC-PT2610 ICHAUS-IC-PT2610 Datasheet
900Kb / 11P
   6-CH. PHASED ARRAY OPTO ENCODER (26-1000)
IC-PT3325 ICHAUS-IC-PT3325 Datasheet
931Kb / 10P
   6-CH. PHASED ARRAY OPTO ENCODER (33-2500)
IC-PT3320 ICHAUS-IC-PT3320 Datasheet
639Kb / 9P
   6-CH. PHASED ARRAY OPTO ENCODER (33-2000)
IC-PT3324 ICHAUS-IC-PT3324 Datasheet
640Kb / 9P
   6-CH. PHASED ARRAY OPTO ENCODER (33-1024)
IC-PT3310 ICHAUS-IC-PT3310 Datasheet
641Kb / 9P
   6-CH. PHASED ARRAY OPTO ENCODER (33-1000)
IC-PTH ICHAUS-IC-PTH Datasheet
1Mb / 14P
   6-CH. PHASED ARRAY OPTO ENCODERS
IC-LTA ICHAUS-IC-LTA_16 Datasheet
844Kb / 15P
   6-CH. INCREMENTAL OPTO ENCODER ARRAY
IC-LTA ICHAUS-IC-LTA_13 Datasheet
1,007Kb / 13P
   6-CH. INCREMENTAL OPTO ENCODER ARRAY
IC-LTA ICHAUS-IC-LTA Datasheet
784Kb / 14P
   6-CH. INCREMENTAL OPTO ENCODER ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com