Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-PN2624 Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-PN2624
Description  PHASED ARRAY NONIUS ENCODER 26-1024
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PN2624 Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-PN2624 Datasheet HTML 1Page - IC-Haus GmbH IC-PN2624 Datasheet HTML 2Page - IC-Haus GmbH IC-PN2624 Datasheet HTML 3Page - IC-Haus GmbH IC-PN2624 Datasheet HTML 4Page - IC-Haus GmbH IC-PN2624 Datasheet HTML 5Page - IC-Haus GmbH IC-PN2624 Datasheet HTML 6Page - IC-Haus GmbH IC-PN2624 Datasheet HTML 7Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
preliminary
preliminary
iC-PN2624
PHASED ARRAY NONIUS ENCODER 26-1024
Rev B2, Page 1/7
FEATURES
o Compact photosensor for high-resolution nonius scanning
o Phased-array design for 1023/1024/992 PPR (N/M/S channel)
with excellent signal matching
o Reduced cross talk due to moderate track pitch
o Ultra low dark currents for operation to high temperature
o Low noise amplifiers with high transimpedance of typ. 4 MΩ
o Short-circuit-proof, low impedance voltage outputs for
enhanced EMI tolerance
o Space saving optoQFN and optoBGA packages
(RoHS compliant)
o Low power consumption from single 4.5 to 5.5 V supply
o Operational temperature range of -40 to +110 °C
o Suitable code disc:
LSHC1S 26-1024N (glass 1 mm)
OD ∅ 26 mm, ID ∅ 11.6 mm, optical radius 10.905 mm
APPLICATIONS
o Absolute position encoders
PACKAGES
15-pin optoBGA
6.2 mm x 5.2 mm x 1.7 mm
32-pin optoQFN
5 mm x 5 mm x 0.9 mm
BLOCK DIAGRAM
iC-PN2624
Copyright © 2010 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-PN2624

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PN2624 ICHAUS-IC-PN2624 Datasheet
253Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-1024
IC-PN2624CHIP ICHAUS-IC-PN2624CHIP Datasheet
253Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-1024
IC-PN2624OBGALSH2C ICHAUS-IC-PN2624OBGALSH2C Datasheet
253Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-1024
IC-PN2624OQFN32-5X5 ICHAUS-IC-PN2624OQFN32-5X5 Datasheet
253Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-1024
IC-PN2624OQFN32-N5X5 ICHAUS-IC-PN2624OQFN32-N5X5 Datasheet
253Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-1024
More results

Similar Description - IC-PN2624

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PN2624 ICHAUS-IC-PN2624 Datasheet
253Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-1024
IC-PN3324 ICHAUS-IC-PN3324 Datasheet
563Kb / 7P
   PHASED ARRAY NONIUS ENCODER 33-1024
IC-PN2656 ICHAUS-IC-PN2656 Datasheet
398Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-256
IC-PN2612 ICHAUS-IC-PN2612 Datasheet
562Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-512
IC-PN2656 ICHAUS-IC-PN2656_10 Datasheet
584Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-256
IC-PNH3348 ICHAUS-IC-PNH3348 Datasheet
481Kb / 10P
   PHASED ARRAY NONIUS ENCODER
IC-PN3312 ICHAUS-IC-PN3312 Datasheet
562Kb / 7P
   PHASED ARRAY NONIUS ENCODER 33-512
IC-PN ICHAUS-IC-PN Datasheet
719Kb / 11P
   PHASED ARRAY NONIUS ENCODERS
IC-PNH ICHAUS-IC-PNH Datasheet
483Kb / 10P
   PHASED ARRAY NONIUS ENCODERS
IC-PT3324 ICHAUS-IC-PT3324 Datasheet
640Kb / 9P
   6-CH. PHASED ARRAY OPTO ENCODER (33-1024)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com