Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IC-PD3948 Datasheet(PDF) 4 Page - IC-Haus GmbH

Part No. IC-PD3948
Description  5-CH. PHASED ARRAY SINE ENCODER (39-2048)
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ICHAUS [IC-Haus GmbH]
Homepage  http://www.ichaus.biz
Logo 

IC-PD3948 Datasheet(HTML) 4 Page - IC-Haus GmbH

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
preliminary
preliminary
iC-PD3948
5-CH. PHASED ARRAY SINE ENCODER (39-2048)
Rev B5, Page 4/10
PACKAGE DIMENSIONS
5
1.90
TOP
SIDE
3.60
0.50
0.23
BOTTOM
3.60
0.50
0.30
4.90
R0.15
RECOMMENDED PCB-FOOTPRINT
dra_pdxx-oqfn32-2_pack_1, 10:1
Maximum molding excess +20 µm / -200 µm versus surface of glass.
All dimensions given in mm.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn