Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IC-PD3948 Datasheet(PDF) 3 Page - IC-Haus GmbH

Part No. IC-PD3948
Description  5-CH. PHASED ARRAY SINE ENCODER (39-2048)
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ICHAUS [IC-Haus GmbH]
Homepage  http://www.ichaus.biz
Logo 

IC-PD3948 Datasheet(HTML) 3 Page - IC-Haus GmbH

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
preliminary
preliminary
iC-PD3948
5-CH. PHASED ARRAY SINE ENCODER (39-2048)
Rev B5, Page 3/10
PIN CONFIGURATION
oBGA LSH2C (6.2 mm x 5.2 mm)
dra_lsh2c-pdxx_pack_2, 8:1
1
2
3
4
A
B
C
D
PIN FUNCTIONS
No. Name Function
A2 VCC
+4.5...5.5 V Supply Voltage
A3 VREF Reference Voltage Output
A4 GND
Ground
B1 PSIN
Sine Track +
B2 NSIN
Sine Track -
B3 VRDC D/C Track Reference
B4 VRSC S/C Track Reference
C1 PCOS Cosine Track +
C2 NCOS Cosine Track -
C3 NC
C Track -
C4 PC
C Track +
D1 Z
Z Index Signal
D2 NZ
Z Index Track -
D3 ND
D Track -
D4 PD
D Track +
PIN CONFIGURATION
oQFN32-5x5 (5 mm x 5 mm)
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
PIN FUNCTIONS
No. Name Function
1 VCC
+4.5...5.5 V Supply Voltage
2 VREF Reference Voltage Output
3 PSIN
Sine Track +
4 NSIN
Sine Track -
5 PCOS Cosine Track +
6 NCOS Cosine Track -
7 Z
Z Index Signal
8 NZ
Z Index Track -
17 ND
D Track -
18 PD
D Track +
19 NC
C Track -
20 PC
C Track +
21 VRDC D/C Track Reference
22 VRSC S/C Track Reference
23 n.c.
24 GND
Ground
BP
Backside pad
Pin numbers marked n.c. are not in use. The backside paddle is not intended as an electrical connection point;
when used as shield a single link to GND is permissible.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn