Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IC-PD3948 Datasheet(PDF) 10 Page - IC-Haus GmbH

Part No. IC-PD3948
Description  5-CH. PHASED ARRAY SINE ENCODER (39-2048)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PD3948 Datasheet(HTML) 10 Page - IC-Haus GmbH

Back Button IC-PD3948_11 Datasheet HTML 2Page - IC-Haus GmbH IC-PD3948_11 Datasheet HTML 3Page - IC-Haus GmbH IC-PD3948_11 Datasheet HTML 4Page - IC-Haus GmbH IC-PD3948_11 Datasheet HTML 5Page - IC-Haus GmbH IC-PD3948_11 Datasheet HTML 6Page - IC-Haus GmbH IC-PD3948_11 Datasheet HTML 7Page - IC-Haus GmbH IC-PD3948_11 Datasheet HTML 8Page - IC-Haus GmbH IC-PD3948_11 Datasheet HTML 9Page - IC-Haus GmbH IC-PD3948_11 Datasheet HTML 10Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
preliminary
preliminary
iC-PD3948
5-CH. PHASED ARRAY SINE ENCODER (39-2048)
Rev B5, Page 10/10
ORDERING INFORMATION
Type
Package
Options
Order Designation
iC-PD3948
-
iC-PD3948 chip
15-pin optoBGA,
6.2 mm x 5.2 mm,
thickness 1.7 mm
iC-PD3948 oBGA LSH2C
32-pin optoQFN,
5 mm x 5 mm,
thickness 0.9 mm
iC-PD3948 oQFN32-5x5
Suitable code disc
2048 PPR with 1 PPR
OD ∅ 39 mm, ID ∅ 18.0 mm,
optical radius 17.5 mm
(glass 1 mm)
PD2S 39-2048
For technical support, information about prices and terms of delivery please contact:
iC-Haus GmbH
Tel.: +49 (61 35) 92 92-0
Am Kuemmerling 18
Fax: +49 (61 35) 92 92-192
D-55294 Bodenheim
Web: http://www.ichaus.com
GERMANY
E-Mail: sales@ichaus.com
Appointed local distributors: http://www.ichaus.com/sales_partners


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn