Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IC-PD3948 Datasheet(PDF) 1 Page - IC-Haus GmbH

Part No. IC-PD3948
Description  5-CH. PHASED ARRAY SINE ENCODER (39-2048)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PD3948 Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-PD3948_11 Datasheet HTML 1Page - IC-Haus GmbH IC-PD3948_11 Datasheet HTML 2Page - IC-Haus GmbH IC-PD3948_11 Datasheet HTML 3Page - IC-Haus GmbH IC-PD3948_11 Datasheet HTML 4Page - IC-Haus GmbH IC-PD3948_11 Datasheet HTML 5Page - IC-Haus GmbH IC-PD3948_11 Datasheet HTML 6Page - IC-Haus GmbH IC-PD3948_11 Datasheet HTML 7Page - IC-Haus GmbH IC-PD3948_11 Datasheet HTML 8Page - IC-Haus GmbH IC-PD3948_11 Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
preliminary
preliminary
iC-PD3948
5-CH. PHASED ARRAY SINE ENCODER (39-2048)
Rev B5, Page 1/10
FEATURES
o Compact encoder sensor with differential scanning and sine
outputs
o Phased-array design for excellent signal matching
o Reduced cross talk due to moderate track pitch
o Ultra low dark currents for operation to high temperature
o Low noise amplifiers with high transimpedance of typ. 4 MΩ
o Short-circuit-proof, low impedance voltage outputs for
enhanced EMI tolerance
o Space saving QFN and optoBGA packages (RoHS compliant)
o Low power consumption from single 4.5 to 5.5 V supply
o Operational temperature range of -40 to +110 °C
o Suitable code disc:
PD2S 39-2048 (glass 1 mm)
OD ∅ 39 mm, ID ∅ 18.0 mm, optical radius 17.5 mm
APPLICATIONS
o Incremental sine encoders with
commutation information
o Motor feedback encoder
o AC and BLDC motor systems
PACKAGES
15-pin optoBGA
6.2 mm x 5.2 mm x 1.7 mm
32-pin optoQFN
5 mm x 5 mm x 0.9 mm
BLOCK DIAGRAM















iC-PD3948
Copyright © 2011 iC-Haus
http://www.ichaus.com


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn