Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IC-PD3948 Datasheet(PDF) 7 Page - IC-Haus GmbH

Part No. IC-PD3948
Description  5-CH. PHASED ARRAY SINE ENCODER (39-2048)
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ICHAUS [IC-Haus GmbH]
Homepage  http://www.ichaus.biz
Logo 

IC-PD3948 Datasheet(HTML) 7 Page - IC-Haus GmbH

 
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
preliminary
preliminary
iC-PD3948
5-CH. PHASED ARRAY SINE ENCODER (39-2048)
Rev B5, Page 7/10
ELECTRICAL CHARACTERISTICS
Operating conditions: VCC = 4.5...5.5 V, Tj = -40..125 °C, unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Reference Voltages VREF
501
Vout()
Reference Voltage
I(VREF) = 0...+1.6 mA
600
770
1000
mV
502
dVout()
Load Balancing
I(VREF) = 0...+1.6 mA
-10
+10
mV
503
Isc()hi
Short-Circuit Current hi
current to ground
200
420
800
µA
504
Isc()lo
Short-Circuit Current lo
current to IC
2
4.5
10
mA


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn