Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IC-PD3948 Datasheet(PDF) 6 Page - IC-Haus GmbH

Part No. IC-PD3948
Description  5-CH. PHASED ARRAY SINE ENCODER (39-2048)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PD3948 Datasheet(HTML) 6 Page - IC-Haus GmbH

Back Button IC-PD3948_11 Datasheet HTML 2Page - IC-Haus GmbH IC-PD3948_11 Datasheet HTML 3Page - IC-Haus GmbH IC-PD3948_11 Datasheet HTML 4Page - IC-Haus GmbH IC-PD3948_11 Datasheet HTML 5Page - IC-Haus GmbH IC-PD3948_11 Datasheet HTML 6Page - IC-Haus GmbH IC-PD3948_11 Datasheet HTML 7Page - IC-Haus GmbH IC-PD3948_11 Datasheet HTML 8Page - IC-Haus GmbH IC-PD3948_11 Datasheet HTML 9Page - IC-Haus GmbH IC-PD3948_11 Datasheet HTML 10Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
preliminary
preliminary
iC-PD3948
5-CH. PHASED ARRAY SINE ENCODER (39-2048)
Rev B5, Page 6/10
ELECTRICAL CHARACTERISTICS
Operating conditions: VCC = 4.5...5.5 V, Tj = -40..125 °C, unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Total Device
001
VCC
Permissible Supply Voltage
4.5
5.5
V
002
I(VCC)
Supply Current
no load, photocurrents within op. range
12
16
mA
003
Vc()hi
Clamp-Voltage hi at all pins
I() = 4 mA
11
V
004
Vc()lo
Clamp-Voltage lo at all pins
I() = -4 mA
-1.2
-0.3
V
Photosensors
101
λ
ar
Spectral Application Range
Se(λar) = 0.25 x S(λ)max
400
950
nm
102
λ
pk
Peak Sensitivity Wavelength
680
nm
103
Aph()
Radiant Sensitive Area
DPSIN, DNSIN, DPCOS, DNCOS
0.075
mm2
DPC, DNC, DPD, DND
0.033
mm2
DPZ, DNZ
0.042
mm2
104
S(λ)
Spectral Sensitivity
λLED = 740 nm
0.5
A/W
105
S(λpk)max Maximum Spectral Sensitivity
λLED = λpk
0.55
A/W
106
E()mx
Irradiance For Maximum Signal
Level
λLED = 740 nm, Vout() not saturated
DPSIN, DNSIN, DPCOS, DNCOS
1.2
2.0
3.2
mW/
cm2
DPC, DNC, DPD, DND
3.0
4.5
6.5
mW/
cm2
DPZ, DNZ
2.8
4.2
6.0
mW/
cm2
Photocurrent Amplifiers
201
Iph()
Permissible Photocurrent Operat-
ing Range
0
280
nA
202
η
()r
Photo Sensitivity
(light-to-voltage conversion ratio)
λLED = 740 nm
0.8
1.2
2.0
V/µW
203
Z()
Equivalent Transimpedance Gain Z = Vout() / Iph()
2.69
4.0
5.46
MΩ
204
TCz
Temperature Coefficient of Tran-
simpedance Gain
-0.12
%/°C
209
Z()pn
Transimpedance Gain Matching
Of Paired Amplifiers
P.. channel vs. corresponding N.. channel
-0.2
0.2
%
210
Vout()pn Signal Matching
no illumination, any output to any output
-35
35
mV
211
Vout()pn Signal Matching
no illumination, P vs. N path per diff. channel
-2.5
2.5
mV
212
fc()hi
Cut-off Frequency (-3 dB)
120
180
280
kHz
213
VNoise()
RMS Output Noise
illuminated to 500 mV signal level above dark
level, 500 kHz band width
0.5
mV
Signal Outputs
301
Vout()mx
Permissible Maximum Output
Voltage
illumination to E()mxr, linear gain
2.45
2.72
3.02
V
302
Vout()d
Dark Signal Level
no illumination, load 20 kΩ vs. +2 V
600
770
1000
mV
303
Vout()acmx Maximum Signal Level
Vout()acmx = Vout()mx - Vout()d
1.48
1.96
2.35
V
304
Isc()hi
Short-Circuit Current hi
load current to ground
100
420
800
µA
305
Isc()lo
Short-Circuit Current lo
load current to IC
250
480
700
µA
306
Ri()
Internal Output Resistance
f = 1 kHz
70
110
180
Signal References VRSC, VRDC
401
Vout()
Reference Voltage
600
770
1000
mV
402
Isc()hi
Short-Circuit Current hi
current to ground
100
420
800
µA
403
Isc()lo
Short-Circuit Current lo
current to IC
250
480
700
µA
404
Ri()
Internal Output Resistance
70
110
180


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn