Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-NQL Datasheet(PDF) 5 Page - IC-Haus GmbH

Part # IC-NQL
Description  13-bit Sin/D CONVERTER WITH SSI INTERFACE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-NQL Datasheet(HTML) 5 Page - IC-Haus GmbH

  IC-NQL_11 Datasheet HTML 1Page - IC-Haus GmbH IC-NQL_11 Datasheet HTML 2Page - IC-Haus GmbH IC-NQL_11 Datasheet HTML 3Page - IC-Haus GmbH IC-NQL_11 Datasheet HTML 4Page - IC-Haus GmbH IC-NQL_11 Datasheet HTML 5Page - IC-Haus GmbH IC-NQL_11 Datasheet HTML 6Page - IC-Haus GmbH IC-NQL_11 Datasheet HTML 7Page - IC-Haus GmbH IC-NQL_11 Datasheet HTML 8Page - IC-Haus GmbH IC-NQL_11 Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
iC-NQL
13-bit Sin/D CONVERTER WITH SSI INTERFACE
Rev D2, Page 5/24
ABSOLUTE MAXIMUM RATINGS
These ratings do not imply operating conditions; functional operation is not guaranteed. Beyond these ratings device damage may occur.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 VDDA
Voltage at VDDA
-0.3
6
V
G002 VDD
Voltage at VDD
-0.3
6
V
G003 Vpin()
Voltage at
PSIN, NSIN, PCOS, NCOS, PZERO,
NZERO, VREF, NERR, SCL,
SDA, CLK, DATA, A, B, Z
V() < VDDA + 0.3 V
-0.3
6
V
V() < VDD + 0.3 V
G004 Imx(VDDA) Current in VDDA
-50
50
mA
G005 Imx(GNDA) Current in GNDA
-50
50
mA
G006 Imx(VDD)
Current in VDD
-50
50
mA
G007 Imx(GND)
Current in GND
-50
50
mA
G008 Imx()
Current in
PSIN, NSIN, PCOS, NCOS, PZERO,
NZERO, VREF, NERR, SCL, SDA,
CLK, DATA, A, B, Z
-10
10
mA
G009 Ilu()
Pulse Current in all pins
(Latch-up Strength)
according to Jedec Standard No. 78;
-100
100
mA
Ta = 25 °C, pulse duration to 10 µs,
VCC = VCCmax, VDD = VDDmax,
Vlu() = (-0.5...+1.5) x Vpin()max
G010 Vd()
ESD Susceptibility at all pins
HBM 100 pF discharged through 1.5 kΩ
2
kV
G011 Tj
Junction Temperature
-40
150
°C
G012 Ts
Storage Temperature Range
-40
150
°C
THERMAL DATA
Operating Conditions: VDDA = VDD = 5 V ±10 %
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01
Ta
Operating Ambient Temperature Range
(extended temperature range of
-40 to 125 °C available on request)
-25
85
°C
All voltages are referenced to ground unless otherwise stated.
All currents flowing into the device pins are positive; all currents flowing out of the device pins are negative.


Similar Part No. - IC-NQL_11

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-NQLTSSOP20 ICHAUS-IC-NQLTSSOP20 Datasheet
907Kb / 24P
   13-bit Sin/D CONVERTER WITH SSI INTERFACE
More results

Similar Description - IC-NQL_11

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-NQL ICHAUS-IC-NQL Datasheet
907Kb / 24P
   13-bit Sin/D CONVERTER WITH SSI INTERFACE
IC-NQI ICHAUS-IC-NQI Datasheet
1Mb / 26P
   13-bit Sin/D CONVERTER WITH CALIBRATION
IC-NQ ICHAUS-IC-NQ Datasheet
1Mb / 25P
   13-bit Sin/D CONVERTER WITH CALIBRATION
IC-NQC ICHAUS-IC-NQC Datasheet
1Mb / 29P
   13-bit Sin/D CONVERTER WITH SIGNAL CALIBRATION
IC-NQC ICHAUS-IC-NQC_11 Datasheet
1Mb / 29P
   13-bit Sin/D CONVERTER WITH SIGNAL CALIBRATION
IC-NV ICHAUS-IC-NV Datasheet
1Mb / 19P
   6-BIT Sin/D FLASH CONVERTER
IC-NG ICHAUS-IC-NG Datasheet
498Kb / 21P
   8-BIT Sin/D CONVERTER-PROCESSOR
IC-NVH ICHAUS-IC-NVH Datasheet
416Kb / 13P
   6-BIT Sin/D FLASH CONVERTER
IC-MN ICHAUS-IC-MN_16 Datasheet
1Mb / 62P
   25-BIT NONIUS ENCODER WITH 3-CH. SAMPLING 13-BIT Sin/D INTERPOLATION
IC-MN ICHAUS-IC-MN Datasheet
1Mb / 59P
   25-BIT NONIUS ENCODER WITH 3-CH. SAMPLING 13-BIT Sin/D INTERPOLATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com