Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-MZ Datasheet(PDF) 9 Page - IC-Haus GmbH

Part # IC-MZ
Description  DIFFERENTIAL HALL SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MZ Datasheet(HTML) 9 Page - IC-Haus GmbH

Back Button IC-MZ_11 Datasheet HTML 3Page - IC-Haus GmbH IC-MZ_11 Datasheet HTML 4Page - IC-Haus GmbH IC-MZ_11 Datasheet HTML 5Page - IC-Haus GmbH IC-MZ_11 Datasheet HTML 6Page - IC-Haus GmbH IC-MZ_11 Datasheet HTML 7Page - IC-Haus GmbH IC-MZ_11 Datasheet HTML 8Page - IC-Haus GmbH IC-MZ_11 Datasheet HTML 9Page - IC-Haus GmbH IC-MZ_11 Datasheet HTML 10Page - IC-Haus GmbH IC-MZ_11 Datasheet HTML 11Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
iC-MZ
DIFFERENTIAL HALL SWITCH
Rev A3, Page 9/11
APPLICATION EXAMPLES
Gear wheel scanning
Logging the position and rotation of a gear wheel with
iC-MZ requires that the gear wheel is made of a soft
magnetic basic material with which a magnetic field
applied externally through the gear geometry can be
modulated. The strength of the modulation is greatest
at the gear rim, calling for iC-MZ to be placed at the
shortest possible operating distance to the gear wheel.
The necessary external bias field is generated by a
back bias magnet placed behind iC-MZ. The magnet
should be positioned central to the package so that the
two Hall sensors are impinged by equal magnetic field
strengths and a field strength offset is avoided; the lat-
ter would make a greater difference in modulation field
strength necessary for switching purposes. Field ho-
mogeneity can be improved by placing a pole piece
between the magnet and iC-MZ.
The strength of the magnetic field modulation depends
not just on the operating distance and the intensity of
the bias field but also on the module and addendum
of the gear wheel. The distance of the teeth along the
perimeter of the wheel stipulates the cycle with which
the magnetic field strength is modulated. An optimum
modulation depth is achieved when the gear wheel ge-
ometry is selected so that the two Hall sensors on the
chip are opposite a tooth or a gap and the sensors pro-
vide signals in antiphase. With the given iC-MZ sensor
distance of 2 mm a tooth distance of about 4 mm is ad-
vantageous but not imperative. Even if the geometry of
the wheel is not adapted to suit the sensor, the signals
generated by the two Hall sensors share a fixed phase
relation.
Figure 9 illustrates the typical course of magnetic in-
duction B = µ0 · H at the two Hall sensors, dependent
on angle of rotation φ of the gear wheel. In an ensuing
amplification process analog signals VA and VNA are
formed from the differential signal; digital signals VD
and VND are generated by the back-end comparator
with hysteresis.
P
S1
S2
B
1
B
1
B
2
BT,hi
B-B
12
B
B
2
iC-MZ
bias magnet
bias
field
N
S
gear wheel
V
P
P/2
V
NA
V
A
V
dc
3P/2
P
P/2
3P/2
V
D
BT,lo
VB
P
P/2
3P/2
V
ND
VB
0
P/2
0
P
3P/2
Figure 9: Gear wheel scanning


Similar Part No. - IC-MZ_11

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MZ ICHAUS-IC-MZ_13 Datasheet
274Kb / 12P
   DIFFERENTIAL HALL SWITCH
IC-MZ ICHAUS-IC-MZ_15 Datasheet
319Kb / 12P
   DIFFERENTIAL HALL SWITCH
More results

Similar Description - IC-MZ_11

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MZ ICHAUS-IC-MZ Datasheet
323Kb / 11P
   DIFFERENTIAL HALL SWITCH
IC-MZ ICHAUS-IC-MZ_15 Datasheet
319Kb / 12P
   DIFFERENTIAL HALL SWITCH
IC-MZ ICHAUS-IC-MZ_13 Datasheet
274Kb / 12P
   DIFFERENTIAL HALL SWITCH
logo
Infineon Technologies A...
TLE4925 INFINEON-TLE4925 Datasheet
1Mb / 25P
   Differential Hall Sensor
logo
MagnaChip Semiconductor...
MXM1170 MGCHIP-MXM1170 Datasheet
76Kb / 1P
   Hall switch
logo
Micronas
HAL300 MICRONAS-HAL300 Datasheet
140Kb / 17P
   Differential Hall Effect Sensor IC
logo
Infineon Technologies A...
TLE4927C INFINEON-TLE4927C Datasheet
163Kb / 5P
   Dynamic Differential Hall Effect Sensor
Version 1.1
logo
List of Unclassifed Man...
HAL320 ETC-HAL320 Datasheet
143Kb / 13P
   Differential Hall Effect Sensor IC
logo
Infineon Technologies A...
TLE4924C-2E6547 INFINEON-TLE4924C-2E6547 Datasheet
150Kb / 7P
   Dynamic Differential Hall Effect Sensor
November 2009 Version 1.0
logo
Micronas
HAL320 MICRONAS-HAL320 Datasheet
1Mb / 22P
   Differential Hall-Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com