Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XAM3358ZCZD27 Datasheet(PDF) 4 Page - Texas Instruments

Part # XAM3358ZCZD27
Description  AM335x ARM Cortex-A8 Microprocessors (MPUs)
Download  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XAM3358ZCZD27 Datasheet(HTML) 4 Page - Texas Instruments

  XAM3358ZCZD27 Datasheet HTML 1Page - Texas Instruments XAM3358ZCZD27 Datasheet HTML 2Page - Texas Instruments XAM3358ZCZD27 Datasheet HTML 3Page - Texas Instruments XAM3358ZCZD27 Datasheet HTML 4Page - Texas Instruments XAM3358ZCZD27 Datasheet HTML 5Page - Texas Instruments XAM3358ZCZD27 Datasheet HTML 6Page - Texas Instruments XAM3358ZCZD27 Datasheet HTML 7Page - Texas Instruments XAM3358ZCZD27 Datasheet HTML 8Page - Texas Instruments XAM3358ZCZD27 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 162 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
SPRS717
– OCTOBER 2011
www.ti.com
Production ID
– Integrates Hardware-Based Mailbox for IPC
and Spinlock for Process Synchronization
Device Part Number (Unique JTAG ID)
Between the Cortex-A8, PRCM, and Each
Device Revision (readable by Host ARM)
PRU
• Debug Interface Support
Mailbox Registers that Generate
– JTAG/cJTAG for ARM (Cortex-A8 and
Interrupts
PRCM), PRU Debug
– Four Initiators (Cortex-A8, PRCM,
– Embedded Trace Module (ETM) and
PRU0, PRU1)
Embedded Trace Buffer (ETB)
Spinlock has 128 Software-Assigned
– Supports Device Boundary Scan
Lock Registers
– Supports IEEE1500
• Security
• DMA
– Crypto Hardware accelerators (AES, SHA,
– On-Chip Enhanced DMA Controller (EDMA)
PKA, RNG)
has Three Third-Party Transfer Controllers
• Boot Modes
(TPTC) and One Third-Party Channel
– Boot Mode is Selected via Boot
Controller (TPCC), Which Supports Up to 64
Configuration Pins Latched on the Rising
Programmable Logical Channels and Eight
Edge of the PWRONRSTn Reset Input Pin
QDMA Channels. EDMA is Used for:
• Packages:
Transfers to/from On-Chip Memories
– 298-Pin S-PBGA-N298 package
Transfers to/from External Storage (EMIF,
(ZCE Suffix), 0.65-mm Ball Pitch
General-Purpose Memory Controller,
– 324-Pin S-PBGA-N324 package
Slave Peripherals)
(ZCZ Suffix), 0.80-mm Ball Pitch
• Inter-Processor Communication (IPC)
1.2
Applications
Gaming Peripherals
Home and Industrial Automation
Consumer Medical Appliances
Printers
Smart Toll Systems
Connected Vending Machines
Weighing Scales
Educational Consoles
Advanced Toys
1.3
Description
The AM335x microprocessors based on the ARM Cortex-A8 are enhanced with image, graphics
processing, peripherals and industrial interface options such as etherCAT and Profibus. The device
supports the following high-level operating systems (OSs), that are available free of charge from TI:
Linux®
Windows® CE
Android
The AM335x microrocessor contains these subsystems:
Microprocessor unit (MPU) subsystem based on the ARM Cortex-A8 microprocessor.
POWERVR® SGX Graphics Accelerator subsystem for 3D graphics acceleration to support display and
gaming effects.
Programmable Real-Time Unit Subsystem (PRUSS) enables the user to create a variety of digital
resources beyond native peripherals of the device. In addition, the PRUSS is separate from the ARM
core. This allows independent operation and clocking to give the device greater flexibility in complex
system solutions.
Note: The subsystem available on this device is the next-generation PRUSS (PRUSSv2).
4
Device Summary
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
www.ti.com: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352


Similar Part No. - XAM3358ZCZD27

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XAM3358ZCE TI1-XAM3358ZCE Datasheet
2Mb / 197P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
More results

Similar Description - XAM3358ZCZD27

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3359_1211 TI1-AM3359_1211 Datasheet
2Mb / 222P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3352BZCZ100 TI1-AM3352BZCZ100 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_14 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI-AM3359_12 Datasheet
2Mb / 195P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_12 Datasheet
2Mb / 197P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359 TI-AM3359_13 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3874 TI1-AM3874 Datasheet
2Mb / 345P
[Old version datasheet]   AM387x Sitara ARM Microprocessors (MPUs)
AM3892 TI-AM3892 Datasheet
1Mb / 299P
[Old version datasheet]   AM389x Sitara ARM Microprocessors (MPUs)
logo
List of Unclassifed Man...
A10S ETC2-A10S Datasheet
1Mb / 82P
   ARM Cortex-A8 Core
A13 ETC2-A13 Datasheet
1Mb / 55P
   ARM Cortex A8 Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com