Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-LNG Datasheet(PDF) 8 Page - IC-Haus GmbH

Part # IC-LNG
Description  16-BIT OPTO ENCODER WITH SPI AND SERIAL /PARALLEL OUTPUTS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LNG Datasheet(HTML) 8 Page - IC-Haus GmbH

Back Button IC-LNG Datasheet HTML 4Page - IC-Haus GmbH IC-LNG Datasheet HTML 5Page - IC-Haus GmbH IC-LNG Datasheet HTML 6Page - IC-Haus GmbH IC-LNG Datasheet HTML 7Page - IC-Haus GmbH IC-LNG Datasheet HTML 8Page - IC-Haus GmbH IC-LNG Datasheet HTML 9Page - IC-Haus GmbH IC-LNG Datasheet HTML 10Page - IC-Haus GmbH IC-LNG Datasheet HTML 11Page - IC-Haus GmbH IC-LNG Datasheet HTML 12Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
preliminary
preliminary
iC-LNG 16-BIT OPTO ENCODER
WITH SPI AND SERIAL / PARALLEL OUTPUTS
Rev A1, Page 8/25
ELECTRICAL CHARACTERISTICS
Operating conditions: VDDA = 4 V to 5.5 V, VDD = 3 V to 5.5 V, GNDA = GND, Tj = -40°C to 125°C, unless otherwise specified.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
208
Vref
Reference Voltage of Photocur-
rent Amplifiers
0.6
0.8
1
V
209
Vd()sc
Analog Track Dark Signal Voltage
versus Vref
Vd()sc = V() - Vref
-20
20
mV
210
Vd()dig
Digital Track Dark Signal Voltage
versus Vref
Vd()dig = V() - Vref
-35
35
mV
Signal Conditioning
301
GSmin,
GCmin
Adjustable Gain Min
GS, GC = 0x00
1
302
GSmax,
GCmax
Adjustable Gain Max
GS, GC = 0x3F
2
303
Gdiff
Differential Gain Calibration
Accuracy
6 bit calibration
-0.5
0.5
LSB
304
Omin
Offset Calibration Min
OSP, OSN, OCP, OCN = 0x00
43
45
47
%VDDA
305
Omax
Offset Calibration Max
OSP, OSN, OCP, OCN = 0x7F
53
55
57
%VDDA
306
Odiff
Differential Offset Calibration
Accuracy
7 bit calibration
0.02
0.08
0.12
%VDDA
Analog Voltage Outputs PSIN, NSIN, PCOS, NCOS
401
Vdc()
DC Output Voltage
Offset adjusted to VDDAH
47
50
53
%VDDA
402
Vpk()
Permissible Signal Amplitude
DC level = VDDA/2
0.5
0.6
V
403
I()mx
Permissible Output Current
-1
1
mA
404
Ri()
Output Impedance
I() = -1 to 1 mA
75
200
LED Current Control, Error Message ERR
501
Imx()
Permissible LED Current
-100
0
mA
502
Iop()
LED Current Control Range
ERRS (internal) = 0, V(LED) > Vs(LED)
-50
-1
mA
503
Vs()
Saturation Voltage at LED
Vs() = V(VDDA) - V(LED),
Tj = -40°C to 100°C, I() = -50 mA
1
V
Tj = 100°C to 125°C, I() = -45 mA
1
V
504
tr()
Current Rise Time LED at LED
I(LED): 0 % → 90 %
0.8
1.5
ms
505
tset()
Current Settling Time of Control
Loop at LED
amplitude at PSIN, NSIN, PCOS and NCOS
from 50 % to 100 % of setpoint
300
µs
506
Vs()hi
Saturation Voltage hi at ERR
Vs()hi = VDD - V(ERR)
400
mV
VDD = 3 V to 4 V, I() = 2.5 mA
VDD = 4 V to 5.5 V, I() = 3.5 mA
507
Isc()hi
Short-Circuit Current hi in ERR
-100
-4
mA
508
Vs()lo
Saturation Voltage lo at ERR
VDD = 3 V to 4 V, l() = 2.5 mA
400
mV
VDD = 4 V to 5.5 V, l() = 3.5 mA
509
Isc()lo
Short-Circuit Current lo in ERR
4
100
mA
Interpolator
701
AAabs
Absolute Angle Accuracy
referenced to one SIN/COS period
-5
5
DEG
702
AArel
Relative Angle Accuracy
referenced to one AB period, see Figure 1
-10
10
%
703
AAhys
Angle Hysteresis
referenced to one SIN/COS period
1
7
DEG
704
tw()hi
Duty Cycle
referenced to AB period T, see Figure 1
50
%
705
tAB
Phase A versus B
see Figure 1
25
%
Incremental Outputs INCA, INCB, INCZ
801
Vs()hi
Saturation Voltage hi
Vs()hi = VDD - V()
400
mV
VDD = 3 V to 4 V, I() = 2.5 mA
VDD = 4 V to 5.5 V, I() = 3.5 mA
802
Isc()hi
Short-Circuit Current hi
-100
-4
mA
803
Vs()lo
Saturation Voltage lo
VDD = 3 V to 4 V, l() = 2.5 mA
400
mV
VDD = 4 V to 5.5 V, l() = 3.5 mA
804
Isc()lo
Short-Circuit Current lo
4
100
mA
805
tr()
Rise Time
CL = 30 pF, V(): 10% → 90% VDD
30
ns
806
tf()
Fall Time
CL = 30 pF, V(): 90% → 10% VDD
30
ns


Similar Part No. - IC-LNG

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LNG ICHAUS-IC-LNG Datasheet
1Mb / 30P
   16-BIT OPTO ENCODER
IC-LNG ICHAUS-IC-LNG_14 Datasheet
1Mb / 30P
   16-BIT OPTO ENCODER
More results

Similar Description - IC-LNG

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LNB ICHAUS-IC-LNB Datasheet
471Kb / 2P
   18-BIT OPTICAL ENCODER WITH SPI AND SERIAL/PARALLEL OUTPUTS
IC-LNG ICHAUS-IC-LNG_14 Datasheet
1Mb / 30P
   16-BIT OPTO ENCODER
IC-LNB ICHAUS-IC-LNB_13 Datasheet
1Mb / 35P
   18-BIT OPTO ENCODER WITH SPI AND SER/PAR INTERFACES
IC-LV ICHAUS-IC-LV_16 Datasheet
468Kb / 15P
   5-BIT OPTO ENCODER
IC-OV ICHAUS-IC-OV Datasheet
412Kb / 9P
   5-BIT OPTO ENCODER
IC-LV ICHAUS-IC-LV Datasheet
196Kb / 12P
   5-BIT OPTO ENCODER
IC-LNB ICHAUS-IC-LNB_16 Datasheet
1Mb / 37P
   18-BIT OPTO ENCODER
IC-OF ICHAUS-IC-OF Datasheet
143Kb / 6P
   3-BIT OPTO ENCODER
IC-LG ICHAUS-IC-LG Datasheet
519Kb / 2P
   21-BIT OPTICAL POSITION ENCODER WITH SERIAL/PARALLEL AND SIN/COS OUTPUT
IC-LGC ICHAUS-IC-LGC Datasheet
399Kb / 2P
   21-BIT OPTICAL POSITION ENCODER WITH SERIAL/PARALLEL AND SIN/COS OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com