Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-HG Datasheet(PDF) 6 Page - IC-Haus GmbH

Part # IC-HG
Description  3 A LASER SWITCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HG Datasheet(HTML) 6 Page - IC-Haus GmbH

Back Button IC-HG_11 Datasheet HTML 2Page - IC-Haus GmbH IC-HG_11 Datasheet HTML 3Page - IC-Haus GmbH IC-HG_11 Datasheet HTML 4Page - IC-Haus GmbH IC-HG_11 Datasheet HTML 5Page - IC-Haus GmbH IC-HG_11 Datasheet HTML 6Page - IC-Haus GmbH IC-HG_11 Datasheet HTML 7Page - IC-Haus GmbH IC-HG_11 Datasheet HTML 8Page - IC-Haus GmbH IC-HG_11 Datasheet HTML 9Page - IC-Haus GmbH IC-HG_11 Datasheet HTML 10Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
prel
imin
ary
prel
imin
ary
iC-HG
3 A LASER SWITCH
Rev A2, Page 6/21
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 3.0...5.5 V, AGND1. . . 6 = GND, Tj = -25...125 °C unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Total Device (x = 1. . . 6)
001
VDD
Permissible Supply Voltage
3
5.5
V
002
I(VDD)
Supply Current in VDD
CW operation
10
mA
003
I(VDD)
Supply Current in VDD
pulsed operation, f(ENx) = 200 MHz
700
mA
004
V(LDKx)
Permissible Voltage at LDKx
-0.3
12
V
005
V(NER)
Permissible Voltage at NER
-0.3
5.5
V
006
Vc()hi
Clamp Voltage hi at LDKx
I(LDK) = 10 mA
12.1
18
V
007
Vc(NER)
Clamp Voltage hi at NER
I(NER) = 1 mA
7
15
18
V
008
Vc(CIx)hi
Clamp Voltage hi at CIx
Vc(CIx) = V(CIx) − VDD;
I(CI) = 10 mA, other pins open
0.3
1.6
V
009
Vc()hi
Clamp Voltage hi at ENx, ELVDS Vc() = V() − VDD;
I() = 1 mA, other pins open
0.8
3
V
010
Vc()lo
Clamp Voltage lo at VDD, LDKx,
CIx, ENx, AGNDx, ELVDS, NER
I() = -10 mA, other pins open
-1.6
-0.3
V
Laser Control LDK1. . . 6, CI1. . . 6 (x = 1. . . 6)
101
Icw(LDKx) Permissible CW Current in LDKx
(per channel)
500
mA
102
Vs(LDKx)
Saturation Voltage at LDKx
I(LDKx) = 450 mA,
V(CIx) = V(CIx)@I(LDKx) = 500 mA
1.5
V
103
I0(LDKx)
Leakage Current in LDKx
ENx = lo, V(LDKx) = 12 V
100
µA
104
tr()
LDKx Current Rise Time Fast
Iop(LDKx) = 500 mA, I(LDKx): 10% → 90% Iop,
V(ELVDS) = 0 V or VDD
1
ns
105
tf()
LDKx Current Fall Time Fast
Iop(LDKx) = 500 mA, I(LDKx): 90% → 10% Iop,
V(ELVDS) = 0 V or VDD
1
ns
106
tr()
LDKx Current Rise Time Slow
Iop(LDKx) = 500 mA, I(LDKx): 10% → 90% Iop,
V(ELVDS) = 30% VDD or 70% VDD, VDD = 5 V
5
10
40
ns
107
tf()
LDKx Current Fall Time Slow
Iop(LDKx) = 500 mA, I(LDKx): 90% → 10% Iop,
V(ELVDS) = 30% VDD or 70% VDD, VDD = 5 V
5
10
40
ns
108
tr()
LDKx Current Rise Time Slow
Iop(LDKx) = 500 mA, I(LDKx): 10% → 90% Iop,
V(ELVDS) = 30% VDD or 70% VDD,
VDD = 3.3 V
10
30
90
ns
109
tf()
LDKx Current Fall Time Slow
Iop(LDKx) = 500 mA, I(LDKx): 90% → 10% Iop,
V(ELVDS) = 30% VDD or 70% VDD,
VDD = 3.3 V
10
30
90
ns
110
tp()
Propagation Delay Fast
V(ENx) → I(LDKx)
V(ELVDS) = 0 V or VDD, Differential LVDS Rise
and Fall Time < 0.5 ns
3
5
14
ns
111
CR()
Current Matching all Channels
0.9
1.1
112
V(CIx)
Permissible Voltage at CIx
-0.3
VDD
V
113
Vt(CIx)
Threshold Voltage at CIx
I(LDKx) < 5 mA
0.5
1.2
V
114
V(CIx)
Operating Voltage at CIx
I(LDKx) = 500 mA, V(LDKx) > 1.8 V
2
2.9
V
115
Ipd(CIx)
Pull-Down Current at CIx
V(CIx) = 0.5. . . 5.5 V
1
2.5
5
µA
116
C(CIx)
Capacity at CIx
V(CIx) = 2 V
500
635
760
pF
117
Vc(LDKx)
Clamp Voltage at LDKx
I(LDKx) = 100 mA, tclamp < 1 ms,
tclamp/T < 1:100
12.5
20
V
Input EN1. . . 6 (x = 1. . . 6)
201
Vt(TTL)hi
Input Threshold Voltage hi
V(ELVDS) < 35% VDD, TTL
2
V
202
Vt(TTL)lo
Input Threshold Voltage lo
V(ELVDS) < 35% VDD, TTL
0.8
V
203
Vhys(TTL) Hysteresis
Vhys() = Vt()hi − Vt()lo;
V(ELVDS) < 35% VDD, TTL
50
mV
204
I(ENx)
Pulldown Current
V(ELVDS) < 35% VDD, V() = 0.8 V. . . VDD, TTL
4
30
80
µA
205
R(ENx)
Differential Input Impedance at
ENx
V(ELVDS) > 65% VDD, V(ENx) < VDD − 1.4 V,
LVDS
14
28
kΩ
206
Vdiff
Differential Voltage
Vdiff = |V(EN1,3,5) − V(EN2,4,6)|;
V(ELVDS) > 65% VDD, LVDS
200
mV


Similar Part No. - IC-HG_11

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-HG ICHAUS-IC-HG_13 Datasheet
913Kb / 20P
   3 A LASER SWITCH
IC-HG ICHAUS-IC-HG_14 Datasheet
901Kb / 20P
   3A LASER SWITCH
More results

Similar Description - IC-HG_11

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-HG ICHAUS-IC-HG_13 Datasheet
913Kb / 20P
   3 A LASER SWITCH
logo
Roithner LaserTechnik G...
HGQFN28 ROITHNER-HGQFN28 Datasheet
901Kb / 20P
   3 A LASER SWITCH
logo
IC-Haus GmbH
IC-HK ICHAUS-IC-HK Datasheet
322Kb / 8P
   155MHz LASER SWITCH
logo
Roithner LaserTechnik G...
HKSO8-TP ROITHNER-HKSO8-TP Datasheet
322Kb / 8P
   155MHz LASER SWITCH
HKBMSOP8 ROITHNER-HKBMSOP8 Datasheet
322Kb / 8P
   155MHz LASER SWITCH
logo
IC-Haus GmbH
IC-HK ICHAUS-IC-HK_1 Datasheet
980Kb / 13P
   155MHz LASER SWITCH
logo
Roithner LaserTechnik G...
HKMSOP8 ROITHNER-HKMSOP8 Datasheet
322Kb / 8P
   155MHz LASER SWITCH
logo
IC-Haus GmbH
IC-HK ICHAUS-IC-HK_15 Datasheet
422Kb / 10P
   155MHz LASER SWITCH
IC-HG ICHAUS-IC-HG Datasheet
844Kb / 19P
   3A LASER SWITCH
IC-HG ICHAUS-IC-HG_14 Datasheet
901Kb / 20P
   3A LASER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com