Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM3871BCYE80 Datasheet(PDF) 5 Page - Texas Instruments

Part # AM3871BCYE80
Description  AM387x Sitara ARM Microprocessors (MPUs)
Download  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871BCYE80 Datasheet(HTML) 5 Page - Texas Instruments

  AM3871BCYE80 Datasheet HTML 1Page - Texas Instruments AM3871BCYE80 Datasheet HTML 2Page - Texas Instruments AM3871BCYE80 Datasheet HTML 3Page - Texas Instruments AM3871BCYE80 Datasheet HTML 4Page - Texas Instruments AM3871BCYE80 Datasheet HTML 5Page - Texas Instruments AM3871BCYE80 Datasheet HTML 6Page - Texas Instruments AM3871BCYE80 Datasheet HTML 7Page - Texas Instruments AM3871BCYE80 Datasheet HTML 8Page - Texas Instruments AM3871BCYE80 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 345 page
background image
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
1
High-Performance System-on-Chip (SoC)
......... 1
7.3
Reset
.............................................. 175
7.4
Clocking
........................................... 183
1.1
Features
.............................................. 1
7.5
Interrupts
.......................................... 198
1.2
Applications
.......................................... 2
8
Peripheral Information and Timings
............. 201
1.3
Description
........................................... 3
8.1
Parameter Information
............................ 201
1.4
Functional Block Diagram
............................ 4
8.2
Recommended Clock and Control Signal Transition
2
Device Overview
........................................ 6
Behavior
........................................... 202
2.1
Device Comparison
.................................. 6
8.3
Controller Area Network Interface (DCAN)
....... 202
8.4
EDMA
............................................. 204
2.2
Device Characteristics
............................... 6
8.5
Emulation Features and Capability
............... 207
2.3
Device Compatibility
................................. 9
8.6
Ethernet MAC Switch (EMAC SW)
................ 211
2.4
ARM
® Cortex™-A8 Microprocessor Unit (MPU)
Subsystem Overview
................................ 9
8.7
General-Purpose Input/Output (GPIO)
............ 226
8.8
General-Purpose Memory Controller (GPMC) and
2.5
Media Controller Overview
......................... 11
Error Location Module (ELM)
..................... 229
2.6
SGX530 Overview
.................................. 12
8.9
High-Definition Multimedia Interface (HDMI)
...... 246
2.7
Spinlock Module Overview
......................... 12
8.10
High-Definition Video Processing Subsystem
(HDVPSS)
......................................... 249
2.8
Mailbox Module Overview
.......................... 13
8.11
Inter-Integrated Circuit (I2C)
...................... 255
2.9
Memory Map Summary
............................. 14
8.12
Imaging Subsystem (ISS)
......................... 259
3
Device Pins
............................................. 21
8.13
LPDDR/DDR2/DDR3 Memory Controller
......... 262
3.1
Pin Maps
............................................ 21
8.14
Multichannel Audio Serial Port (McASP)
.......... 295
3.2
Terminal Functions
................................. 30
8.15
Multichannel Buffered Serial Port (McBSP)
....... 303
4
Device Configurations
.............................. 139
8.16
MultiMedia Card/Secure Digital/Secure Digital Input
4.1
Control Module Registers
......................... 139
Output (MMC/SD/SDIO)
........................... 308
4.2
Boot Modes
....................................... 139
8.17
Peripheral Component Interconnect Express (PCIe)
..................................................... 311
4.3
Pin Multiplexing Control
........................... 146
8.18
Serial ATA Controller (SATA)
..................... 316
4.4
Handling Unused Pins
............................ 156
8.19
Serial Peripheral Interface (SPI)
.................. 320
4.5
DeBugging Considerations
........................ 156
8.20
Timers
............................................. 327
5
System Interconnect
................................ 158
8.21
Universal Asynchronous Receiver/Transmitter
6
Device Operating Conditions
...................... 163
(UART)
............................................ 329
6.1
Absolute Maximum Ratings
....................... 163
8.22
Universal Serial Bus (USB2.0)
.................... 331
9
Device and Documentation Support
............. 339
6.2
Recommended Operating Conditions
............. 164
9.1
Device Support
.................................... 339
6.3
Electrical Characteristics Over Recommended
Ranges of Supply Voltage and Operating
9.2
Documentation Support
........................... 340
Temperature (Unless Otherwise Noted)
.......... 166
9.3
Community Resources
............................ 340
7
Power, Reset, Clocking, and Interrupts
......... 168
10
Mechanical
............................................ 341
7.1
Power, Reset and Clock Management (PRCM)
10.1
Thermal Data for CYE-04 (Top Hat)
.............. 341
Module
............................................ 168
10.2
Packaging Information
............................ 341
7.2
Power
.............................................. 168
Copyright
© 2011, Texas Instruments Incorporated
Contents
5
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871


Similar Part No. - AM3871BCYE80

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3871CCYE100 TI1-AM3871CCYE100 Datasheet
2Mb / 358P
[Old version datasheet]   Sitara ARM Processors
AM3871CCYE80 TI1-AM3871CCYE80 Datasheet
2Mb / 358P
[Old version datasheet]   Sitara ARM Processors
More results

Similar Description - AM3871BCYE80

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3892 TI-AM3892 Datasheet
1Mb / 299P
[Old version datasheet]   AM389x Sitara ARM Microprocessors (MPUs)
AM3352BZCZ100 TI1-AM3352BZCZ100 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_14 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3894 TI1-AM3894_15 Datasheet
2Mb / 313P
[Old version datasheet]   Sitara ARM Microprocessors
AM3874 TI-AM3874_15 Datasheet
1Mb / 361P
[Old version datasheet]   AM387x Sitara??ARM Processors
AM3715CBP TI-AM3715CBP Datasheet
2Mb / 280P
[Old version datasheet]   Sitara ARM Microprocessors
AM3715 TI1-AM3715_17 Datasheet
3Mb / 280P
[Old version datasheet]   Sitara ARM Microprocessors
AM3703 TI1-AM3703 Datasheet
3Mb / 280P
[Old version datasheet]   AM3715, AM3703 Sitara ARM Microprocessors
AM3359 TI1-AM3359 Datasheet
1Mb / 162P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI-AM3359_13 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com